Part Number Hot Search : 
BYV29 LA7015N C2471 NJU7305M 48801 TPM754A TG40E80 EM78862
Product Description
Full Text Search
 

To Download SAR605SD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TM TM
miniature fully screened, open frame 3.5 kV, 4A
6 series
A fully screened relay offering low RF loss and high current carrying capacity, which was developed with RF design engineers in the radio communications industry. The relay coil is totally enclosed in a copper screen, resulting in lower self-heating and RF loss, and Rhodium contacts are used in the vacuum reed switches, yielding higher carry currents for a given frequency and ambient temperature. Available as Form A (SPNO), Form B (SPNC) or latching (bistable) contact configurations with switch connections via either PCB or flying lead Contact Units Conditions Contact Material Isolation across contacts kV DC or AC peak Max. carry current A DC or AC rms Max. switching power W Max. switching voltage V DC or AC peak Max. switching current A DC or AC peak Capacitance across contacts pF coil/screen grounded Lifetime operations dry switching Lifetime operations 10W switching Contact Resistance mOhms maximum (typical) Insulation Resistance Ohms minimum (typical) Coil Must Operate V DC, 20C Must Release V DC, 20C Min Pulse Length ms Operate Time ms Release Time ms diode fitted Resistance Ohms 20C Construction Isolation contact to coil kV DC or AC peak Environmental Operating temperature range C Limited Current Storage temperature range C Weight gm typical *see graphical data Part Numbering system Reed switch Size - S Contact Form A: Form A, B: Form B, L: Latching Contact Material R: Rhodium Relay Series Number Coil Voltage 5: 5V, 12: 12V, 24: 24V Screening S: Fully Screened Contact Pin Orientation D: PCB U: flying lead
ISO9001C E R T I F I E D
Excellent RF Characteristics Carry Current up to 4A RF at 30MHz 3.5 kV Isolation Low RF Loss Long Lifetime
Form A Rhodium 3 4* 10 20 0.5 <0.1 109 108 80 (30) 1010 (1013) 5V 12V 24V 3.5 8 15 1 2 4 N/A N/A N/A 1.0 1.0 1.0 0.5 0.5 0.5 70 380 1500 3 -40 to +100* -40 to +125 5.3 S
Form B Rhodium 3 4* 10 20 0.5 <0.1 109 108 80 (30) 1010 (1013) 5V 12V 24V 3.5 8 15 1 2 4 N/A N/A N/A 1.0 1.0 1.0 0.5 0.5 0.5 65 350 1200 3 -40 to +100* -40 to +125 6.1 A R 6
Latching Rhodium 3.5 1.5 10 20 0.5 <0.1 109 108 80 (30) 1010 (1013) 5V 12V N/A N/A 3 7 2.0 2.0 1.0 1.0 1.0 1.0 100 500 3.5 -40 to +100 -40 to +125 5.0 05 S U
Competitive part number cross-reference available at:
www.cynergy3.com
miniature fully screened, open frame 3.5 kV, 4A
SAR6xxSx / SBR6xxSx
4.5 4 3.5
Current (A)
6 series
Max Current vs. Frequency
3 2.5 2 1.5 1 0.5 0 0 5 10 15 20 Frequency (MHz) 25 65C 85C 100C
30
Mechanical Dimensions All dimensions are in millimeters (inches)
Flying Lead
29.5 max. (1.16") 29.5 max. (1.16") 10.0 max. (0.39")
15.0 max. (0.59")
PCB Mount
15.0 max. (0.59")
Pins 3, 4 require 1mm diameter 0.05 holes
5.08 (0.2")
5.08 (0.2") 10.16 (0.4") 25.4 (1.0")
The following Pins require 0.9mm diameter 0.05mm holes, where fitted 1, 2, 5, 6, 7, 8, 9
Circuit diagram, Form A
1 3 56789 2 4 3
Circuit diagram, Form B
1 2 4 3
Circuit diagram, Latching
1 2 4
(+)
56789
Set
Pin 7 not fitted
56789
Pin 7 not fitted
(all pins views from above)
ISO9001 Certified
USA Sales & Tech Support(866) 258-5057 Email: sales@cynergy3.com Cynergy3 Components 2320 Paseo de las Americas, Suite 104 San Diego, CA 92154 EUROPE - UK Telephone +44 (0) 1202 897969 Fax +44 (0) 1202 891918 Email:sales@cynergy3.com Cynergy3 Components Ltd. 7 Cobham Road Ferndown Industrial Estate Wimborne, Dorset BH21 7PE ASIA - Thailand Telephone +66 (0)2 665 2517 Fax +66 (0)2 665 2588 Cynergy 3 Components, Asia 18/8 Fico Place 12th Floor Soi Sukhumvit 21 (Asoke) Klongtoey Nua, Wattana Bangkok, Thailand 10110
(c) 2007 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Corp. *Other names and brands may be claimed as the property of others.
-+
Reset


▲Up To Search▲   

 
Price & Availability of SAR605SD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X