Part Number Hot Search : 
1N2383A MBR101 02780279 HTZ110A C8051 BDX36 TMEGA1 126SFL
Product Description
Full Text Search
 

To Download SAC5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 500W Low Capacitance Transient Voltage Suppressor SAC5.0 - SAC50
500W Low Capacitance Transient Voltage Suppressor
Features
* * * * Stand-off voltage from 5.0 to 50 volts Glass passivated junction Excellent clamping capability Low incremental surge resistance
DO-15 * 400W peak pulse capability with a 10/1000us waveform, Repetition rate (duty cycle): 0.01% * Fast response time: typically less than 1.0ps from 0V to VBR * Ideal for data line applications * High temperature soldering guaranteed 265C/10 seconds, 0.375" (9.5mm) lead length, 5lbs, (2.3kg) tension * This series is UL recognized under component index. File number E315008 * RoHS Compliant
Mechanical Data
Case: Epoxy: Terminals: Polarity: Mounting position: Weight: JEDEC DO-15 molded plastic body over passivated junction Plastic package has UL flammability classification 94V-0 Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Color band denotes positive end (cathode) Any 0.015 Ounce, 0. 4 gram
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol PPPM IPPM PM(AV) Description
Peak Pulse Power Dissipation on 10/1000 us waveform Peak Pulse current with a 10/1000 us waveform Steady State Power Dissipation Operating Junction and Storage
Value
Minimum 500 See Table 3 -55 to 175
Unit
W A W C
Conditions
Non-repetitive current pulse, per Fig.3 and derated above TA=25 C per Fig.2
TL= 75 C with lead lengths or 0.375" (9.5mm)
TJ,TSTG Temperature Range
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. B/AH 2007-09-26 Page 1 of 4
500W Low Capacitance Transient Voltage Suppressor SAC5.0 - SAC50
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Min. Breakdown Voltage @ Test Current Standoff Voltage Max. Reverse Leakage @ V WM Max. Clamping Voltage @ Max. Peak Pulse Current @ 10/1000us Max. Junction Capacitance @ 0V Peak Inverse Blocking Voltage
500W
IPPM=5.0A VC (V)
10.0 11.2 12.6 13.4 14.0 16.3 19.0 23.6 28.8 35.4 42.3 48.6 60.0 77.0 88.0
V WM
Part NO. SAC5.0 SAC6.0 SAC7.0 SAC8.0 SAC8.5 SAC10 SAC12 SAC15 SAC18 SAC22 SAC26 SAC30 SAC36 SAC45 SAC50 V(BR)(V) 7.60 7.90 8.33 8.89 9.44 11.10 13.30 16.70 20.00 24.40 28.90 33.30 40.00 50.00 55.50 IT(mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 (V) 5.0 6.0 7.0 8.0 8.5 10.0 12.0 15.0 18.0 22.0 26.0 30.0 36.0 45.0 50.0
ID (A)
300.0 300.0 300.0 100.0 50.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
IPPM (A)
44.0 41.0 38.0 36.0 34.0 29.0 25.0 20.0 15.0 14.0 11.1 10.0 8.6 6.8 5.8
C(pF)
50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
VPIB(V)
100 100 100 100 100 100 100 100 100 100 100 100 100 200 200
Typical Characteristics Curves
PPPM - Peak Pulse Power Dissipation (KW)
Fig.1- Peak Pulse Power Rating Curve Fig.2- Power Derating Curve
Td - Pulse Width (sec.)
Percentage of Rated Power, (%)
TL - Lead Temperature (C) Rev. B/AH 2007-09-26
www.taitroncomponents.com
Page 2 of 4
500W Low Capacitance Transient Voltage Suppressor SAC5.0 - SAC50
Fig.3- Pulse Waveform Fig.4- AC Line Protection Application
IPPM - Peak Pulse current (%)
T - Time (ms)
Dimensions in inches (mm)
DO-15
Rev. B/AH 2007-09-26 www.taitroncomponents.com Page 3 of 4
500W Low Capacitance Transient Voltage Suppressor SAC5.0 - SAC50
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. B/AH 2007-09-26 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of SAC5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X