Part Number Hot Search : 
OM6228SS Q6503 13N03 1SS99 TC186 2SC3409 KYP75 SSF304
Product Description
Full Text Search
 

To Download RP102K301B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RP102x SERIES
LOW NOISE 300mA LDO REGULATOR
NO.EA-141-070727
OUTLINE
The RP102x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low supply current, low ON-resistance, and high ripple rejection. Each of these ICs consists of a voltage reference unit, an error amplifier, a resistor-net for voltage setting, a current limit circuit and a chip enable circuit. These ICs perform with low dropout voltage and "chip enable" function. The line transient response and load transient response of the RP102x Series are excellent, thus these ICs are very suitable for the power supply for hand-held communication equipment. The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are SOT-23-5, PLP1820-6, and WLCSP-4-P2, therefore high density mounting of the ICs on boards is possible.
FEATURES
* * * * * * * * * * Supply Current ......................................................Typ. 50A Standby Mode .......................................................Typ. 0.1A Dropout Voltage ....................................................Typ. 0.12V (IOUT=300mA, VOUT=2.8V) Ripple Rejection....................................................Typ. 80dB (f=1kHz) Temperature-Drift Coefficient of Output Voltage ...Typ. 20ppm/C Line Regulation .....................................................Typ. 0.02%/V Output Voltage Accuracy.......................................0.8% Packages ..............................................................WLCSP-4-P2, PLP1820-6, SOT-23-5 Input Voltage Range .............................................1.7V to 5.25V Output Voltage ......................................................1.2V, 1.25V, 1.3V, 1.5V, 1.8V, 1.85V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.3V * Built-in Fold Back Protection Circuit .....................Typ. 50mA (Current at short mode) * Ceramic capacitors are recommended to be used with this IC ......CIN=COUT=1F or more
APPLICATIONS
* Power source for portable communication equipment. * Power source for electrical appliances such as cameras, VCRs and camcorders. * Power source for battery-powered equipment.
1
RP102x
BLOCK DIAGRAMS
RP102xxx1B RP102xxx1D
VDD
VOUT
VDD
VOUT
Vref Current Limit
Vref Current Limit
CE
GND
CE
GND
SELECTION GUIDE
The output voltage, auto discharge function*, and the taping type for the ICs can be selected at the user's request. The selection can be made with designating the part number as shown below;
RP102xxx1x-xx-x
ab Code cde
Part Number
Contents
a
b
c d e
Designation of Package Type: K: PLP1820-6 N: SOT-23-5 Z: WL-CSP4-P2 Setting Output Voltage (VOUT): 1.2V, 1.25V, 1.3V, 1.5V, 1.8V, 1.85V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.3V Exceptions: 1.25V=RP102x121x5-xx-x, 1.85V=RP102x181x5-xx-x, 2.85V=RP102x281x5-xx-x. Designation of Mask Option B: active high, without auto discharge function* at OFF state. D: active high, with auto discharge function* at OFF state. Designation of Taping Type: Ex: TR (refer to Taping Specifications; TR type is the standard direction.) Designation of composition of pin plating: -F: Lead free plating (SOT-23-5,WLCSP-4-P2) None: Au plating (PLP1820-6)
*) When the mode is into standby with CE signal, auto discharge transistor turns on, and it makes the turn-off speed faster than normal type.
2
RP102x
PIN CONFIGURATIONS
* WLCSP-4-P2
Mark Side
4 3
3
* PLP1820-6
Top View
6
4
* SOT-23-5
5 4
4 5 6
Bump Side
Bottom View
5
4
(mark side)
1 2
2 1
1
1 2 3 3 2 1
2
3
PIN DESCRIPTION
*
WLCSP-4-P2
Pin No. Symbol Description
*
VDD CE GND VOUT Input Pin Chip Enable Pin Ground Pin Output Pin
PLP1820-6*
Pin No. Symbol Description
1 2 3 4
1 2 3 4 5 6
VOUT VOUT GND CE VDD VDD
Output Pin Output Pin Ground Pin Chip Enable Pin Input Pin Input Pin
Tab in the parts have GND level. (They are connected to the back side of this IC.) Do not connect to other wires or land patterns.
*
SOT-23-5
Pin No. Symbol Description
1 2 3 4 5
VDD GND CE NC VOUT
Input Pin Ground Pin Chip Enable Pin No Connection Output Pin
3
RP102x
ABSOLUTE MAXIMUM RATINGS
Symbol Item Rating Unit
VIN VCE VOUT IOUT PD
Input Voltage Input Voltage (CE Pin) Output Voltage Output Current Power Dissipation (WLCSP-4-P2) * Power Dissipation (PLP1820-6) * Power Dissipation (SOT-23-5) * Operating Temperature Range Storage Temperature Range
6.0 6.0
-0.3 to VIN+0.3
V V V mA mW
C C
300 530 420 880
-40 to 85 -55 to 125
Topt Tstg
*) For Power Dissipation, please refer to PACKAGE INFORMATION to be described.
4
RP102x
ELECTRICAL CHARACTERISTICS
*
RP102xxx1B/D
VIN=Set VOUT+1V for VOUT options grater than 1.5V. VIN=2.5V for VOUT IOUT=1mA, CIN=COUT=1F, unless otherwise noted.
Symbol Item Conditions
< =
1.5V.
Topt=25C
Min. x0.992 -16
< =
Typ.
Max. x1.008 +16
Unit
VOUT IOUT
VOUT/ IOUT
Output Voltage Output Current Load Regulation Dropout Voltage Supply Current Supply Current (Standby) Line Regulation Ripple Rejection Input Voltage* Output Voltage Temperature Coefficient Short Current Limit CE Pull-down Current CE Input Voltage "H" CE Input Voltage "L" Output Noise Low Output Nch Tr. ON Resistance (of D version)
VIN=Set VOUT+1V
VOUT > 2.0V VOUT 2.0V
V mV mA
300 1mA 1mA
< = < =
IOUT IOUT
< = < =
150mA 300mA
10 20 50 0.1
20 40 70 2.0 0.10
mV
VDIF ISS Istandby
VOUT/ VIN
Refer to the Electrical Characteristics by Output Voltage IOUT=0mA VCE=0V Set VOUT+0.5V
< =
A A
VIN
< =
5V
0.02 80 1.7
%/V dB
RR VIN
VOUT/ Topt
f=1kHz, Ripple 0.2Vp-p VIN=Set VOUT+1V, IOUT=30mA (In case that VOUT < 2V, VIN=3V) =
5.25
20
V ppm /C mA
-40C
< =
Topt
< =
85C
Ilim IPD VCEH VCEL en RLOW
VOUT=0V 0.05 1.5
50 0.3 0.6 0.3
A
V V
Vrms
BW=10Hz to 100kHz IOUT=30mA VIN=4V VCE=0V
30 30
*) When Input Voltage is 5.5V, the total operational time must be within 500hrs.
*
Electrical Characteristics by Output Voltage
Output Voltage VOUT (V) Dropout Voltage VDIF (V) Condition Typ. Max. Condition Typ.
Topt=25C
Max.
1.2V 1.5V 1.7V 2.0V 2.5V 2.8V
< = < = < = < = < = < =
VOUT < 1.5V VOUT < 1.7V VOUT < 2.0V VOUT < 2.5V VOUT < 2.8V VOUT
< =
0.145 0.110 IOUT=150mA 0.100 0.085 0.070 0.060
0.160 0.140 0.120 0.100 0.095 IOUT=300mA
0.290 0.220 0.200 0.170 0.140 0.120
0.500 0.320 0.280 0.240 0.200 0.190
3.3V
5
RP102x
TYPICAL APPLICATION
VDD C1 VOUT C2
RP102x Series CE GND
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For this purpose, use a capacitor C2 with good frequency characteristics and ESR (Equivalent Series Resistance). (Note: If additional ceramic capacitors are connected with parallel to the output pin with an output capacitor for phase compensation, the operation might be unstable. Because of this, test these ICs with as same external components as ones to be used on the PCB.) PCB Layout Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result. Connect a capacitor C1 with a capacitance value as much as 1.0F or more between VDD and GND pin, and as close as possible to the pins. Set external components, especially the output capacitor C2, as close as possible to the ICs, and make wiring as short as possible.
6
RP102x
TEST CIRCUITS
VDD C1 VOUT C2 V VOUT IOUT
RP102x Series CE GND
C1=Ceramic 1.0F C2=Ceramic 1.0F
Basic Test Circuit
VDD A ISS C1
VOUT C2
RP102x Series CE GND
C1=Ceramic 1.0F C2=Ceramic 1.0F
Test Circuit for Supply Current
Pulse Generator P.G.
VDD
VOUT C2 IOUT
RP102x Series CE GND
C2=Ceramic 1.0F
Test Circuit for Ripple Rejection
7
RP102x
VDD C1
VOUT C2
RP102x Series CE GND
IOUTa
IOUTb
C1=Ceramic 1.0F C2=Ceramic 1.0F
Test Circuit for Load Transient Response
8
RP102x
TYPICAL CHARACTERISTIC
1) Output Voltage vs. Output Current (CIN=1.0F, COUT=1.0F, Topt=25C)
RP102x121x
1.4
Output Voltage VOUT (V) Output Voltage VOUT (V)
RP102x251x
3.0 2.5 2.0 1.5 1.0 0.5 0 0 100 200 300 400 500 600 700 Output Current IOUT (mA) VIN=3.5V VIN=4.2V VIN=5.0V VIN=5.5V
1.2 1.0 0.8 0.6 0.4 0.2 0 0 VIN=2.2V VIN=3.6V VIN=4.2V VIN=5.0V VIN=5.5V 100 200 300 400 500 600 700 Output Current IOUT (mA)
RP102x331x
4.0
Output Voltage VOUT (V)
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 100 200 300 400 500 600 700 Output Current IOUT (mA) VIN=4.2V VIN=5.0V VIN=5.5V
2) Output Voltage vs. Input Voltage (CIN=1.0F, COUT=1.0F, Topt=25C)
RP102x121x
1.4
Output Voltage VOUT (V) Output Voltage VOUT (V)
RP102x251x
2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 0 1 2 3 4 Input Voltage VIN (V) 5 IOUT=1mA IOUT=30mA IOUT=50mA
1.2 1.0 0.8 0.6 0.4 0.2 0 0 1 2 3 4 Input Voltage VIN (V) 5 IOUT=1mA IOUT=30mA IOUT=50mA
9
RP102x
RP102x331x
3.5
Output Voltage VOUT (V)
3.0 2.5 2.0 1.5 1.0 0.5 0 0 1 2 3 4 Input Voltage VIN (V) 5 IOUT=1mA IOUT=30mA IOUT=50mA
3) Supply Current vs. Input Voltage (CIN=1.0F, COUT=1.0F, Topt=25C)
RP102x121x
60 60
RP102x251x
Supply Current ISS (A)
40 30 20 10 0 0 1 2 3 4 Input Voltage VIN (V) 5
Supply Current ISS (A)
50
50 40 30 20 10 0 0 1 2 3 4 Input Voltage VIN (V) 5
RP102x331x
60
Supply Current ISS (A)
50 40 30 20 10 0 0 1 2 3 4 Input Voltage VIN (V) 5
10
RP102x
4) Output Voltage vs. Temperature (CIN=1.0F, COUT=1.0F, IOUT=1mA)
RP102x121x
1.25 1.24 1.23 1.22 1.21 1.20 1.19 1.18 1.17 1.16 1.15 -40 -25
RP102x251x
VIN=2.2V
2.55 2.54 2.53 2.52 2.51 2.50 2.49 2.48 2.47 2.46 2.45 -40 -25
VIN=3.5V
Output Voltage VOUT (V)
0 25 50 Topt Topt (C)
75 85
Output Voltage VOUT (V)
0 25 50 Topt Topt (C)
75 85
RP102x331x
3.35 3.34 3.33 3.32 3.31 3.30 3.29 3.28 3.27 3.26 3.25 -40 -25
VIN=4.3V
Output Voltage VOUT (V)
0 25 50 Topt Topt (C)
75 85
5) Supply Current vs. Temperature (CIN=1.0F, COUT=1.0F, IOUT=0mA)
RP102x121x
60
RP102x251x
VIN=2.2V
60
VIN=3.5V
Supply Current ISS (A)
55
Supply Current ISS (A)
0 25 50 Topt Topt (C) 75 85
55
50
50
45
45
40 -40 -25
40 -40 -25
0 25 50 Topt Topt (C)
75 85
11
RP102x
RP102x331x
60
VIN=4.3V
Supply Current ISS (A)
55
50
45
40 -40 -25
0 25 50 Topt Topt (C)
75 85
6) Dropout Voltage vs. Output Current (CIN=1.0F,COUT=1.0F)
RP102x121x
300 200 85C 25C -40C
RP102x251x
85C 25C -40C
Dropout Voltage VDIF (mV)
250 200 150 100 50 0 0
Dropout Voltage VDIF (mV)
150
100
50
0 50 100 150 200 250 Output Current IOUT (mA) 300 0 50 100 150 200 250 Output Current IOUT (mA) 300
RP102x331x
200 85C 25C -40C
Dropout Voltage VDIF (mV)
150
100
50
0 0 50 100 150 200 250 Output Current IOUT (mA) 300
12
RP102x
7) Dropout Voltage vs Set Output Voltage (CIN=1.0F, COUT=1.0F, Topt=25C)
300
Dropout voltage VDIF (mV)
250 200 150 100 50 0 1.0
10mA 30mA 100mA 150mA 300mA
1.5 2.0 2.5 3.0 Set Output Voltage VREG (V)
3.5
8) Ripple Rejection vs. Input Bias Voltage (CIN=none, COUT=1.0F, Ripple Vp-p=0.2, Topt=25C)
RP102x121x
90 IOUT=1mA 90
RP102x121x
IOUT=30mA
Ripple Rejection RR (dB)
70 60 50 40 30 20 10 0 1.2 1.7 2.2 2.7 3.2 3.7 4.2 4.7 Input Voltage VIN (V) 1kHz 10kHz 100kHz
Ripple Rejection RR (dB)
80
80 70 60 50 40 30 20 10 0 1.2 1.7 2.2 2.7 3.2 3.7 4.2 4.7 Input Voltage VIN (V) 1kHz 10kHz 100kHz
RP102x281x
90 IOUT=1mA 90
RP102x281x
IOUT=30mA
Ripple Rejection RR (dB)
70 60 50 40 30 20 10 0 2.8 3.3 3.8 4.3 4.8 Input Voltage VIN (V) 5.3 1kHz 10kHz 100kHz
Ripple Rejection RR (dB)
80
80 70 60 50 40 30 20 10 0 2.8 3.3 3.8 4.3 4.8 Input Voltage VIN (V) 5.3 1kHz 10kHz 100kHz
13
RP102x
9) Ripple Rejection vs. Frequency (CIN=1.0F, COUT=1.0F, Ripple Vp-p=0.2)
RP102x121x
120 VIN=2.2V 120
RP102x251x
VIN=3.5V
Ripple Reiection RR (dB)
100 80 60 40 20 0 0.1 IOUT=1mA IOUT=30mA IOUT=150mA
Ripple Reiection RR (dB)
100 80 60 40 20 0 0.1 IOUT=1mA IOUT=30mA IOUT=150mA 1 10 100 Frequency f (kHz) 1000
1
10 100 Frequency f (kHz)
1000
RP102x331x
120 VIN=4.3V
Ripple Reiection RR (dB)
100 80 60 40 20 0 0.1 IOUT=1mA IOUT=30mA IOUT=150mA 1 10 100 Frequency f (kHz) 1000
RP102x121x
VIN=2.2V IOUT=30mA
RP102x251x
VIN=3.5V IOUT=30mA
120
120
Ripple Reiection RR (dB)
100 80 60 40 20 0 0.1 TOUT=-40C TOUT=25C TOUT=85C 1 10 100 Frequency f (kHz) 1000
Ripple Reiection RR (dB)
100 80 60 40 20 0 0.1 TOUT=-40C TOUT=25C TOUT=85C 1 10 100 Frequency f (kHz) 1000
14
RP102x
RP102x331x
VIN=4.3V IOUT=30mA
120
Ripple Reiection RR (dB)
100 80 60 40 20 0 0.1 TOUT=-40C TOUT=25C TOUT=85C 1 10 100 Frequency f (kHz) 1000
10) Input Transient Response (CIN=none, COUT=1.0F, IOUT=30mA, tr=tf=5s, Topt=25C)
RP102x121x
4
RP102x251x
5
Output Voltage VOUT (V)
Output Voltage VOUT (V)
Input Voltage VIN(V)
Input Voltage 2
Input Voltage 3
1.200 1.195 1.190 0 20 40 60 Time t (s) 80 100 Output Voltage
2.500 2.495 2.490 0 20 40 60 Time t (s) 80 100 Output Voltage
RP102x331x
6
Output Voltage VOUT (V)
Input Voltage
4
3.300 3.295 3.290 0 20 40 60 Time t (s) 80 100 Output Voltage
Input Voltage VIN(V)
5
Input Voltage VIN(V)
3
4
15
RP102x
11) Load Transient Response (COUT=1.0F, Topt=25C)
RP102x121x
VIN=2.2V tr=tf=0.5s
RP102x251x
VIN=3.5V tr=tf=0.5s
150
150
Output Current IOUT (mA)
50
Output Current 50mA
100mA
50
0
Output Current 50mA
100mA
0
1.20 1.19 1.18 1.17 0 20 40 60 Time t (s) 80 100 Output Voltage
2.50 2.49 2.48 2.47 0 20 40 60 Time t (s) 80 100 Output Voltage
RP102x331x
VIN=3.5V tr=tf=0.5s
150
Output Current 50mA
100mA
50 0
3.30 3.29 3.28 3.27 0 20 40 60 Time t (s) 80 100 Output Voltage
RP102x121x
VIN=2.2V tr=tf=0.5s
Output Current IOUT (mA)
Output Voltage VOUT (V)
100
RP102x251x
VIN=3.5V tr=tf=0.5s
300
300 150 0
Output Current IOUT (mA)
150 0
1.20 1.15 1.10 0 20 40 60 Time t (s) 80 100 Output Voltage
2.50 2.45 2.40 0 20 40 60 Time t (s) 80 100 Output Voltage
16
Output Current IOUT (mA)
Output Voltage VOUT (V)
Output Voltage VOUT (V)
Output Current 1mA
150mA
Output Current 1mA
150mA
Output Current IOUT (mA)
Output Voltage VOUT (V)
Output Voltage VOUT (V)
100
100
RP102x
RP102x331x
VIN=4.3V tr=tf=0.5s
300 150 0
3.30 3.25 3.20 3.15 0 20 40 60 Time t (s) 80 100 Output Voltage
12) Turn On Speed with CE pin (CIN=1.0F, COUT=1.0F, Topt=25C)
RP102x121x
IOUT=0mA 3
CE Input Voltage VCE (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
Output Current IOUT (mA)
Output Current 1mA
Output Voltage VOUT (V)
150mA
RP102x121x
IOUT=30mA 3
CE Input Voltage VCE (V)
2 CE Input Voltage 1 0 1.5 1.0 0.5 0 0 20 40 60 Time t (s) 80 100 Output Voltage
2 CE Input Voltage 1 0 1.5 1.0 0.5 0 0 20 40 60 Time t (s) 80 100 Output Voltage
RP102x121x
IOUT=150mA 3
CE Input Voltage VCE (V) Output Voltage VOUT (V)
2 CE Input Voltage 1 0 1.5 1.0 0.5 0 0 20 40 60 Time t (s) 80 100 Output Voltage
17
RP102x
RP102x251x
IOUT=0mA 6
CE Input Voltage VCE (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
RP102x251x
IOUT=30mA 6
CE Input Voltage VCE (V) CE Input Voltage VCE (V)
4 CE Input Voltage 2 0 3 2 1 0 0 20 40 60 Time t (s) 80 100 Output Voltage
4 CE Input Voltage 2 0 3 2 1 0 0 20 40 60 Time t (s) 80 100 Output Voltage
RP102x251x
IOUT=150mA 6
CE Input Voltage VCE (V) Output Voltage VOUT (V)
4 CE Input Voltage 2 0 3 2 1 0 0 20 40 60 Time t (s) 80 100 Output Voltage
RP102x331x
IOUT=0mA 6
CE Input Voltage VCE (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
RP102x331x
IOUT=30mA 6 4 CE Input Voltage 2 0 4.5 3.0 1.5 0 0 20 Output Voltage 4
CE Input Voltage
2 0
4.5 3.0 1.5 0 0 20 40 60 Time t (s) 80 100 Output Voltage
40 60 Time t (s)
80
100
18
RP102x
RP102x331x
IOUT=150mA 6
CE Input Voltage VCE (V) Output Voltage VOUT (V)
4 CE Input Voltage 2 0 4.5 3.0 1.5 0 0 20 40 60 Time t (s) 80 100 Output Voltage
13) Turn OFF Speed with CE pin (D Version) (CIN=1.0F, COUT=1.0F, Topt=25C)
RP102x121D
IOUT=0mA 3
CE Input Voltage VCE (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
RP102x121D
IOUT=30mA 3
CE Input Voltage VCE (V)
2 CE Input Voltage 1 0 1.5 1.0 0.5 0 0 100 200 300 Time t (s) 400 500 Output Voltage
2 CE Input Voltage 1 0 1.5 1.0 0.5 0 0 50 100 Time t (s) 150 200 Output Voltage
RP102x121D
IOUT=300mA 3
CE Input Voltage VCE (V) Output Voltage VOUT (V)
2 CE Input Voltage 1 0 1.5 1.0 0.5 0 0 20 40 60 Time t (s) 80 100 Output Voltage
19
RP102x
RP102x251x
IOUT=0mA 3.5
CE Input Voltage VCE (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
RP102x251x
IOUT=30mA 3.5
CE Input Voltage VCE (V) CE Input Voltage VCE (V)
2.5 CE Input Voltage 2.5 1.5 0.5 0 0 100 200 300 Time t (s) 400 500 Output Voltage 1.5 0
2.5 CE Input Voltage 1.5 0 2.5 1.5 Output Voltage 0.5 0 0 100 200 300 Time t (s) 400 500
RP102x251x
IOUT=300mA
Output Voltage VOUT (V)
3.5
CE Input Voltage VCE (V)
2.5 CE Input Voltage 1.5 0 2.5 1.5 0.5 0 0 100 200 300 Time t (s) 400 500 Output Voltage
RP102x331x
IOUT=0mA 4.5
CE Input Voltage VCE (V) Output Voltage VOUT (V) Output Voltage VOUT (V)
RP102x331x
IOUT=30mA 4.5 3.5 2.5 CE Input Voltage 1.5 0 3.5 2.5 1.5 0.5 0 0 100 Output Voltage 200 300 Time t (s) 400 500 3.5 2.5
CE Input Voltage
1.5 0
3.5 2.5 1.5 0.5 0 0 100 200 300 Time t (s) 400 500 Output Voltage
20
RP102x
RP102x331x
IOUT=300mA 4.5 2.5 CE Input Voltage 3.5 2.5 1.5 0.5 0 0 100 200 300 Time t (s) 400 500 Output Voltage 1.5 0
CE Input Voltage VCE (V) Output Voltage VOUT (V)
3.5
21
RP102x
ESR vs. Output Current
When using these ICs, consider the following points: The relations between IOUT (Output Current) and ESR of an output capacitor are shown below. The conditions when the white noise level is under 40V (Avg.) are marked as the hatched area in the graph.
Measurement conditions Frequency Band: 10Hz to 2MHz Temperature: -40C to 25C RP102x121x
VIN=2.2V to 5.5V CIN=COUT=1.0F 100 Topt=85C 10 10 100 Topt=85C
RP102x251x
VIN=3.5V to 5.5V CIN=COUT=1.0F
ESR ()
1
ESR ()
Topt=-40C
Topt=-40C 1
0.10
0.10
0.01 0 50 100 150 200 250 Output Current IOUT (mA) 300
0.01 0 50 100 150 200 250 Output Current IOUT (mA) 300
RP102x331x
VIN=4.3V to 5.5V CIN=COUT=1.0F 100 Topt=85C 10
ESR ()
Topt=-40C 1
0.10
0.01 0 50 100 150 200 250 Output Current IOUT (mA) 300
22
PACKAGE INFORMATION
PE-WLCSP-4-P2-0610
*
WLCSP-4-P2
Unit: mm
PACKAGE DIMENSIONS
0.79 A X4 0.05 B 0.50
0.79
INDEX 0.10 S
0.400.02
0.160.03
0.50
0.05 M S AB
Bottom View
0.06 S
S
TAPING SPECIFICATION
0.180.1 1.5 +0.1 0 4.00.1 2.00.05
0.080.03
0.88
3.50.05
0.7 0.95
1.750.1 8.00.3
0.88
1.0
DummyPocket 1.2Max.
0.50.1 4.00.1
TR
UserDirectionofFeed
TAPING REEL DIMENSIONS
(1reel=3000pcs)
REUSE REEL (EIAJ-RRM-08Bc)
11.41.0 9.00.3
130.2
210.8
0 180 -1.5
20.5
+1 60 0
2.0
PACKAGE INFORMATION
PE-WLCSP-4-P2-0610
POWER DISSIPATION (WLCSP-4-P2)
This specification is at mounted on board. Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the measurement at the condition below: Measurement Conditions Standard Land Pattern Environment Board Material Board Dimensions Copper Ratio Through-hole Measurement Result
(Topt=25C,Tjmax=125C)
Mounting on Board (Wind velocity=0m/s) Glass cloth epoxy plactic (Double sided) 40mm x 40mm x 1.6mm Top side : Approx. 50% , Back side : Approx. 50% -
Standard Land Pattern Power Dissipation Thermal Resistance
600
530mW ja=(125-25C)/0.53W=189C/W
PowerDissipationPD(mW)
530 500 OnBoard 400 300 200 100 0 0 25 50 75 85 100 AmbientTemperature(C) 125 150
Power Dissipation
Measurement Board Pattern IC Mount Area (Unit : mm)
PACKAGE INFORMATION
PE-WLCSP-4-P2-0610
RECOMMENDED LAND PATTERN
SolderMask (resist) CopperPad
Substrate NSMD NSMD SMD SMD
(Unit : mm) Solder Mask Opening Min. 0.30mm 0.20mm
NSMD and SMD Pad Definition Pad definition NSMD (Non-Solder Mask defined) SMD (Solder Mask defined)
* * * *
Copper Pad 0.20mm Min. 0.30mm
Pad layout and size can be modified by customers material, equipment, method. Please adjust pad layout according to your conditions. Recommended Stencil Aperture Size....o0.3mm Since lead free WL-CSP components are not compatible with the tin/lead solder process, you shall not mount lead free WL-CSP components using the tin/lead solder paste.
PACKAGE INFORMATION
PE-PLP1820-6-0611
*
PLP1820-6
Unit: mm
PACKAGE DIMENSIONS
1.60.1
1.80
A
B
4
0.200.1
0.05 M AB 6
0.05
1.00.1
2.00
INDEX
3
0.6Max.
0.5 0.1NOM.
1
0.30.1
Bottom View
Attention: Tabs or Tab suspension leads in the parts have VDD or GND level.(They are connected to the reverse side of this IC.) Refer to PIN DISCRIPTION. Do not connect to other wires or land patterns.
0.05
TAPING SPECIFICATION
0.250.1 1.5 +0.1 0 4.00.1 2.00.05
3.50.05
1.750.1
2.4
1.10.1 2.2 1.1Max. 4.00.1
TR
User Direction of Feed
TAPING REEL DIMENSIONS
(1reel=5000pcs) (R5323K,R5325K : 1reel=3000pcs)
REUSE REEL (EIAJ-RRM-08Bc)
11.41.0 9.00.3
210.8
60 +1 0 0 180 -1.5
20.5
130.2
8.00.3
0.250.1
0.250.1
x4
PACKAGE INFORMATION
PE-PLP1820-6-0611
POWER DISSIPATION (PLP1820-6)
This specification is at mounted on board. Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the measurement at the condition below: Measurement Conditions Standard Land Pattern Environment Board Material Board Dimensions Copper Ratio Through-hole Measurement Result
(Topt=25C,Tjmax=125C)
Mounting on Board (Wind velocity=0m/s) Glass cloth epoxy plactic (Double sided) 40mm x 40mm x 1.6mm Top side : Approx. 50% , Back side : Approx. 50% 0.54mm x 30pcs
Standard Land Pattern Power Dissipation Thermal Resistance
1200
880mW ja=(125-25C)/0.88W=114C/W
Power Dissipation PD(mW)
1000 800 600 400 200 0 0
On Board 880
40
25
50 75 85 100 Ambient Temperature (C)
125
150
Power Dissipation
40
Measurement Board Pattern IC Mount Area Unit : mm
RECOMMENDED LAND PATTERN
0.5 0.5
0.75 0.45
1.00
1.60
0.35
0.25
(Unit: mm)
PACKAGE INFORMATION
PE-SOT-23-5-0610
*
SOT-23-5 (SC-74A)
Unit: mm
PACKAGE DIMENSIONS
2.90.2 1.90.2 (0.95) (0.95) +0.2 1.1 -0.1 0.80.1 4
5
+0.2 1.6 -0.1
2.80.3
0 to 0.1
1
2 0.40.1
3
TAPING SPECIFICATION
0.30.1 +0.1 1.5 0 4.00.1 2.00.05 1.750.1 3.50.05 4.00.1 1.10.1 8.00.3
3.3 2.0Max.
3.2
TR User Direction of Feed
TAPING REEL DIMENSIONS
(1reel=3000pcs)
REUSE REEL (EIAJ-RRM-08Bc)
11.41.0 9.00.3
210.8
60 +1 0 180 0 -1.5
20.5
130.2
0.2 Min.
+0.1 0.15 -0.05
PACKAGE INFORMATION
PE-SOT-23-5-0610
POWER DISSIPATION (SOT-23-5)
This specification is at mounted on board. Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the measurement at the condition below: (Power Dissipation (SOT-23-5) is substitution of SOT-23-6.) Measurement Conditions Standard Land Pattern Environment Board Material Board Dimensions Copper Ratio Through-hole Measurement Result
(Topt=25C,Tjmax=125C)
Mounting on Board (Wind velocity=0m/s) Glass cloth epoxy plactic (Double sided) 40mm x 40mm x 1.6mm Top side : Approx. 50% , Back side : Approx. 50% 0.5mm x 44pcs
Standard Land Pattern Power Dissipation Thermal Resistance
600
Free Air 250mW 400C/W
420mW ja=(125-25C)/0.42W=263C/W
Power Dissipation PD(mW)
500 420 400 300 200 100 0 0 25
On Board
40
Free Air 250
40
50 75 85 100 Ambient Temperature (C)
125
150
Power Dissipation
Measurement Board Pattern IC Mount Area Unit : mm
RECOMMENDED LAND PATTERN
0.7 MAX. 1.0
2.4
0.95 0.95 1.9
(Unit: mm)
MARK INFORMATION
ME-RP102Z-0611
RP102Z SERIES MARK SPECIFICATION * WLCSP-4-P2
1
1 2
,
2
: Lot Number
(A part number is discriminable from a lot namber)
MARK INFORMATION
ME-RP102K-0707
RP102K SERIES MARK SPECIFICATION * PLP1820-6
1 5
1 2 3
to ,
6
4
: Product Code (refer to Part Number vs. Product Code) : Lot Number
4
5
6
*
Part Number vs. Product Code
Product Code
1 2 3 4
Part Number RP102K121B RP102K131B RP102K151B RP102K181B RP102K251B RP102K261B RP102K281B RP102K291B RP102K301B RP102K331B RP102K271B
Part Number RP102K121D RP102K131D RP102K151D RP102K181D RP102K251D RP102K261D RP102K281D RP102K291D RP102K301D RP102K331D RP102K271D
Product Code
1 2 3 4
A A A A A A A A A A A
C C C C C C C C C C C C C C
0 0 0 0 0 0 0 0 0 1 1 1 1 1
1 2 3 4 5 6 7 8 9 0 1 2 3 4
A A A A A A A A A A A
D D D D D D D D D D D D D D
0 0 0 0 0 0 0 0 0 1 1 1 1 1
1 2 3 4 5 6 7 8 9 0 1 2 3 4
RP102K281B5 A
RP102K281D5 A
RP102K181B5 A RP102K121B5 A
RP102K181D5 A RP102K121D5 A
MARK INFORMATION
ME-RP102N-0707
RP102N SERIES MARK SPECIFICATION * SOT-23-5 (SC-74A)
1 4
, ,
2 5
,
3
: Product Code (refer to Part Number vs. Product Code) : Lot Number
1
2
3
4
5
*
Part Number vs. Product Code
Product Code
1 2 3
Part Number RP102N121B RP102N131B RP102N151B RP102N181B RP102N251B RP102N261B RP102N281B RP102N281B5 RP102N291B RP102N301B RP102N331B RP102N181B5 RP102N271B RP102N121B5
Part Number RP102N121D RP102N131D RP102N151D RP102N181D RP102N251D RP102N261D RP102N281D RP102N281D5 RP102N291D RP102N301D RP102N331D RP102N181D5 RP102N271D RP102N121D5
Product Code
1 2 3
6 6 6 6 6 6 6 6 6 6 6 6 6 6
0 0 0 0 0 0 0 0 0 0 0 0 0 0
A B C D E F G H J K L M N P
6 6 6 6 6 6 6 6 6 6 6 6 6 6
1 1 1 1 1 1 1 1 1 1 1 1 1 1
A B C D E F G H J K L M N P


▲Up To Search▲   

 
Price & Availability of RP102K301B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X