Part Number Hot Search : 
A72910 MMBT3906 66000 752C041 TA2151FN 40N06 LS353 MAX662
Product Description
Full Text Search
 

To Download RMXS3W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Metal Oxide Resistor Normal & Miniature Style RMX & RMXS Series
Metal Oxide Resistor - Normal & Miniature Style Features
* * * * * * Low cost, high performance, excellent long-term stability High power-to-size ratio for significant space savings High surge/overload capability, controlled temperature coefficient Non-inductive design, wide resistance range (1 to 1M & 0 for E24 series value) Standard tolerance: 5% (2% is available on request) RoHS Compliant
Mechanical Data
* Complete flameproof construction in accordance with article UL94V-0 * Bulk, tape and reel standard, cut and formed, or radial Panasert/Avisert available upon request
Absolute Maximum Ratings & Characteristics
Description Power Rating at 70 C Maximum Working Voltage Maximum Overload Voltage Dielectric Withstanding Voltage Resistance Range Operating Temperature Range Temperature Coefficient RMX 25T 1/4 200 300 250 RMX S50T 1/2 250 400 350 RMX 50T 1/2 250 400 350 RMX S1W 1 300 500 400 RMX 1W 1 350 600 500 RMX S2W 2 350 600 500 RMX 2W 2 350 600 500 RMX S3W 3 350 600 500 RMX 3W 3 500 800 700 RMX S5W 5 750 1000 750 RMX 5W 5 750 1000 750 Unit W V V V C ppm/ C
1 ~ 1M & 0 (Note 1) -55 to +155 300
Note 1: E-24 series, below or over this resistance available on request
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. B/JJ 20080210 Page 1 of 8
Metal Oxide Resistor - Normal & Miniature Style RMX & RMXS Series
Power Derating Curve
For resistors operate in the ambient temperature over 70C, loading power ratio will derate in accordance with following curve.
Percentage of the rated dissipating (%)
Ambient Temperature (C)
Dimensions (in mm)
Type RMX25T RMX50T RMX1W RMX2W RMX3W RMX5W RMXS50T RMXS1W RMXS2W RMXS3W RMXS5W --
L 6.30.5 9.00.5 11.51.0 15.51.0 24.51.0 24.51.0
OD 2.40.2 3.30.3 4.50.5 5.00.5 8.51.0 8.51.0
H 282.0 262.0 352.0 332.0 382.0 382.0
Od 0.550.05 0.550.05 0.80.05 0.80.05 0.80.05 0.80.05
Rev. B/JJ 20080210 www.taitroncomponents.com Page 2 of 8
Metal Oxide Resistor - Normal & Miniature Style RMX & RMXS Series
Environmental Performance Specification
Item Short Time Overload JIS-C-5202 5.5 Test Methods 2.5 Times RCWV* for 5 seconds Specifications (1.0% +0.05) (Normal Style) (2.0% +0.05) (Miniature Style) by Type by Type >1000M 95% Min. Coverage No Deterioration of Coatings and Markings >=2.5kg (24.5N) (2% +0.05) (5% +0.05) (5% +0.05) (1% +0.05) (1% +0.05)
Dielectric Withstanding Voltage Temperature Coefficient Insulation Resistance Solderability Resistance to Solvent Terminal Strength Pulse Overload Load Life in Humidity Load Life Temperature Cycling Resistance to Soldering Heat
JIS-C-5202 5.7 JIS-C-5202 5.2 JIS-C-5202 5.6 JIS-C-5202 6.5 JIS-C-5202 6.9 JIS-C-5202 6.1 JIS-C-5202 5.8 JIS-C-5202 7.9 JIS-C-5202 7.10 JIS-C-5202 7.4 JIS-C-5202 6.4
In V-Block for 60 Seconds -55C to +155C In V-Block 260C5C for 50.5 Seconds IPA for 1 minute with Ultrasonic Direct Load for 10 Seconds in The Direction of the Terminal Leads 4 Times RCWV 10000 Cycle (1 sec. on, 25 sec. off) 402C , 90-95% RH at RCWV for 1000 hours (1.5 Hrs. on, 0.5 Hrs. off) 70C at RCWV for 1000 Hrs (1.5 Hrs. on, 0.5 Hrs. off) -55C Room Temp. +155C Room Temp. for 5 Cycles 350C10C for 30.5 Seconds
* Rated Continuous Working Voltage (RCWV) =Power Rating x Resistance Value
Packing Information Carrier Tape Dimensions (in mm)
Rev. B/JJ 20080210 www.taitroncomponents.com Page 3 of 8
Metal Oxide Resistor - Normal & Miniature Style RMX & RMXS Series
Type Normal RMX25T RMX50T RMX1W RMX2W RMX3W RMX5W Miniature RMXS50T RMXS1W RMXS2W RMXS3W RMXS5W -a 60.5 60.5 60.5 60.5 60.5 60.5 A 52.41.5 52.41.5 73.01.5 73.01.5 91.01.5 91.01.5 B1-B2 1.2 1.2 1.5 1.5 1.5 1.5 S (Spacing) 5 5 5 10 10 10 1mm per 10 spacing, 0.5mm per 5 spacing T (Max. Deviation of Spacing)
Reel Dimensions (in mm)
Type Normal RMX25T RMX50T RMX1W RMX2W RMX3W RMX5W Miniature RMXS50T RMXS1W RMXS2W RMXS3W RMXS5W -D 304.8 304.8 304.8 304.8 304.8 304.8
Tape On Reel W 72 72 95 95 95 95 D0 15 15 15 15 15 15 D1 51 51 51 51 51 51
Rev. B/JJ 20080210 www.taitroncomponents.com Page 4 of 8
Metal Oxide Resistor - Normal & Miniature Style RMX & RMXS Series
Tape On Box Packing
Type Normal RMX25T RMX50T RMX1W RMX2W RMX3W RMX5W Miniature RMXS50T RMXS1W RMXS2W RMXS3W RMXS5W -W 76 76 110 100 116 116
Tape On Box H 70 70 70 90 79 79 L 260 260 260 260 260 260
Packing Quantity Information
Quantity PCS per Reel RMX25T RMX50T RMX1W RMX2W RMX3W RMX5W RMXS50T RMXS1W RMXS2W RMXS3W RMXS5W -5,000 2,500 2,000 1,000 500 500 Tape On Reel PCS per Inner Box 5,000 2,500 2,000 1,000 500 500 PCS per Carton 50,000 25,000 16,000 8,000 5,000 5,000
Rev. B/JJ 20080210 www.taitroncomponents.com Page 5 of 8
Metal Oxide Resistor - Normal & Miniature Style RMX & RMXS Series
Quantity PCS per Inner Box RMX25T RMX50T RMX1W RMX2W RMX3W RMX5W RMXS50T RMXS1W RMXS2W RMXS3W RMXS5W -5,000 1,000 1,000 1,000 250 250 Tape On Box PCS per Carton 75,000 30,000 16,000 12,000 3,500 3,500
Quantity PCS per Bag RMX25T RMX50T RMX1W RMX2W RMX3W RMX5W RMXS50T RMXS1W RMXS2W RMXS3W RMXS5W -1,000 500 500 200 500 500
Bulk PCS per Inner Box 10,000 5,000 2,000 2,000 500 500 PCS per Carton 80,000 40,000 32,000 16,000 4,000 4,000
Carton Size Information (in mm)
Size RMX25T RMX50T RMX1W RMX2W RMX3W RMX5W RMXS50T RMXS1W RMXS2W RMXS3W RMXS5W -Tape On Reel 60x32x43 60x32x43 60x32x43 60x32x43 60x32x43 60x32x43 Tape On Box 44x28x36 44x28x36 44x28x36 44x28x36 44x28x36 44x28x36 Bulk 44x28x36 44x28x36 44x28x36 44x28x36 44x28x36 44x28x36
Rev. B/JJ 20080210 www.taitroncomponents.com Page 6 of 8
Metal Oxide Resistor - Normal & Miniature Style RMX & RMXS Series
How to order: RMX 2W 201 J - 52 - TR20
Packing
TR20: 12" Tape & Reel with RoHS; AR: Tape & Ammo with RoHS; BL: Bulk with RoHS
Factory Location Tolerance
J: 5%; (G: 2% is available on request)
Resistance Value
201=20x10 =200; "000" for Jumper; See next for E-24 value
1
Power Rating
2W: 2W; 25T: 1/4W; 50T: 1/2W; 1WS: 1W with miniature size;
Resistor Series
RMX: Metal Oxide Film Resistor RMXS: Miniature Metal Oxide Film Resistor
E-24 Series of Resistance Value Table
xxx (code) 000 1R8 3R6 6R8 130 270 510 101 201 391 751 152 302 562 113 223 <50m 1.8 3.6 6.8 13 27 51 100 200 390 750 1.5K 3.0K 5.6K 11K 22K xxx (code) 1R0 2R0 3R9 7R5 150 300 560 111 221 431 821 162 332 622 123 243 1.0 2.0 3.9 7.5 15 30 56 110 220 430 820 1.6K 3.3K 6.2K 12K 24K xxx (code) 1R1 2R2 4R3 8R2 160 330 620 121 241 471 911 182 362 682 133 273 1.1 2.2 4.3 8.2 16 33 62 120 240 470 910 1.8K 3.6K 6.8K 13K 27K xxx (code) 1R2 2R4 4R7 9R1 180 360 680 131 271 511 102 202 392 752 153 303 1.2 2.4 4.7 9.1 18 36 68 130 270 510 1K 2.0K 3.9K 7.5K 15K 30K xxx (code) 1R3 2R7 5R1 100 200 390 750 151 301 561 112 222 432 822 163 333 1.3 2.7 5.1 10 20 39 75 150 300 560 1.1K 2.2K 4.3K 8.2K 16K 33K xxx (code) 1R5 3R0 5R6 110 220 430 820 161 331 621 122 242 472 912 183 363 1.5 3.0 5.6 11 22 43 82 160 330 620 1.2K 2.4K 4.7K 9.1K 18K 36K xxx (code) 1R6 3R3 6R2 120 240 470 910 181 361 681 132 272 512 103 203 393 1.6 3.3 6.2 12 24 47 91 180 360 680 1.3K 2.7K 5.1K 10K 20K 39K
Rev. B/JJ 20080210 www.taitroncomponents.com Page 7 of 8
Metal Oxide Resistor - Normal & Miniature Style RMX & RMXS Series
xxx (code) 433 823 164 334 624 xxx (code) 473 913 184 364 684 xxx (code) 513 104 204 394 754 xxx (code) 563 114 224 434 824 xxx (code) 623 124 244 474 914 xxx (code) 683 134 274 514 105 xxx (code) 753 154 304 564
43K 82K 160K 330K 620K
47K 91K 180K 360K 680K
51K 100K 200K 390K 750K
56K 110K 220K 430K 820K
62K 120K 240K 470K 910K
68K 130K 270K 510K 1.0M
75K 150K 300K 560K
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. B/JJ 20080210 www.taitroncomponents.com Page 8 of 8


▲Up To Search▲   

 
Price & Availability of RMXS3W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X