Part Number Hot Search : 
Q30RV11 221M35 VIS102B 11238 ALVCH MK325 P2N50 2SA101
Product Description
Full Text Search
 

To Download RM302024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Power Relay RM 2/3/7
I I I I I I I
2 / 3 pole 10 / 16 A, 2 CO or 3 CO contacts Switching capacity up to 6000 VA DC- or AC-coil Mechanical indicator Push-to-test-button Plug-in version, PCB terminals, chassis- or DIN-rail mount RoHS compliant (Directive 2002/95/EC) as per product date code 0415
Applications
F0163-A
Elevator control, power supplies
Approvals
V REG.-Nr.of40003144,types on request Z E214025 Technical data approved
Contact data RM2 RM3 RM7
Contact configuration 2 CO 3 CO 3 CO Contact set single contact Type of interruption micro disconnection Rated current 16 A 10 A 16 A Rated voltage / max.switching voltage AC 400/440 VAC Maximum breaking capacity AC 6000 VA 3800 VA 6000 VA Limiting making capacity, max 20 ms 40 A 40 A 40 A Contact material AgCdO 6 Mechanical endurance 20x10 cycles Rated frequency of operation with / without load 16/100 min-1 Contact Type RM2. RM20 RM2. RM20 RM30 RM3. RM3. RM7. RM70 RM7. RM7. ratings Load 16 A, 415 VAC, UL 16 A, 400 VAC, cos=1, 35C, VDE 16 A, 250 VAC, general purpose, UL 10 A, 48 VDC, UL 10 A, 400 VAC, cos=1, 35C, VDE 10 A, 300 VAC, resistive, UL 10 A, 250 VAC, general purpose, UL 5 A, 400 VAC, resistive, UL 16 A, 400 VAC, cos=1, 35C, VDE 10 A, 300 VAC, resistive, UL 10 A, 415 VAC, 10% duty cycle, NO, 70C, DC-coil Cycles 100x103 100x103 30x103 30x103 100x103 100x103 30x103 100x103 100x103 100x103 100x103
Coil data
Rated coil voltage range DC coil AC coil Coil power DC coil AC coil Operative range Coil versions, DC-coil Coil code Rated STD LED PD* LED+ voltage bipolar PD* VDC Coil versions, DC-coil, RM2, RM3 006 L06 0A6 LA6 6 012 L12 0B2 LB2 12 024 L24 0C4 LC4 24 048 L48 0E8 LE8 48 060 L60 0G0 LG0 60 110 M10 1B0 MB0 110
RM2
1.2 W 2.3 VA
RM3
6...220 VDC 6...400 VAC 1.2 W 2.3 VA 1 Coil resistance Ohm 32+10% 110+10% + 475+10% 2000+10% 2850+10% 10000+12%
RM7
1.6 W 2.8 VA
Operate voltage VDC 4.5 9.0 18.0 36.0 45.0 82.5
Release voltage VDC 0.6 1.2 2.4 4.8 6.0 11.0
Rated coil power W 1.1 1.3 1.2 1.2 1.3 1.2
1
Datasheet Rev. GB1 Issued 2007/02 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Power Relay RM 2/3/7 (Continued)
221 N21 2C1 NC1 220 165.0 22.0 40000+15% 1.2 Coil versions, DC-coil, RM7 Coil code Rated Operate Release Coil Rated coil STD LED PD* LED+ voltage voltage voltage resistance power bipolar PD* VDC VDC VDC Ohm W 006 L06 0A6 LA6 6 4.5 0.6 24+10% 1.5 012 L12 0B2 LB2 12 9.0 1.2 86+10% 1.7 + 024 L24 0C4 LC4 24 18.0 2.4 345+10% 1.7 048 L48 0E8 LE8 48 36.0 4.8 1340+10% 1.7 060 L60 0G0 LG0 60 45.0 6.0 2200+10% 1.6 110 M10 1B0 MB0 110 82.5 11.0 7300+10% 1.7 221 N21 2C1 NC1 220 165.0 22.0 30000+15% 1.6 All figures are given for coil without preenergization, at ambient temperature +23C *) Protection diode PD; standard polarity: +A1 / -A2 Coil versions, AC-coil 50/60 Hz Coil code Rated STD LED voltage Operate voltage 50/60Hz VAC Release voltage 50/60Hz VAC Coil resistance Rated coil power 50/60Hz VA
VAC Ohm Coil versions, AC-coil, RM2, RM3 506 R06 6 4.8 2.4 5.3+10% 2.29/1.98 512 R12 12 9.6 4.8 24+10% 2.19/1.86 + 524 R24 24 19.2 9.6 86+10% 2.26/1.95 548 R48 48 38.4 19.2 345+10% 2.28/1.97 560 R60 60 48.0 24.0 544+10% 2.27/1.96 615 S15 115 92.0 46.0 2000+10% 2.37/2.00 + 730 T30 230 184.0 92.0 8300+12% 2.32/1.96 900 V00 400 320.0 160.0 27500+15% 2.31/1.96 Coil versions, AC-coil, RM7 506 R06 6 4.8 2.4 4.7+10% 2.86/2.36 512 R12 12 9.6 4.8 19.5+10% 2.71/2.27 + 524 R24 24 19.2 9.6 80+10% 2.62/2.00 548 R48 48 38.4 19.2 320+10% 2.60/2.17 560 R60 60 48.0 24.0 500+10% 2.62/2.20 615 S15 115 92.0 46.0 1850+10% 2.65/2.22 + 730 T30 230 184.0 92.0 7500+10% 2.69/2.26 900 V00 400 320.0 160.0 23500+15% 2.61/2.20 All figures are given for coil without preenergization, at ambient temperature +23C
PCB layout / terminal assignment
Bottom view on pins
S0269-AA
3 CO contacts
Insulation
Dielectric strength coil-contact circuit open contact circuit adjacent contact circuits Clearance / creepage coil-contact circuit adjacent contact circuits Material group of insulation parts Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit adjacent contact circuits Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 2500 Vrms 1500 Vrms 2500 Vrms W 4.0/14.9 mm W 6.1/7.3 mm W IIIa basic functional basic 250 V 3 240/400 V III
S0269-AB
2 CO contacts
Other data
RM2
RM3
RM7
RoHS - Directive 2002/95/EC compliant as per product date code 0415 Ambient temperature range DC coil -45...+70C -45...+60C -45...+60C AC coil -45...+55C -45...+55C -45...+50C Operate- / release time 15/10 ms Bounce time NO / NC contact 3 ms Vibration resistance (function) NO / NC contact 5/2 g 5/2 g 12/4 g Category of protection RTI - dust protected Resistance to soldering heat 270C / 10 s Relay weight 81 g Packaging unit 10/25 pcs
S0269-AD
2
Datasheet Rev. GB1 Issued 2007/02 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Power Relay RM 2/3/7 (Continued)
Accessories
For details see datasheet Accessories Power Relay RM
Dimensions Plain cover, plug-in version PCB version
S0298-BA
S0298-BB
Cover with mounting brackets, 6.3 mm quick connect (4.8 mm available)
Cover with DIN-snap-on attachement (6.3 mm quick connect only) horizontal vertical
S0298-BC
S0298-BD
S0298-BE
Product key
RM
Type Contact configuration 2 2 CO contacts, 16 A 7 3 CO contacts, 16 A 3 3 CO contacts, 10 A Version 0 AgCdO, without test button 3 AgCdO, with test button Enclosure 2 plain cover, 4.8 mm quick connect terminals 3 cover with mounting brackets, 4.8 mm quick connect terminals 5 cover with mounting brackets, 6.3 mm quick connect terminals 7 PCB version 8 cover with DIN-snap-on attachment, horizontal, 6.3 mm quick connect terminals 9 cover with DIN-snap-on attachment, vertical, 6.3 mm quick connect terminals Coil Coil code: please refer to coil versions table, preferred types in bold print
3
Datasheet Rev. GB1 Issued 2007/02 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Power Relay RM 2/3/7 (Continued)
Product key RM202024 RM202524 RM202615 RM202730 RM203024 RM203524 RM203615 RM203730 RM205024 RM205524 RM205615 RM205730 RM207024 RM207615 RM207730 RM208024 RM208730 RM209730 RM232024 RM232524 RM232615 RM232730 RM233024 RM233615 RM235024 RM235730 RM239730 RM302024 RM302524 RM302615 RM302730 RM303024 RM303615 RM303730 RM307024 RM307730 RM332024 RM332524 RM332730 RM333024 RM335730 RM338730 RM339730 RM702024 RM702524 RM702615 RM702730 RM703024 RM703524 RM703615 RM703730 RM705024 RM705524 RM705615 RM705730 RM707024 RM707524 RM707730 RM708024 RM708730 RM709024 RM709730 RM732024 RM732524 RM732615 RM732730 RM733730 RM735024 RM735524 RM735730 RM737730 RM738024 RM738730 RM739024 RM739730
Contacts 2 CO contacts 16 A
Version without test button
Enclosure plain cover quick c. 4.8 mm mounting brackets quick c. 4.8 mm mounting brackets quick c. 6.3 mm PCB version DIN-snap-on horizontal DIN vertical plain cover quick c. 4.8 mm mounting brackets quick c. 4.8 mm mounting brackets quick c. 6.3 mm DIN vertical plain cover quick c. 4.8 mm mounting brackets quick c. 4.8 mm PCB version
Coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil
with test button
3 CO contacts 10 A
without test button
with test button
plain cover quick c. 4.8 mm mount. br. q.c.4.8 mount. br. q.c.6.3 DIN horizontal DIN vertical plain cover quick c. 4.8 mm mounting brackets quick c. 4.8 mm mounting brackets quick c. 6.3 mm PCB version DIN horizontal quick c. 6.3 mm DIN vertical
3 CO contacts 16 A
without test button
with test button
plain cover quick c. 4.8 mm mount.br. q.c. 4.8 mounting brackets quick c. 6.3 mm PCB version DIN-snap-on horizontal DIN-snap-on vertical
DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil
Coil 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 115 VAC 230 VAC 24 VDC 230 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 115 VAC 24 VDC 230 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 115 VAC 230 VAC 24 VDC 230 VAC 24 VDC 24 VAC 230 VAC 24 VDC 230 VAC 230 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 230 VAC 24 VDC 230 VAC 24 VDC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 230 VAC 24 VDC 24 VAC 230 VAC 230 VAC 24 VDC 230 VAC 24 VDC 230 VAC
Part number 8-1393149-2 1-1393146-9 2-1393146-0 1-1393148-4 1-1393148-6 2-1393146-5 2-1393146-6 2-1393146-8 2-1393146-9 3-1393146-0 3-1393146-1 3-1393146-2 3-1393146-3 8-1393149-5 3-1393146-4 3-1393146-5 8-1393149-6 3-1393146-6 3-1393146-8 3-1393146-9 4-1393146-0 3-1393107-4 3-1393107-5 4-1393146-2 8-1393149-8 4-1393146-5 4-1393148-7 8-1393149-9 5-1393146-3 5-1393146-4 5-1419150-3 6-1393148-4 5-1393146-5 5-1393146-7 7-1393148-2 5-1393146-9 9-1393149-2 9-1393149-3 9-1393149-4 9-1393149-6 6-1393107-1 7-1393148-7 6-1393107-2 8-1393146-5 0-1393844-9 1-1393844-0 1-1393844-1 1-1393844-2 9-1393146-1 9-1393146-2 9-1393146-4 9-1393146-6 9-1393146-7 1-1393844-4 1-1393844-5 9-1393146-8 0-1393147-1 0-1393147-2 0-1393147-4 1-1419136-0 2-1393149-2 0-1393147-5 1-1393844-7 1-1393147-0 1-1393147-1 1-1393844-8 1-1393147-5 3-1393149-6 3-1393149-7 4-1393149-1 2-1393147-0 2-1393844-0 2-1393147-2 4-1393149-5 2-1393844-2
4
Datasheet Rev. GB1 Issued 2007/02 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of RM302024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X