Part Number Hot Search : 
H83397 RM188R7 MSA180 HD74LS H03N60 300BZ 24LC04 MBR20150
Product Description
Full Text Search
 

To Download RL201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
RL201 - - - RL207
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 2.0 A
PLASTIC SILICON RECTIFIER
Low cost Diffused junction Low leakage Low forward voltage drop High current capability Easily cleaned with Freon,Alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0
DO-15
MECHANICAL DATA
Case:JEDEC DO--15,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method208 Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.014 ounces,0.39 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
RL 201
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA=75 Peak forw ard surge current 8.3ms single half-sine-w ave superimpoded on ratde load @TJ =125 Maximum instantaneous forw ard voltage @ 2.0 A Maximum reverse current at rated DC blocking voltage Typical junction capacitance Typical thermal resistance @TA=25 @TA=100 (Note1) (Note2)
RL 202
100 70 100
RL 203
200 140 200
RL 204
400 280 400 2.0
RL 205
600 420 600
RL 206
800 560 800
RL 207
1000 700 1000
UNITS
V V V A
V RRM V RMS V DC IF(AV)
50 35 50
IFSM
70.0
A
VF IR CJ R
JA
1.1 5.0 50.0 20 40 - 55 ---- + 150 - 55 ---- + 150
V A pF /W
Operaring junction temperature range Storage temperature range
TJ
TSTG NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 2. Thermal resistance f rom junction to ambient.
www.galaxycn.com
Document Number 0260006
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- FORWARD DERATING CURVE INSTANTANEOUS FORWARD CURRENT AMPERES
RL201- - - RL207
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
AVERAGE FORWARD CURRENT
100 10 4 2 1.0 0.4 0.2 0.1 0.06 0.04 0.02 0.01 0.6 0.8 1.0 1.2 1.4 1.6 TJ=25 Pulse Width=300us
2.5 2.0 1.5 1.0 0.5
Single Phase Half Wave 60HZ Resistive or Inductive Load
AMPERES
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 --TYPICAL JUNCTION CAPACITANCE
100
PEAK FORWARD SURGE CURRENT
80
60
JUNCTION CAPACITANCE,pF
70 60 50 40
TJ=125ae 8.3ms Single Half Sine-Wave
40 20 10
f=1MHz TJ=25
AMPERES
30 20 10 0 1 2 4 81 0
20 40 60 80 100
4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
www.galaxycn.com
Document Number 0260006
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of RL201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X