Part Number Hot Search : 
100LVE 93C46 82C51 CM1500W KA2902 2N5445 TC372 4805D
Product Description
Full Text Search
 

To Download PSM040B-1Y050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSM Series
Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply FEATURES
Open Frame Single Output Universal AC Input: 90~264VAC Output Voltages from 5 to 52VDC Over Voltage/ Over Load/ Short Circuit Protected 4(L) x 2(W) x 1.18(H) inches (101.6 x 50.8 x 30 mm) SPECIFICATIONS: PSM Series
All specifications are based on 25oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. INPUT SPECIFICATIONS Input Voltage Input Frequency Input Current Inrush Current OUTPUT SPECIFICATIONS Output Voltage Output Power Range Output Regulation Output Current Ripple & Noise (20MHz BW) Hold-Up Time Temperature Coefficient PROTECTION Short Circuit Protection Over Voltage Protection Over Load Protection GENERAL SPECIFICATIONS Efficiency ENVIRONMENTAL SPECIFICATIONS Operating Temperature Humidity (non-condensing) Cooling MTBF PHYSICAL SPECIFICATIONS Weight Dimensions SAFETY & EMC Safety Standards EMC Standards 90 - 264VAC 47 to 63Hz 2A(rms) @ 115VAC < 40A @ 115VAC at 25C cold start, < 80A @ 230VAC at 25C cold start See Table 65 Watts max with convection cooling. See table See Table 1% 10ms at max watt load and 115VAC nominal line. All outputs 0.04%/C max. Auto recover Output 110% to 130% above following nominal output. Latching Type. AC recycle. Over load protected @ 120% to 180% above following maximum rating. Auto recover. 80% typical at full output 0C to +50C ambient, each output derates at 2.5% per degree from +50C to 70C. 20% to 90% Free air convection 100,000 hrs at full load and 25C ambient. 7oz 4(L) x 2(W) x 1.18(H) inches 101.6(L) x 50.8(W) x 30(H) mm UL/cUL UL60601-1, TUV EN60601-1, CB IEC 60601-1 EN60601-1-2, FCC Part 18 Class B, EN55011 Class B, CE
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
PSM Series
Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply OUTPUT VOLTAGE / CURRENT RATING CHART
Model PSM040B-1Y050 PSM060B-1Y120 PSM060B-1Y150 PSM065B-1Y190 PSM065B-1Y240 PSM065B-1Y360 PSM065B-1Y480 Output Voltage Range 5 - 7VDC 11-13VDC 14-17VDC 18-21VDC 22-26VDC 33-39VDC 44-52VDC Preset Voltage 5VDC 12VDC 15VDC 19VDC 24VDC 36VDC 48VDC Max. Output Current (convection cooling) 8A 5A 4A 3.43A 2.71A 1.81A 1.36A Output Power 40W 60W 60W 65W 65W 65W 65W Output Regulation 5% 3% 3% 3% 3% 2% 2% Ripple & Noise 50mVp-p 120mVp-p 150mVp-p 190mVp-p 240mVp-p 360mVp-p 480mVp-p
NOTES
1. At 25C including initial tolerance, line voltage, load currents, and output voltages adjusted to factory settings. 2. Ripple and Noise: Peak-to-peak with 20mHz bandwidth with a tantalum 10uF capacitor in parallel with a 0.1uF ceramic capacitor. 3. Other DC outputs available for 40W (5 to 7V), 60W (11 to 13V and 14 to 17V), 65W (18 to 21V, 22 to 26V, 33 to 39V, and 44 to 52V), set at factory. To determine part numbers for output voltages not listed see the "Part Number Guide" table below. 4. All output ranges are covered in agency certification and the preset voltage will be set as standard models. If any request is not standard output, please contact us prior to ordering.
Part Number Guide PSM040B-1YW (5-7V) PSM060B-1YX (11-13V) PSM060B-1YX (14-17V) PSM065B-1YZ (18-21V) PSM065B-1YZ (22-26V) PSM065B-1YZ (33-39V) PSM065B-1YZ (44-52V)
W= 050-070 X = 110-170 Z = 180-520
Ex: For a 6V output the part number would be PSM040B-1Y060 For a 12.2V output the part number would be PSM060B-1Y122 For a 33.4V output the part number would be PSM065B-1Y334
MECHANICAL DRAWING
MATCHING CONNECTORS CN1 = AC INPUT MOLEX P/N: CN2 = DC OUTPUT MOLEX P/N: 09-65-2029 (OR EQUIVALENT) 09-65-2048 (OR EQUIVALENT) FEMALE HOUSING MOLEX P/N: 09-76-1020 (OR EQUIVALENT) FEMALE HOUSING MOLEX P/N: 09-52-4044 (OR EQUIVALENT)
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797


▲Up To Search▲   

 
Price & Availability of PSM040B-1Y050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X