Part Number Hot Search : 
S3F9454 R5005CNJ 2SK42 MMBT2369 FR014 470M0 CSP1027 74458002
Product Description
Full Text Search
 

To Download PSATC-33S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSATC Series
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply FEATURES
High Efficiency 2 Year Warranty Regulated Output Low Ripple and Noise CE, cUL, TUV Approval Fully Encapsulated Plastic Case Switching Power Module for PCB Mounting Universal Input Range 90-260VAC, 47-440 Hz SPECIFICATIONS: PSATC Series
All specifications are based on 25 C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. INPUT SPECIFICATIONS Input Voltage Range 90 ~ 260VAC or 120 ~ 370VDC Input Frequency 47 to 440Hz Input Current (Full Load) 200mA max @ 115VAC / 130mA max @ 230VAC Inrush Current (<2ms) 10A max @ 115VAC / 20A max @230VAC Leakage Current 0.75mA max OUTPUT SPECIFICATIONS Output Voltage See Table Output Power Range 10 Watts max. Voltage Accuracy 2% Line Regulation 0.3% typical Load Regulation (5% to 100%) 0.5% typical Output Current See Table Minimum Load See Table Ripple & Noise < 0.5% Vout +50mV max (Vp-p) Maximum Capacitive Load 470 - 23,000F depending on model Hold-Up Time 15ms min. Current Limitation (Dual Outputs) 120 ~ 180% fold back Temperature Coefficient 0.02%/C PROTECTION Over Current Protection Hiccup technique, auto-recovery Over Voltage Protection Zener diode clamp Short Circuit Protection Hiccup mode, indefinite (automatic recovery) Input Fuse Recommendation 1.5A slow blow type GENERAL SPECIFICATIONS Switching Frequency 100KHz Efficiency See Table Isolation Voltage (Input to Output) 3000VAC Isolation Voltage (Input to Field Ground) 1500VAC Isolation Voltage (Output to Field Ground) 500VAC ENVIRONMENTAL SPECIFICATIONS Operating Temperature -25C to +71C Storage Temperature -40C to +85C Humidity 95% RH Cooling Free air convection MTBF > 250,000 hours @ 25C (MIL-HDBK-217F) PHYSICAL SPECIFICATIONS Weight 100g Case Material Plastic resin + fiberglass (flammability to UL 94V-0) Dimensions 2.52(L) x 1.77(W) x 0.81(H) inches (64.0(L) x 45.0(W) x 20.5(H) mm) SAFETY & EMC Agency Approvals UL/cUL, CE, TUV EMI (Conducted & Radiated Emission) EN 55022 class B EMS (Noise Immunity) EN 50082-1
o
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
PSATC Series
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number PSATC-3.3S PSATC-5S PSATC-12S PSATC-15S PSATC-24S PSATC-5D PSATC-12D PSATC-15D Output Voltage 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 5 VDC 12 VDC 15 VDC Minimum Load 4% 5% 5% 3% 5% 1% 3% 1% Output Current 3000mA 2000mA 833mA 666mA 416mA 800mA 380mA 300mA Max Output Power 10W 10W 10W 10W 10W 8W 10W 10W Efficiency 68% 71% 76% 76% 80% 72% 77% 77%
NOTES
1. Dimensions of the mechanical drawing are shown in millimeters. 2. Weight of the unit is 100 grams.
BLOCK DIAGRAMS
DERATING CURVE
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
PSATC Series
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply MECHANICAL DRAWING
PIN # 1 2 3 4 5 6
PIN CONNECTIONS SINGLE DUAL FG FG AC IN (N) AC IN (N) AC IN (L) AC IN (L) -DC OUT -DC OUT NO PIN COMMON +DC OUT +DC OUT
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797


▲Up To Search▲   

 
Price & Availability of PSATC-33S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X