|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PJQA5V6C 5 - TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION This Quad TVS/Zener Array family have been designed to Protect Sensitive Equipment against ESD and to prevent Latch-Up events in CMOS circuitry operating in the 5V. This TVS array offers an integrated solution to protect up to 5 data lines where the board space is a premium. SPECIFICATION FEATURES 150W (8/20s), 24W (10/1000s) Power Dissipation Low Leakage Current, Maximum of 2A at rated voltage Very Low Clamping Voltage IEC61000-4-2 ESD 20kV air, 15kV Contact Compliance Industry Standard Surface Mount Package SOT23-6L 100% Tin Matte Finish (RoHS Compliant) 6 5 4 1 APPLICATIONS 1 2 3 Personal Digital Assistant (PDA) SIM Card Port Protection (Mobile Phone) Portable Instrumentation Mobile Phones and Accessories Memory Card Port Protection Marking Code: "Q5A" SOT23-6L MAXIMUM RATINGS (Per Device) Rating Peak Pulse Power (8/20s Waveform) ESD Voltage (HBM) Operating Temperature Range Storage Temperature Range Symbol P pp V ESD TJ Tstg Value 150 25 -55 to +150 -55 to +150 Units W kV C C ELECTRICAL CHARACTERISTICS (Per Device) Tj = 25C PJQA5V6C Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Clamping Voltage (8/20s) Off State Junction Capacitance Off State Junction Capacitance Symbol VWRM VBR IR Vc Vc Cj Cj I BR = 1 mA VR = 3.0V I pp = 5 Amps I pp = 10 Amps 0 Vdc Bias f = 1MHz Between I/O pins and pin 2,5 3 Vdc Bias f = 1MHz Between I/O pins and pin 2,5 Conditions Min Typical Max 3.0 Units V V A V V pF pF 5.3 5.6 5.88 2 7.5 9.1 265 170 7/6/2006 Page 1 www.panjit.com PJQA5V6C TYPICAL APPLICATION EXAMPLE AND PACKAGE DIMENSIONS I/O Port Data Line 1 Data Line 2 Data Line 3 Data Line 4 Data Line 5 PJQA5V6C Ground (Pin 2) (c) Copyright PanJit International, Inc 2006 The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others. 5/11/2006 Page 2 www.panjit.com |
Price & Availability of PJQA5V6C |