Part Number Hot Search : 
A1302 28100 12203 BTS441 MC9S0 MMDT2227 DDZ16 28200
Product Description
Full Text Search
 

To Download PBH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Miniature Power PCB Relay PBH 105C
I I I I I I
1pole 6 A, 1 CO or 1 NO contact Environmentally-friendly cadmium-free contacts Class F coil system standard For ambient temperatures up to 105C Product in accordance to IEC60335-1 RoHS compliant (Directive 2002/95/EC) as per product date code 0346
Applications
F0224BB
White goods, domestic appliances
Approvals
V REG.-Nr.of121560, Z request E214025 Technical data approved types on
Contact data
Contact configuration Contact set Type of interruption Rated current Rated voltage / max.switching voltage AC Maximum breaking capacity AC Limiting making capacity, max 4 s, duty factor 10% Contact material Mechanical endurance Rated frequency of operation with / without load Contact Type PBH14 PBH14 PBH14 PBH34 PBH34 1 CO or 1 NO contact single contact micro disconnection 6A 250/400 VAC 1500 VA 10 A AgNi 90/10 2x106 cycles 6/600 min-1
ratings Load 6.5 A, 250 VAC, 105C, resistive, 50Hz, EN61810-1 (NO tested) 2 A, 250 VAC, 105C, cos=0.55, 50Hz, EN61810-1 (NO tested) 6.5 A, 250 VAC, 105C, resistive, 50Hz, EN61810-1 2 A, 250 VAC, 105C, cos=0.55, 50Hz, EN61810-1 6.5 A, 250 VAC, 105C, resistive, 50Hz, EN61810-1
Cycles 10x103 250x103 100x103 250x103 100x103
Coil data
Rated coil voltage range DC coil Coil power DC coil Operative voltage range, % of rated coil voltage 5...36 VDC typ. 360 mW 90...100%
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 005 5 3.75 0.5 70+10% 357 006 6 4.5 0.6 100+10% 360 009 9 6.75 0.9 225+10% 360 012 12 9.0 1.2 400+10% 360 018 18 13.5 1.8 900+10% 360 022 22 16.5 2.2 1344+10% 360 024 24 18.0 2.4 1600+10% 360 048 48 36 4.8 6400+10% 360 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Miniature Power PCB Relay PBH 105C (Continued)
Insulation
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit CO version NO version Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 2500 Vrms 1000 Vrms W 3/4 mm W 4/5 mm IIIa CTI 250 basic functional 250 V 3 230/400 V III
PCB layout / terminal assignment
Bottom view on solder pins
S0407-AA
S0407-AB
Other data
RoHS - Directive 2002/95/EC compliant as per product date code 0346 Flammability class according to UL94 V-0 GWFI to IEC 60335-1 W 850C GWIT to IEC 60335-1 W 775C Ambient temperature range -20...105C Operate- / release time < 20 ms Bounce time NO / NC contact < 15 ms Vibration resistance (function) NO / NC contact >10/4g, 30...400Hz Shock resistance (destruction) 100 g Category of protection RTII - flux proof Mounting pcb Resistance to soldering heat 270C / 10 s Relay weight 5.4 g Packaging unit 35/1050 pcs
S0407-AC
1)
Layout note: No openings (e.g. holes, slots, cutouts, unused pins, open through connexions, etc.) allowed under the relay base. The relay base must be fully covered by the pcb, recommended minimum distance between the relay and the edge of the printed circuit board is 5 mm. For more information, please contact our application support.
Dimensions
S0406-A
2
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Miniature Power PCB Relay PBH 105C (Continued)
Product key Type Version H High temperature version Contact configuration 1 1 CO contact 3 Contact material 4 AgNi 90/10 Coil Coil code: please refer to coil versions table Other types on request
PB
H
4
1 NO contact
Product key PBH14005 PBH14006 PBH14009 PBH14012 PBH14018 PBH14022 PBH14024 PBH14036 PBH34005 PBH34006 PBH34009 PBH34012 PBH34018 PBH34022 PBH34024 PBH34036
Version high temperature version
Contacts 1 CO contact
Contact material AgNi 90/10
1 NO contact
Coil 5 VDC 6 VDC 9 VDC 12 VDC 18 VDC 22 VDC 24 VDC 36 VDC 5 VDC 6 VDC 9 VDC 12 VDC 18 VDC 22 VDC 24 VDC 36 VDC
Part number 9-1415356-1 8-1415356-1 7-1415356-1 6-1415356-1 6-1415357-1 7-1415357-1 6-1415355-1 9-1415355-1 5-1415356-1 4-1415356-1 3-1415356-1 2-1415356-1 8-1415357-1 9-1415357-1 1-1415356-1 0-1415356-1
3
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of PBH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X