Part Number Hot Search : 
170M7065 SP6661EB 62512 TPCF8105 VQ100 CP2110EK MIC94001 03060
Product Description
Full Text Search
 

To Download OTBE126KNPIR-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type OTB DC/AC Dual Rated Capacitors
Protected, High Voltage, Paper-Film/Foil Capacitors for AC & DC Applications
Type OTB is a capacitor with a robust construction consisting of a paper or a combination of paper and film dielectric system with foil electrodes, and is protected by a pressure sensitive interrupter. The OTB is UL and CSA recognized and may be used for all normal DC blocking, filtering and bypass applications as well as AC motor-run and other 60 Hz applications. Type OTB is supplied in an oval metal case with easy to use solder lug terminals positioned in plastic insulator cups.
Highlights
* * * *
Protected: Pressure sensitive interrupter Listed un UL* File No. E56959 CSA* Certified file No. LR075387 Good for DC and 60 Hz AC applications
Specifications
*UL/CSA listings are up to 1500 Vdc (660 Vac)
Capacitance Range: 0.1F to 35.0 F 400 Vdc / 236 Vac 600 Vdc / 330 Vac Voltage Range: 1000 Vdc / 440 Vac 1500 Vdc / 660 Vac 2000 Vdc / 700 Vac 2500 Vdc / 800 Vac 3000 Vdc / 950 Vac Capacitance Tolerance: 10% Temperature Range: -55 C to 85 C
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
Outline Drawing
Mounting Brackets
Case Code A C D Bracket 32107-1 32107-2 32107-3
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type OTB DC/AC Dual Ratcd Capacitors
Ratings
Cap (F) 3.0 4.0 5.0 6.0 8.0 10.0 12.0 15.0 20.0 25.0 30.0 .50 1.0 2.0 3.0 4.0 5.0 6.0 8.0 10.0 12.0 15.0 20.0 25.0 30.0 35.0 .10 .25 .50 1.0 2.0 3.0 4.0 5.0 6.0 8.0 10.0 12.0 15.0 20.0 25.0 Catalog Part Number OTBE305KNPIR-F OTBE405KNPIR-F OTBE505KNPIR-F OTBE605KNPIR-F OTBE805KNPIR-F OTBE106KNPIR-F OTBE126KNPIR-F OTBE156KNPIR-F OTBE206KNPIR-F OTBE256KNPIR-F OTBE306KNPIR-F OTBF504KNPIR-F OTBF105KNPIR-F OTBF205KNPIR-F OTBF305KNPIR-F OTBF405KNPIR-F OTBF505KNPIR-F OTBF605KNPIR-F OTBF805KNPIR-F OTBF106KNPIR-F OTBF126KNPIR-F OTBF156KNPIR-F OTBF206KNPIR-F OTBF256KNPIR-F OTBF306KNPIR-F OTBF356KNPIR-F OTBG104KNPIR-F OTBG254KNPIR-F OTBG504KNPIR-F OTBG105KNPIR-F OTBG205KNPIR-F OTBG305KNPIR-F OTBG405KNPIR-F OTBG505KNPIR-F OTBG605KNPIR-F OTBG805KNPIR-F OTBG106KNPIR-F OTBG126KNPIR-F OTBG156KNPIR-F OTBG206KNPIR-F OTBG256KNPIR-F A B H Cap (F) .50 1.0 2.0 3.0 4.0 5.0 6.0 8.0 10.0 12.0 15.0 .10 .25 .50 1.0 2.0 3.0 4.0 5.0 6.0 8.0 10.0 .50 1.0 2.0 3.0 2.13 2.13 2.13 2.13 2.63 3.13 4.25 4.75 3.13 4.25 4.75 5.75 7.25 7.25 9.00 .10 .25 .50 1.0 2.0 3.0 4.0 5.0 4.0 5.0 6.0 7.0 8.0 Catalog Part Number OTBH504KNPIR-F OTBH105KNPIR-F OTBH205KNPIR-F OTBH305KNPIR-F OTBH405KNPIR-F OTBH505KNPIR-F OTBH605KNPIR-F OTBH805KNPIR-F OTBH106KNPIR-F OTBH126KNPIR-F OTBH156KNPIR-F OTBJ104KNPIR-F OTBJ254KNPIR-F OTBJ504KNPIR-F OTBJ105KNPIR-F OTBJ205KNPIR-F OTBJ305KNPIR-F OTBJ405KNPIR-F OTBJ505KNPIR-F OTBJ605KNPIR-F OTBJ805KNPIR-F OTBJ106KNPIR-F OTBK504KNPIR-F OTBK105KNPIR-F OTBK205KNPIR-F OTBK305KNPIR-F OTBK405KNPIR-F OTBK505KNPIR-F OTBK605KNPIR-F OTBK705KNPIR-F OTBK805KNPIR-F OTBL104KNPIR-F OTBL254KNPIR-F OTBL504KNPIR-F OTBL105KNPIR-F OTBL205KNPIR-F OTBL305KNPIR-F OTBL405KNPIR-F OTBL505KNPIR-F A B H (Inches) (Inches) (Inches) 1.31 1.31 1.31 1.31 1.31 1.31 1.91 1.91 1.91 1.91 1.91 1.31 1.31 1.31 1.31 1.31 1.31 1.31 1.31 1.91 1.91 1.91 1.91 1.91 1.97 1.97 1.31 1.31 1.31 1.31 1.31 1.31 1.31 1.31 1.91 1.91 1.91 1.91 1.91 1.97 1.97 2.16 2.16 2.16 2.16 2.16 2.16 2.91 2.91 2.91 2.91 2.91 2.16 2.16 2.16 2.16 2.16 2.16 2.16 2.16 2.91 2.91 2.91 2.91 2.91 3.66 3.66 2.16 2.16 2.16 2.16 2.16 2.16 2.16 2.16 2.91 2.91 2.91 2.91 2.91 3.66 3.66 2.13 2.38 2.63 2.88 3.88 4.75 3.13 3.50 4.75 5.75 6.75 2.13 2.13 2.13 2.38 2.63 3.13 3.88 4.75 3.13 3.88 4.25 5.75 6.75 6.25 7.25 (Inches) (Inches) (Inches) 1.31 1.31 1.31 1.31 1.91 1.91 1.91 1.91 1.97 1.97 1.97 1.31 1.31 1.31 1.31 1.31 1.91 1.91 1.91 1.91 1.97 1.97 1.31 1.91 1.91 1.91 1.91 1.91 1.97 1.97 1.97 1.31 1.31 1.91 1.91 1.91 1.91 1.97 1.97 2.16 2.16 2.16 2.16 2.91 2.91 2.91 2.91 3.66 3.66 3.66 2.16 2.16 2.16 2.16 2.16 2.91 2.91 2.91 2.91 3.66 3.66 2.16 2.91 2.91 2.91 2.91 2.91 3.66 3.66 3.66 2.16 2.16 2.91 2.91 2.91 2.91 3.66 3.66 2.13 2.13 3.13 4.25 3.13 3.50 4.25 5.25 5.25 5.75 6.75 2.13 2.13 2.13 2.63 4.25 3.50 4.25 4.75 5.75 5.75 6.75 2.13 2.88 3.13 4.25 5.75 6.75 5.75 6.75 7.25 2.13 2.13 2.88 2.88 4.25 5.75 5.75 6.75
400 Vdc (236 Vac) - Paper Dielectric
1500 Vdc (660 Vac) - Film/Paper Dielectric
600 Vdc (330 Vac) - Paper Dielectric
2000 Vdc (700 Vac) - Film/Paper Dielectric
2500 Vdc (800 Vac) - Film/Paper Dielectric
1000 Vdc (440 Vac) - Paper Dielectric
3000 Vdc (950 Vac) - Film/Paper Dielectric
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of OTBE126KNPIR-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X