![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
No. STSE-CR2197B SPECIFICATIONS FOR NICHIA RED LED MODEL : NSPR800AS NICHIA CORPORATION -0- Nichia STSE-CR2197B Symbol IF IFP VR PD Topr Tstg Tsld Absolute Maximum Rating 50 200 5 120 -30 ~ + 85 -40 ~ +100 265C for 10sec. (Ta=25C) Unit mA mA V mW C C IFP Conditions : Pulse Width < 10msec. and Duty < 1/10 = = (2) Initial Electrical/Optical Characteristics Item Symbol Forward Voltage VF Reverse Current IR Luminous Intensity Rank F Iv Condition IF=20[mA] VR= 5[V] IF=20[mA] Min. 800 Typ. 1.9 1600 (Ta=25C) Max. Unit 2.4 V 50 A mcd ! Luminous Intensity Measurement allowance is 10%. Color Rank x y 0.680 0.320 (IF=20mA,Ta=25C) Rank R 0.664 0.696 0.714 0.320 0.288 0.286 ! Color Coordinates Measurement allowance is 0.01. Average Value by Shipment Lot Item Symbol x Color Coordinates (Average) y Iv (IF=20mA,Ta=25C) Average Control ( x, y ) conforms to the ITE red color requirement. Iv > 1350mcd. Luminous Intensity (Average) 2.TYPICAL INITIAL OPTICAL/ELECTRICAL CHARACTERISTICS Please refer to figure's page. 3.OUTLINE DIMENSIONS AND MATERIALS Please refer to figure's page. Material as follows ; Resin(Mold) : Leadframe : Epoxy Resin Ag plating Copper Alloy -1- Nichia STSE-CR2197B 4.PACKAGING * The LEDs are packed in cardboard boxes after packaging in anti-electrostatic bags. Please refer to figure's page. The label on the minimum packing unit shows ; Part Number, Lot Number, Ranking, Quantity * In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation. * The LEDs may be damaged if the boxes are dropped or receive a strong impact against them, so precautions must be taken to prevent any damage. * The boxes are not water resistant and therefore must be kept away from water and moisture. * When the LEDs are transported, we recommend that you use the same packing method as Nichia. 5.LOT NUMBER The first six digits number shows lot number. The lot number is composed of the following characters; "#$$$$ - !% " - Year ( 3 for 2003, 4 for 2004 ) # - Month ( 1 for Jan., 9 for Sep., A for Oct., $$$$ - Nichia's Product Number ! - Ranking by Color Coordinates % - Ranking by Luminous Intensity B for Nov. ) -2- Nichia STSE-CR2197B 6.RELIABILITY (1) TEST ITEMS AND RESULTS Test Item Resistance to Soldering Heat Solderability Thermal Shock Temperature Cycle Moisture Resistance Cyclic Terminal Strength (bending test) Terminal Strength (pull test) High Temperature Storage Temperature Humidity Storage Low Temperature Storage Steady State Operating Life Steady State Operating Life of High Humidity Heat Steady State Operating Life of Low Temperature Standard Test Method JEITA ED-4701 300 302 JEITA ED-4701 300 303 JEITA ED-4701 300 307 JEITA ED-4701 100 105 JEITA ED-4701 200 203 JEITA ED-4701 400 401 JEITA ED-4701 400 401 JEITA ED-4701 200 201 JEITA ED-4701 100 103 JEITA ED-4701 200 202 Test Conditions Tsld=260 5C, 10sec. 3mm from the base of the epoxy bulb Tsld=235 5C, (using flux) 0C ~ 100C 15sec. 15sec. -40C ~ 25C ~ 100C ~ 25C 30min. 5min. 30min. 5min. 25C ~ 65C ~ -10C 90%RH 24hrs./1cycle Load 5N (0.5kgf) 0 ~ 90 ~ 0 bend 2 times Load 10N (1kgf) 10 1 sec. Ta=100C Ta=60C, RH=90% Ta=-40C Ta=25C, IF=50mA 60C, RH=90%, IF=20mA Ta=-30C, IF=20mA 5sec. Note 1 time 1 time over 95% 100 cycles 100 cycles 10 cycles No noticeable damage No noticeable damage 1000hrs. 1000hrs. 1000hrs. 1000hrs. 500hrs. 1000hrs. Number of Damaged 0/100 0/100 0/100 0/100 0/100 0/100 0/100 0/100 0/100 0/100 0/100 0/100 0/100 (2) CRITERIA FOR JUDGING THE DAMAGE Item Symbol Test Conditions Forward Voltage VF IF=20mA U.S.L.*)$ 1.1 Reverse Current IR VR=5V U.S.L.*)$ 2.0 Luminous Intensity IV IF=20mA L.S.L.**)$ 0.7 *) U.S.L. : Upper Standard Level **) L.S.L. : Lower Standard Level Criteria for Judgement Min. Max. -3- Nichia STSE-CR2197B 7.CAUTIONS (1) Lead Forming * When forming leads, the leads should be bent at a point at least 3mm from the base of the epoxy bulb. Do not use the base of the leadframe as a fulcrum during lead forming. * Lead forming should be done before soldering. * Do not apply any bending stress to the base of the lead. The stress to the base may damage the LED's characteristics or it may break the LEDs. * When mounting the LEDs onto a printed circuit board, the holes on the circuit board should be exactly aligned with the leads of the LEDs. If the LEDs are mounted with stress at the leads, it causes deterioration of the epoxy resin and this will degrade the LEDs. (2) Storage * The LEDs should be stored at 30C or less and 70%RH or less after being shipped from Nichia and the storage life limits are 3 months. If the LEDs are stored for 3 months or more, they can be stored for a year in a sealed container with a nitrogen atmosphere and moisture absorbent material. * Nichia LED leadframes are comprised of a silver plated copper alloy. The silver surface may be affected by environments which contain corrosive gases and so on. Please avoid conditions which may cause the LED to corrode, tarnish or discolor. This corrosion or discoloration may cause difficulty during soldering operations. It is recommended that the LEDs be used as soon as possible. * Please avoid rapid transitions in ambient temperature, especially, in high humidity environments where condensation can occur. -4- Nichia STSE-CR2197B Pre-Heat Pre-Heat Time Solder Bath Temperature Dipping Time Dipping Position Dip Soldering 120C Max. 60 seconds Max. 260C Max. 10 seconds Max. No lower than 3 mm from the base of the epoxy bulb. Temperature Soldering Time Position Soldering 350C Max. 3 seconds Max. No closer than 3 mm from the base of the epoxy bulb. * Do not apply any stress to the lead particularly when heated. * The LEDs must not be repositioned after soldering. * After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or vibration until the LEDs return to room temperature. * Direct soldering onto a PC board should be avoided. Mechanical stress to the resin may be caused from warping of the PC board or from the clinching and cutting of the leadframes. When it is absolutely necessary, the LEDs may be mounted in this fashion but the User will assume responsibility for any problems. Direct soldering should only be done after testing has confirmed that no damage, such as wire bond failure or resin deterioration, will occur. Nichia's LEDs should not be soldered directly to double sided PC boards because the heat will deteriorate the epoxy resin. * When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize the mechanical stress on the LEDs. * Cut the LED leadframes at room temperature. Cutting the leadframes at high temperatures may cause failure of the LEDs. (4) Heat Generation * Thermal design of the end product is of paramount importance. Please consider the heat generation of the LED when making the system design. The coefficient of temperature increase per input electric power is affected by the thermal resistance of the circuit board and density of LED placement on the board, as well as other components. It is necessary to avoid intense heat generation and operate within the maximum ratings given in this specification. * The operating current should be decided after considering the ambient maximum temperature of LEDs. (5) Cleaning * It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs. When using other solvents, it should be confirmed beforehand whether the solvents will dissolve the resin or not. Freon solvents should not be used to clean the LEDs because of worldwide regulations. * Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of ultrasonic cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition. Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur. -5- Nichia STSE-CR2197B -6- Nichia STSE-CR2197B ICI Chromaticity Diagram 0.400 0.375 0.350 610 y 0.325 620 0.300 630 ITE (Red) 650 0.275 700 0.250 0.650 0.675 0.700 0.725 0.750 0.775 0.800 x ! Color Coordinates Measurement allowance is 0.01. -7- ! Forward Voltage vs. Forward Current 200 Forward Current IFP (mA) 50 20 10 5 100 Ta=25C ! Forward Current vs. Relative Luminosity 7.0 Relative luminosity (a.u.) 6.0 5.0 4.0 3.0 2.0 1.0 0 0 20 40 60 80 100 120 Forward Current IFP (mA) Ta=25C ! Duty Ratio vs. Allowable Forward Current Allowable Forward Current IFP (mA) 300 200 100 50 30 20 10 1 5 10 20 50 100 Duty Ratio (%) Ta=25C 1 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 Forward Voltage VF (V) ! Ambient Temperature vs. Forward Voltage 2.8 Forward Voltage VF (V) 2.6 2.4 2.2 2.0 1.8 1.6 1.4 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta (C) IFP=60mA IFP=20mA IFP=5mA ! Ambient Temperature vs. Relative Luminosity 2.0 Relative Luminosity (a.u.) IFP=20mA 1.0 ! Ambient Temperature vs. Allowable Forward Current Allowable Forward Current IF (mA) 60 50 40 30 20 10 0 0 20 40 60 80 100 Ambient Temperature Ta (C) -8- 0.5 0.2 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta (C) Nichia STSE-CR2197B Model NSPRxxxx NICHIA CORPORATION Title TYP.CHARACTERISTICS No. 011210110371 ! Ambient Temperature vs. Chromaticity Coordinate (D) 0.33 0.32 0.31 IFP=20mA ! Spectrum Relative Emission Intensity (a.u.) 1.2 1 0.8 0.6 0.4 0.2 0 450 500 550 600 650 700 750 Wavelength (nm) Ta=25C IF=20mA 0.30 0.29 -30C(621nm) 0C(624nm) 25C(625nm) 50C(627nm) 85C(629nm) y x ! Ambient Temperature vs. Dominant Wavelength Dominant Wavelength D (nm) 0.28 0.68 0.69 0.70 0.71 0.72 0.73 ! Forward Current vs. Dominant Wavelength Dominant Wavelength D (nm) ! Directivity (NSPR800AS) 1 Relative Luminosity (a.u.) Y Up Side 631 629 627 625 623 621 619 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta (C) IFP=20mA 631 629 627 625 623 621 619 1 5 10 20 50 100 Forward Current IFP (mA) Ta=25C Ta=25C IF=20mA X-X Y-Y 0.5 Down Side X Y X Down Side -9- Up Side 0 -90 -60 -30 0 30 60 90 Radiation Angle Nichia STSE-CR2197B Model NSPR800AS NICHIA CORPORATION Title TYP.CHARACTERISTICS No. 020131200821 Cathode (2.5) ! 0.5 0.05 Anode 1.5MAX. (2) 31.2 1 ITEM RESIN(MOLD) LEAD FRAME MATERIALS Epoxy Resin Ag Plating Copper Alloy Remark: Bare copper alloy is exposed at tie-bar portion after cutting. The lamps have sharp and hard points that may injure human eyes or fingers etc., so please pay enough care in the handling. 0.1 1 0.3 0.3 14.7 0.5 -10- 0.5 3.3 3.8 1 11 0.3 Up Side Down Side 7.5 Stopper Nichia STSE-CR2197B Model NSPR800AS Unit mm 3/1 Scale Allow 0.2 NICHIA CORPORATION Title No. OUTLINE DIMENSIONS 020131200831 Cardboard NICHIA XXXX LED Anti-electrostatic bag TYPE LOT QTY NxPxxxxxx xxxxxx-!" pcs NICHIA CORPORATION 491OKA,KAMINAKA,ANAN,TOKUSHIMA,JAPAN The quantity is printed on this bag. CAUTION TO ELECTROSTATIC DAMAGE Label NICHIA -11XXXX LED Cardboard TYPE LOT QTY NxPxxxxxx xxxxxx-!" PCS NICHIA CORPORATION 491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN Nichia STSE-CR2197B Cardboard box 360!135!215!4t # One box contains 8 bags at maximum. Model NxPxxxxxx NICHIA CORPORATION Title No. PACKING 031029201103 Cardboard Anti-electrostatic bag NICHIA XXXX LED TYPE LOT QTY NxPxxxxxx xxxxxx-!" pcs NICHIA CORPORATION 491OKA,KAMINAKA,ANAN,TOKUSHIMA,JAPAN The quantity is printed on this bag. CAUTION TO ELECTROSTATIC DAMAGE Cardboard box A Label NICHIA XXXX LED TYPE LOT QTY NxPxxxxxx xxxxxx-!" PCS -12Cardboard Cardboard box B 360!135!215!4t # The cardboard box B contains 2 cardboard box A at maximum. NICHIA CORPORATION 491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN # Put this label on the cardboard box B. Nichia STSE-CR2197B Model NxPxxxxxx NICHIA CORPORATION Title No. PACKING 031029201113 Cardboard Anti-electrostatic bag NICHIA XXXX LED TYPE LOT QTY NxPxxxxxx xxxxxx-!" pcs NICHIA CORPORATION 491OKA,KAMINAKA,ANAN,TOKUSHIMA,JAPAN The quantity is printed on this bag. CAUTION TO ELECTROSTATIC DAMAGE Label -13# One box contains 20 bags at maximum. Cardboard NICHIA XXXX LED TYPE LOT QTY NxPxxxxxx xxxxxx-!" PCS NICHIA CORPORATION 491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN Cardboard box 425!135!355!4t Nichia STSE-CR2197B Model NxPxxxxxx NICHIA CORPORATION Title No. PACKING 031029201123 Cardboard NICHIA XXXX LED Anti-electrostatic bag TYPE LOT QTY NxPxxxxxx xxxxxx-!" pcs NICHIA CORPORATION The quantity is printed on this bag. 491OKA,KAMINAKA,ANAN,TOKUSHIMA,JAPAN Cardboard box A CAUTION TO ELECTROSTATIC DAMAGE Label -14Cardboard Cardboard box B 425!135!355!4t Model NICHIA XXXX LED TYPE LOT QTY NxPxxxxxx xxxxxx-!" PCS NICHIA CORPORATION 491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN # Put this label on the cardboard box B. Nichia STSE-CR2197B NxPxxxxxx NICHIA CORPORATION # The cardboard box B contains 4 cardboard box A at maximum. Title No. PACKING 031029201133 |
Price & Availability of NSPR800AS
![]() |