Part Number Hot Search : 
MMSZ526 L8150 2SC3995 EDREDRED EUP2570 17S682K BT138 CL766
Product Description
Full Text Search
 

To Download N3290-44736 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14 Pin Dip, 5V, HCMOS/TTL Frequency Range: Frequency Stability: Temperature Range: Operating: (Option) Storage: Input Voltage: Input Current: Output: Symmetry: (Option) Rise/Fall Time: Logic: Load: Jitter RMS: Aging:
N32xx Model
ree dF ea oHS nt L R plia m Co
Clock Oscillator
1.544MHz to 125MHz 10ppm to 100ppm 0C to 70C -40C to 85C -55C to 120C 5V 0.5V 40mA Max HCMOS/TTL 40/60% Max @ 50% Vdd 45/55% Max 4ns Typ, 6ns Max "0" = 10% Vdd Max "1" = 90% Vdd Min 50pF/10TTL Max 5ps Typ, 10ps Max
Designed to meet today's requirements for low jitter applications. The oscillator utilizes fundamental and 3rd overtone crystal technology. No multiplier is used thereby reducing output jitter.
<3ppm 1st/yr, 1ppm every year thereafter
.600 (15.24) .300 (7.62) .260 (6.60) 1 .300 (7.62) 14 8 7 .520 (13.21) .450 (11.43)
.820 (20.83) .750 (19.05) CRYSTEK Part Number Frequency Date Code
mA M
OUT pin 14
Vdd OUT
pin 8 OSC.
GND
PWR Supply
O/P Load incl Probe Cl
Crystek Part Number Guide
Example: N3292-44.736 Extended Temp: NE3292-44.736 N= 0C to 70C *NE= -40C to 85C Symmetry 40/60% Part Number N*3290 N*3292 N*3291 N 3298 N 3297 Part Number N*3990 N*3992 N*3991 N 3998 N 3997 Freq. Stability +/-100ppm +/- 50ppm +/- 25ppm +/- 20ppm +/- 10ppm Symmetry 45/55% Freq. Stability +/-100ppm +/- 50ppm +/- 25ppm +/- 20ppm +/- 10ppm
VM pin 1
pin 7
High Impedance GND or "LOW"
Oscillation OPEN or "HIGH"
Tri-State Function Function pin 1 Open "1" level 2.4V Min "0" level 0.4V Max Output pin Active Active High Z
Specifications subject to change without notice.
TD-02072 Rev. B 17


▲Up To Search▲   

 
Price & Availability of N3290-44736

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X