Part Number Hot Search : 
TM1130P 30CPQ050 SP706RCN W81C180 C1213A AC60S120 SSM3K3 FP1016A
Product Description
Full Text Search
 

To Download MPS455 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MPS455 NPN TRANSISTOR TO-92 CASE
DESCRIPTION The CENTRAL SEMICONDUCTOR MPS455 is a silicon NPN Medium Power Transistor, manufactured by the epitaxial planar process, designed for general purpose amplifier and switching applications. MAXIMUM RATINGS (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Peak Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VCBO VCEO VEBO IC ICM PD TJ,Tstg JA 160 140 5.0 1.0 2.0 1.0 -65 to +150 125 UNITS V V V A A W C C/W
ELECTRICAL CHARACTERISTICS (TA=25C) SYMBOL ICBO IEBO BVCBO BVCEO BVEBO VCE(SAT) hFE hFE fT Cob TEST CONDITIONS VCB=140V VEB=4.0V IC=100A IC=10mA IE=100A IC=150mA, IB=15mA VCE=10V, IC=150mA VCE=10V, IC=1.0A VCE=10V, IC=50mA, f=100MHz VCB=10V, IE=0, f=1.0MHz MIN TYP MAX 0.1 0.1 160 140 5.0 0.70 100 10 100 15 MHz pF 300 UNITS A A V V V V
(SEE REVERSE SIDE) R0
MPS455
NPN MEDIUM POWER TRANSISTOR
TO-92 PACKAGE - MECHANICAL OUTLINE
A B 123
DIMENSIONS INCHES MILLIMETERS MIN MAX MIN MAX 0.175 0.205 4.45 5.21 0.170 0.210 4.32 5.33 0.500 12.70 0.016 0.022 0.41 0.56 0.100 2.54 0.050 1.27 0.125 0.165 3.18 4.19 0.080 0.105 2.03 2.67 0.015 0.38 TO-92 (REV: R1) 1) Emitter 2) Base 3) Collector
C
SYMBOL A (DIA) B C D E F G H I
D E F G H
Lead Code:
I
R1


▲Up To Search▲   

 
Price & Availability of MPS455

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X