Part Number Hot Search : 
1N4592 60AYP6C MAX12 2545E CPH6635 IF29C93A CP150 2G40UM
Product Description
Full Text Search
 

To Download MIC94060YMT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC94060/61/62/63
High Side Power Switches
General Description
The MIC94060-63 are high-side load switches designed for operation between 1.7V to 5.5V. The devices contain a low on-resistance P-channel MOSFET that supports over 2A of continuous current. The MIC94061and MIC94063 features an active load discharge circuit which insures capacitive loads retain no charge when the main switch is in an OFF state. MIC94060-61 feature rapid turn on while MIC94062-63 provide a slew rate controlled Soft-Start turn-on of 800s (typical) to prevent in-rush current from glitching supply rails. An active pull-down on the enable input keeps MIC94060-63 in a default OFF state until the EN pin is pulled to a high level. Built-in level shift circuitry allows low voltage logic signals to switch higher supply voltages, or vice versa; high level logic signals can control low level voltages. MIC94060-63's operating voltage range makes them suitable for 1-cell Lithium ion and 2- to 3-cell NiMH/NiCad/Alkaline powered systems, as well as all 5V applications. Their low operating current of 2A and low shutdown current of <1A maximize battery life. Data sheets and support documentation can be found on Micrel's web site at: www.micrel.com.
Features
* * * * * * * * * 1.7V to 5.5V input voltage range 2A continuous operating current 77m (typ) RON Built-in level shift for control logic; can be operated by 1.5V logic. Low 2A quiescent current Soft-Start: MIC94062-63 Micro-power shutdown <1A Load discharge circuit: MIC94061, MIC94063 Space saving 1.2x1.6 mm Thin MLF(R) package
Applications
* Load switch in portable applications: - Cellular phones - PDAs - MP3 players - Digital Cameras - Portable instrumentation * Battery switch-over circuits * Level translator
________________________________________________________________________________________________________
Typical Application
MIC94060, 62 Load Switch Application
MIC94061, 63 Load Switch with Capacitive Load Discharge
MLF and MicroLeadFrame are registered trademarks of Amkor Technologies, Inc. Micrel Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel +1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
February 2007
M9999-022607
Micrel, Inc.
MIC94060/61/62/63
Ordering Information
Part Number Standard MIC94060BC6 MIC94061BC6 MIC94062BC6 MIC94063BC6 -- -- -- --
Notes 1. Underbar symbol on SC-70 Pb-free packages may not be to scale.
Part Marking(1) Standard P54 P55 P56 P57 -- -- -- -- Pb-Free P54 P55 P56 P57 P54 P55 P56 P57
Pb-Free MIC94060YC6 MIC94061YC6 MIC94062YC6 MIC94063YC6 MIC94060YMT MIC94061YMT MIC94062YMT MIC94063YMT
Soft-Start
Load Discharge
Package
SC-70-6

1.2mm x 1.6mm (R) Thin MLF
Pin Configuration
SC-70-6 (C6)
1.2x1.6 mm Thin MLF(R) (MT)
Pin Description
Pin Number SC-70 1 2,5 4 3 6 MLF 1 2 3 4 -Pin Name VOUT GND VIN EN NIC Pin Function Drain of P-channel MOSFET. Ground and the backside pad (MLF only) should both be connected to electrical ground. Source of P-channel MOSFET. Enable (Input): Active-high CMOS compatible control input for switch A. Do not leave floating. No Internal Connection. A signal or voltage applied to this pin will have no effect on device operation.
February 2007
2
M9999-022607
Micrel, Inc.
MIC94060/61/62/63
Absolute Maximum Ratings (1)
Input Voltage (VIN) ................................................+6V Enable Voltage (VEN) ...........................................+6V Continuous Drain Current (ID) (3) TA = 25C ....................................................... 2A TA = 85C ....................................................1.4A Pulsed Drain Current (IDP) (4) ................................ 6A Continuous Diode Current (IS) (4) .....................-50mA Storage Temperature (Ts) ............... -55C to +150C EDS Rating - HBM (6) .......................................... 4KV
Operating Ratings (2)
Input Voltage (VIN)................................. +1.7 to +5.5V Junction Temperature (TA).............. -40C to +125C Package Thermal Resistance SC-70-6 (JA)......................................... 240C/W 1.2x1.6 MLF (JA) .................................. 172C/W 1.2x1.6 MLF (JC) (3) .............................. 134C/W
Electrical Characteristics
VIN = 5V; TA = 25C, bold values indicate -40C< TA < +85C, unless noted. Symbol VEN_TH IEN IVIN RDS(ON) Parameter Enable Threshold Voltage Enable Input Current OFF State Leakage Current P-Channel Drain to Source ON Resistance SC-70 Package Condition VIN = 1.8V to 4.5V, ID = -250A VIN = 1.7V to 4.5V, ID = -250A VIN = VEN = 5.5V VIN = +5.5V, VEN = 0V VIN = +4.5V, ID = -100mA, VEN = 1.5V VIN = +3.6V, ID = -100mA, VEN = 1.5V VIN = +2.5V, ID = -100mA, VEN = 1.5V VIN = +1.8V, ID = -100mA, VEN = 1.5V VIN = +1.7V, ID = -100mA, VEN = 1.5V RDS(ON) P-Channel Drain to Source ON Resistance MLF Package VIN = +4.5V, ID = -100mA, VEN = 1.5V VIN = +3.6V, ID = -100mA, VEN = 1.5V VIN = +2.5V, ID = -100mA, VEN = 1.5V VIN = +1.8V, ID = -100mA, VEN = 1.5V VIN = +1.7V, ID = -100mA, VEN = 1.5V RSHUTDOWN Turn-Off Resistance VIN = +3.6V, ITEST = 1mA, VEN = 0V MIC94061, 63 77 85 100 145 155 85 100 145 155 165 200 Min 0.5 0.4 2 Typ Max 1.2 1.2 4 1 110 115 140 200 215 115 140 200 215 225 300 Units V V A A m m m m m m m m m m
Dynamic
Symbol tON_DLY Parameter Turn-On Delay Time Condition VIN = +3.6V, ID = -100mA, VEN = 1.5V MIC94060, 61 VIN = +3.6V, ID = -100mA, VEN = 1.5V MIC94062, 63 tON_RISE Turn-On Rise Time VIN = +3.6V, ID = -100mA, VEN = 1.5V MIC94060, 61 VIN = +3.6V, ID = -100mA, VEN = 1.5V MIC94062, 63 500 800 1500 s 0.5 1 5 s 700 1200 s Min Typ 0.85 Max 1.5 Units s
February 2007
3
M9999-022607
Micrel, Inc.
MIC94060/61/62/63
Dynamic (cont.)
tOFF_DLY Turn-Off Delay Time VIN = +3.6V, ID = -100mA, VEN = 1.5V MIC94060, 61 VIN = +3.6V, ID = -100mA, VEN = 1.5V MIC94062, 63 tOFF_FALL Turn-Off Fall Time VIN = +3.6V, ID = -100mA, VEN = 1.5V MIC94060, 61 VIN = +3.6V, ID = -100mA, VEN = 1.5V MIC94062, 63
Notes: 1. 2. 3. 4. 5. 6. Exceeding the absolute maximum rating may damage the device. The device is not guaranteed to function outside its operating rating. With backside thermal contact to PCB. Pulse width <300s with < 2% duty cycle. Continuous body diode current conduction (reverse conduction, i.e. VOUT to VIN) is not recommended. Devices are ESD sensitive. Handling precautions recommended. HBM (Human body model), 1.5k in series with 100pF.
100 60 60 60
200 200 100 100
ns ns ns ns
February 2007
4
M9999-022607
Micrel, Inc.
MIC94060/61/62/63
Typical Characteristics
February 2007
5
M9999-022607
Micrel, Inc.
MIC94060/61/62/63
Functional Characteristics MIC94060
February 2007
6
M9999-022607
Micrel, Inc.
MIC94060/61/62/63
MIC94061
February 2007
7
M9999-022607
Micrel, Inc.
MIC94060/61/62/63
MIC94062
February 2007
8
M9999-022607
Micrel, Inc.
MIC94060/61/62/63
MIC94063
February 2007
9
M9999-022607
Micrel, Inc.
MIC94060/61/62/63
Package Information
6-Pin SC-70 (C6)
4-Pin Thin MLF(R) (MT)
February 2007
10
M9999-022607
Micrel, Inc.
MIC94060/61/62/63
Recommended Land Pattern for MLF 1.2x1.6 4 Lead
Optional for maximum thermal performance. Heatsink should be connected to GND plane of PCB for maximum thermal performance. Disclaimer: This is only a recommendation based on information available to Micrel from its suppliers. Actual land pattern may have to be significantly different due to various materials and processes used in PCB assembly. Micrel makes no representation or warranty of performance based on the recommended land pattern."
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2004 Micrel, Incorporated.
February 2007
11
M9999-022607


▲Up To Search▲   

 
Price & Availability of MIC94060YMT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X