Part Number Hot Search : 
IS43R SAA71 30WQ10F HC705 57745B SDR956Z LM158N BZX84
Product Description
Full Text Search
 

To Download MASW-008153 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-008153
SPDT High Isolation CATV Switch 5 - 1000 MHz
Features
* * * * * * * * * 75 Impedance Input Terminated Positive Voltage Control High Isolation: 65 dB at 870 MHz 0.5 micron GaAs PHEMT Process Lead-Free 4 mm 20-Lead PQFN Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible
M/A-COM Products
Rev. V1
Functional Schematic
Description
M/A-COM's MASW-008153 is a GaAs PHEMT MMIC single pole double throw (SPDT) switch in a lead-free 4 mm 20-lead PQFN package. The MASW-008153 is ideally suited for applications where low control voltage, high isolation, small size and low cost are required. Typical applications are to replace mechanical relays in CATV systems. This part can be used in all 75 systems operating up to 1 GHz. The MASW-008153 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
Pin Configuration 3
Pin No. 1 2 3 4 5 6 7 8 9 Pin Name GND GND RF1 GND GT1 GI1 GND RFC GND GI2 GT2 GND RF2 GND GND G2 V1 V2 V1 G1 Description Ground Ground RF Port 1 Ground RF Ground RF Ground Ground RF Common Port Ground RF Ground RF Ground Ground RF Port 2 Ground Ground RF Ground Control 1 Control 2 Control 1 RF Ground
Ordering Information
Part Number MASW-008153-TR3000 MASW-008153-001SMB
1,2
10 Package 11 12 13 14 15 16 17 18 19 20
13 inch, 3000 piece reel Sample Board 50 - 1000 MHz tuning
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts.
3. The exposed pad centered on the package bottom must be connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.
MASW-008153
SPDT High Isolation CATV Switch 5 - 1000 MHz
Parameter Insertion Loss Isolation Return Loss (On) Return Loss (Off) IP3 Trise, Tfall Ton, Toff Transients Control Current Test Conditions 5 - 50 MHz 50 - 1000 MHz 5 - 50 MHz 50 - 1000 MHz 5 - 50 MHz 50 - 1000 MHz 5 - 50 MHz 50 - 1000 MHz Two Tone, +10 dBm/tone, 6 MHz spacing, > 50 MHz VC = 0 V / 2.9 V VC = 0 V / 5.0 V 10% to 90% RF, 90% to 10% RF 50% control to 90% RF, 50% control to 10% RF In Band |VC| = 2.9 V Units dB dB dB dB dB dB dB dB dBm dBm nS nS mV A
M/A-COM Products
Rev. V1
Electrical Specifications: TA = 25C, Z0 = 75 4, VC = 0 V / 2.9 V, PIN = 10 dBm
Min. -- -- -- 60 -- -- -- -- -- -- -- -- -- -- Typ. 0.9 1.0 80 63 28 14 26 20 47 52 8 18 70 5 Max. -- 1.2 -- -- -- -- -- -- -- -- -- -- -- --
4. External 0.01 F DC blocking capacitors are required on all RF In/Out and RF ground ports. See Application Schematic.
Absolute Maximum Ratings 5,6
Parameter Input Power (5 - 1000 MHz, 2.9 V Control) Operating Voltage Operating Temperature Storage Temperature Absolute Maximum +32 dBm +8.5 volts -40C to +85C -65C to +150C
Application Schematic
C10 C4
G1 V1 V2 V1 G2
C11 C9
GND
GND GND RF2
C1
GND RF1
C2
5. Exceeding any one or combination of these limits may cause permanent damage. 6. M/A-COM does not recommend sustained operation near these survivability limits.
GND GT1
GND GT2
C5
Truth Table
V1 1 0
7
GI1
GND RFC
GND GI2
C8 C7
C6
V2 0 1
RFC - RF1 On Off
RFC - RF2 Off On
C3
C1 - C9 = 0.01 F, RF Bypass Capacitors C10 - C11 = 0.01 F, Logic Control Decoupling Capacitors
7. 1 = +2.9 to +5 V, 0 = 0 + 0.2 V.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.
MASW-008153
SPDT High Isolation CATV Switch 5 - 1000 MHz
Typical Performance Curves
Insertion Loss RFC - RF1
-0.4
M/A-COM Products
Rev. V1
Insertion Loss RFC - RF2
-0.4
-0.8
-0.8
-1.2
-1.2
-1.6
+25C -40C +85C
-1.6
+25C -40C +85C
-2.0
0
200
400
600
800
1000
1200
-2.0
0
200
400
600
800
1000
1200
Frequency (MHz)
Frequency (MHz)
Isolation RFC - RF1
0.0
Isolation RFC - RF2
0
-30.0
-30
-60.0
-60
-90.0
+25C -40C +85C
-90
+25C -40C +85C
-120.0
0
200
400
600
800
1000
1200
-120
0
200
400
600
800
1000
1200
Frequency (MHz)
Frequency (MHz)
Return Loss On-state match
0.0
Return Loss Off-state match
0.0
-11.2
-11.2
-22.5
-22.5
-33.7
+25C -40C +85C
-33.7
+25C -40C +85C
-45.0
0
200
400
600
800
1000
1200
-45.0
0
200
400
600
800
1000
1200
3
Frequency (MHz)
Frequency (MHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.
MASW-008153
SPDT High Isolation CATV Switch 5 - 1000 MHz
Lead-Free 4 mm 20-Lead PQFN M/A-COM Products
Rev. V1
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-008153

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X