Part Number Hot Search : 
ZTB506E KA75420Z 85042 JHD162 5KP78 LM290 LM258 ASPDF5T0
Product Description
Full Text Search
 

To Download M74HC4316 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M74HC4316
QUAD BILATERAL SWITCH
s
s
s
s
s s s
s
s
HIGH SPEED: tPD = 13ns (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC = 1A(MAX.) at Vcc = 5V LOW "ON" RESISTANCE: 120 TYP. (VCC - VEE = 2V) 50 TYP. (VCC - VEE = 4.5V) 35 TYP. (VCC - VEE = 9V) WIDE ANALOG INPUT VOLTAGE RANGE 6v LOW CROSSTALK BETWEEN SWITCHES FAST SWITCHING SINE WAVE DISTORTION: 0.020 at VCC - VEE = 9V HIGH NOISE IMMUNITY: VNIH = V NIL = 28 % VCC (MIN.) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 4316
DIP
SOP
TSSOP
ORDER CODES
PACKAGE DIP SOP TSSOP TUBE M74HC4316B1R M74HC4316M1R T&R M74HC4316RM13TR M74HC4316TTR
DESCRIPTION The M74HC4316 is an high speed CMOS QUAD BILATERAL SWITCH fabricated with silicon gate C2MOS technology. This device has four independent analogue switches. Each switch has two input/output terminals (nI/O, nO/I) and an active high select input (nC). PIN CONNECTION AND IEC LOGIC SYMBOLS
When the enable input is high, all four analog switches are off. The supply voltage for the digital signals applied to VCC and GND must be whitin the range 0 to 6 V. The voltage swing on the analogue Inputs/Outputs can be between VCC (positive limit) and VEE (negative limit). The voltage between VCC and VEE must not exceed 12V. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
July 2001
1/11
M74HC4316
LOGIC DIAGRAM PIN DESCRIPTION
PIN No 1, 4, 10, 13 2, 3, 11, 12 7 15, 5, 6, 14 9 8 16 SYMBOL 1 to 4 I/O 1 to 4 O/I E 1C to 4C VEE GND VCC NAME AND FUNCTION Independent Inputs/Outputs Independent Outputs/ Inputs Enable Inputs (Active LOW) Enable Inputs (Active High) Negative Supply Voltage Ground (0V) Positive Supply Voltage
TRUTH TABLE
E L L H C H L X SWITCH FUNCTION ON OFF OFF
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VI/O IIK IOK IO Supply Voltage Control Input Voltage Switch Input/Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin VCC - VEE Supply Voltage Parameter Value -0.5 to +7 -0.5 to +13 -0.5 to VCC + 0.5 VEE -0.5 to VCC + 0.5 20 20 25 50 500(*) -65 to +150 300 Unit V V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current PD Power Dissipation Tstg TL Storage Temperature Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) 500mW at 65 C; derate to 300mW by 10mW/C from 65C to 85C
2/11
M74HC4316
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VEE VI VI/O Top tr, tf Supply Voltage Supply Voltage Input Voltage Switch I/O Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 12 -6 to 0 2 to 12 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 ns Unit V V V V V C
VCC - VEE Supply Voltage
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 4.5 4.5 6.0 2.0 4.5 4.5 6.0 4.5 4.5 6.0 6.0 6.0 6.0 6.0 6.0 VEE (V) TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 170 85 70 180 80 60 40 15 10 10 0.06 0.1 0.06 0.1 10-5 Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 200 105 85 215 100 75 60 20 15 15 0.6 1 0.6 1 Max. -55 to 125C Unit Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. V
VIHC
High Level Control Input Voltage Low Level Control Input Voltage ON Resistance
VILC
V
RON
RON
Difference of ON Resistance between switches Input/Output Leakage Current (SWITCH OFF) Switch Input Leakage Current (SWITCH ON, OUTPUT OPEN) Control Input Current
IOFF
GND -4.5 -6.0 GND GND -4.5 -6.0 GND -4.5 -6.0 GND
VI = VIHC VI/O = VCC to VEE II/O = 0.1mA VI = VIHC VI/O = VCC or VEE II/O = 0.1mA VIN = VIHC or VILC VI/O = VCC to VEE II/O = 0.1mA
70 50 30 120 50 35 20 10 5 5
2 2 2 2
VOS = VCC or GND VIS = VCC or GND -6.0 VIN = VIHC or VILC VOS = VCC or GND
A A
IIZ
GND
-6.0 VIN = VIHC or VILC VI = VCC or GND
IIN
0.1
1
1
A
3/11
M74HC4316
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 VEE (V) GND GND GND -4.5 -6.0 GND GND GND -4.5 -6.0 GND GND GND -4.5 -6.0 GND GND GND TA = 25C Min. Typ. 12 3 3 2 2 56 14 12 13 11 112 28 24 24 21 2 9 11 Max. 30 6 5 4 4 115 23 20 21 18 205 41 35 34 29 Value -40 to 85C -55 to 125C Unit Min. Max. 40 8 7 5 5 145 29 25 26 23 255 51 43 43 36 Min. Max.
I/O
Phase Difference Between Input and Output
ns
tPZL tPZH
Output Enable Time (E, C - OUT)
RL = 1K
ns
tPLZ tPHZ
Output Disable Time (E, C - OUT)
RL = 1K
ns
fMAX
Maximum Control Input Frequency
RL = 1K CL = 15 pF VOUT = 1/2 VCC
MHz
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) TA = 25C Min. Typ. 5 4.5 4.5 5.0 GND -4.5 -4.5 5 1 16 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF pF pF Unit
CIN CI/O CIOS CPD
Input Capacitance Switch Terminal Capacitance Feed Through Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
4/11
M74HC4316
ANALOG SWITCH CHARACTERISTICS (GND = 0V;TA = 25C)
Symbol Parameter VCC (V) Sine Wave Distortion (THD) fMAX Frequency Response (Switch ON) Feed through Attenuation (Switch OFF) Crosstalk (Control Input to Signal Output) Crosstalk (Between Any Switches) 2.25 4.5 6.0 2.25 4.5 6.0 2.25 4.5 6.0 2.25 4.5 6.0 2.25 4.5 6.0 VEE (V) VIN (Vp-p) Test Condition Value Unit Typ.
2.25 4 0.025 fIN = 1 KHz RL = 10 K, CL = 50 pF 4.5 8 0.020 % 6.0 11 0.018 28 2.25 Adjust fIN voltage to obtain 0 dBm at VOS. Increase fIN Frequency until dB meter reads -3dB 4.5 42 MHz RL = 50, CL = 10 pF, fIN = 1MHz sine wave 6.0 43 -50 2.25 VIN is centered at VCC/2. Adjust input for 0 dBm RL = 600, CL = 50 pF, fIN = 1MHz sine wave 4.5 -50 dB 6.0 -50 2.25 4.5 RL = 600, CL = 50 pF, fIN = 1MHz square wave (tr = tf =6ns) 5 mV 6.0 -50 2.25 Adjust VIN to Obtain 0 dBm at input RL = 600, CL = 50 pF, fIN = 1MHz sine wave 4.5 -50 dB 6.0 -50
5/11
M74HC4316
SWITCHING CARACTERISTICS TEST CIRCUIT
CONTROL ENABLE
CROSSTALK (control to output)
CROSSTALK BETWEEN ANY TWO SWITCHES
BANDWIDTH AND FEEDTHROUGH ATTENUATION
MAXIMUM CONTROL FREQUENCY
6/11
M74HC4316
CHANNEL RESISTANCE (RON) ICC (Opr.)
7/11
M74HC4316
Plastic DIP-16 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001C
8/11
M74HC4316
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
PO13H
9/11
M74HC4316
TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080338D
10/11
M74HC4316
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of M74HC4316

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X