Part Number Hot Search : 
433LU1 ANTX1 TCD2503 5962R 5962R CY101 MAX13014 LP141E2
Product Description
Full Text Search
 

To Download LMO12D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
LMO12D
www.SunLED.com
T-1 3/4 (5mm) SOLID STATE LAMP
Features
LOW POWER CONSUMPTION. POPULAR T-1 3/4 DIAMETER PACKAGE. GENERAL PURPOSE LEADS. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute maximum ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg MO (InGaAlP) 5 30 195 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR MO (InGaAlP) 2.0 2.5 10 Unit V V uA
P
610
nm
260C For 3 Seconds 260C For 5 Seconds
D
601
nm
29
nm
C
30
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 795
Wavelength nm P
Viewing Angle 2 1/2
LMO12D
Orange
InGaAlP
Orange Diffused
380
610
30
Published Date : MAR 26, 2008
Drawing No : SDSA3587
V4
Checked : B.L.LIU
P.1/4
Part Number:
LMO12D
www.SunLED.com
T-1 3/4 (5mm) SOLID STATE LAMP
MO
Published Date : MAR 26, 2008
Drawing No : SDSA3587
V4
Checked : B.L.LIU
P.2/4
Part Number:
LMO12D
www.SunLED.com
T-1 3/4 (5mm) SOLID STATE LAMP
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 26, 2008
Drawing No : SDSA3587
V4
Checked : B.L.LIU
P.3/4
Part Number:
LMO12D
www.SunLED.com
T-1 3/4 (5mm) SOLID STATE LAMP
PACKING & LABEL SPECIFICATIONS
LMO12D
Published Date : MAR 26, 2008
Drawing No : SDSA3587
V4
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of LMO12D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X