Part Number Hot Search : 
MX611 SGA3486Z IPD90 1078M MB90V800 6502R EPR1401G 1010A
Product Description
Full Text Search
 

To Download KK74VHCT00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
Quad 2-Input NOR Gate
KK74VHCT00 is high-speed logic IC made by CMOS technology and designed for use in high-performance calculating systems with a wide supply voltage range. As for operation speed, KK74VHCT00 can be compared with equivalent bipolar ICs based on Schottky TTL and two times surpasses ICs of KK74 series. KK74VHCT00 tolerates operation under conditions when voltage on input & output is exceeded up to 7V without affecting characteristics and IC reliability. This possibility allows to use KK74VHCT00 in radio-electronic devices for interfacing with supply voltages 5V and 3V, eliminate IC failure under supply voltage source emergency outage. Use of output edge shaping block in the microcircuit allows to reduce noise amplitude of noises when switching outputs into the same state simultaneously. Input levels of KK74VHCT00 are compatible with TTL level and output levels with CMOS levels
KK74VHCT00
ORDERING INFORMATION KK74VHCT00N Plastic KK74VHCT00D SOIC TA = -40 to 85 C for all packages
Features: * Supply voltage range 4.5 to 5.5 V. * Output current 8 mA. * Low consumption current: 0.2 mkA (typical value) at = 25 . * Latchup current not less than 300 mA at = 85 . * Tolerable value of static potential not less than 2000 V as per human body model (HBM) and not less than 200 V as per machine model (). * Ambient operation temperature minus 40 to plus 85 . * Balanced signal propagation delay. * Ensures voltage exceeding mode on input * Low noise level at the simultaneous switching of outputs in the same state: VOLP = 0.8 V (max). * For pins and functions, compatible with KK74HCT00. .
1
KK74VHCT00
KK74VHCT00 truth table
Input A L L H B L H L Output Y= A * B H H H L
H H Note - H - high voltage level; L - low voltage level;
Pinout
A1 01
B1 02
14
Vcc B4 A4
13
Y1 03
12
A2 04
11 Y4
10
09
08
B2 05
B3 A3 Y3
Y2 06
GND 07
Pins description in KK74VHCT00 Pin No. Symbol Description 01 1 Input 02 1 Input 03 Output Y1 04 2 Input 05 2 Input 06 Output Y2 07 GND Common output 08 Output Y3 09 3 Input 10 3 Input Output 11 Y4 12 4 Input 13 4 Input 14 VCC Supply output from voltage source
2
KK74VHCT00
Absolute maximum conditions*
Parameter, unit Supply voltage, V Input voltage, V Output voltage, V Output voltage, V Input diode current, mA Current of common output and supply output, mA Output current, mA Output diode current, mA Dissipated power, mW Symbol VCC Vin Vout Vout1 Iik Icc Iout Iok Pd min -0.5 -0.5 -0.5 -0.5 Value max 7.0 7.0 VCC + 0.5B 7.0 -20 50 25 20 180
*Under absolute maximum conditions operation of microcircuit is not guaranteed. Operation is guaranteed under maximum conditions
Maximum conditions
Parameter, unit Symbol min 4.5 0 0 0 0 Value max 5.5 VCC VCC 5.5* 8.0 20
Supply voltage, V Input voltage,V Output voltage, V Output voltage, V Output current, mA Input rise and fall time, ns/V * - Vcc = 0V
VCC Vin Vout Vout1 Iout tLH, tHL
3
KK74VHCT00
DC electrical characteristics
Value Symbo l VIH Parameter High input voltage Test conditions VO 0.1 V or VO VCC -0.1 VO 0.1 V or VO VCC -0.1 VCC, V 4.5 - 5.5 25 C min 2.0 2.0 max -40 to 85 C min max 2.0 2.0 Unit
V
VIL
Low input voltage
4.5 - 5.5 4.5 5.5 4.5 4.5 5.5 4.5 5.5 5.5 0 0 5.5 5.5
-
0.8 0.8 - - - 0.09 0.09 0.36 -0.1
-
0.8 0.8 - - - 0.1 0.1 0.44 -1.0
VOH High output voltage
VOL
II IIH IIH1 IOPD ICC ICCT
VI = VIH or VIL IO = -50 mkA VI = VIH or VIL; IO = -8 mA Low output voltage VI = VIH or VIL IO = 50 mkA VI = VIH or VIL IO = 8 mA Low level input VI = 0 V current High level input VI = VCC current High level input VI = 5.5V current Output bias current VI = 5.5V excess mode Consumption current VI =VCC or 0V TTL-input VI consumption current = 3.4 V
4.42 5.42 3.94 - - -
4.4 5.4 3.80 - - -
-
0.1 0.1 0.5
-
1.0 1.0 5.0 20.0 1.5 mA uA
-
2.0 1.35
4
KK74VHCT00
AC electrical characteristics (tLH = tHL = 3.0 ns)
Value Symbol Parameter Test conditions VCC, V CL, pF 25 C min - - max 6.9 7.9 -40 to 85 C min max - 8.0 - 9.0 Unit ns
tPHL, tPLH Propagation delay time VIL = 0 when switching "on", VI=3.0 V, "off"
V, 5.0 0.5 15 50
CI CD
Input capacity Dynamic capacity
VI = 0 V orVCC
5.0 5.0
10 38
pF
Noise characteristics (CL = 50 pF)
Parameter Symbol VOLP VOLV VIHD VILD VCC, V Positive noise of low output voltage 5.0 Negative noise of low output 5.0 voltage Input dynamic high voltage Input dynamic low voltage 5.0 5.0 min -0.8 2.0 Value max 0.8 0.8 Unit V
- Time diagram of input and output pulses
tLH 0.9 A, B 0.5 0.1 tPLH tHL 0.9 0.5 0.1 tPHL VCC Y 0.5 0.5 0V GND V
R
0.25
0.50
5
KK74VHCT00
N SUFFIX PLASTIC DIP (MS - 001AA)
A 14 8 B 1 7
Dimension, mm Symbol A B C MIN 18.67 6.1 MAX 19.69 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78
F
L
D F
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
G H
H J
M
J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AB) Dimension, mm
8
A 14
Symbol A
MIN 8.55 3.8 1.35 0.33 0.4 1.27 5.27 0 0.1 0.19 5.8 0.25
MAX 8.75 4 1.75 0.51 1.27
H
B
P
B C
1
G
7 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
H
J F M
J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
6


▲Up To Search▲   

 
Price & Availability of KK74VHCT00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X