Part Number Hot Search : 
S2072 74LS28 AD1671J MC74VH MGA2805S 600BR B3300 2N4910
Product Description
Full Text Search
 

To Download KK74ACT125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
KK74ACT125
Quad 3-State Noninverting Buffers
High-Speed Silicon-Gate CMOS
The KK74ACT125 is identical in pinout to the LS/ALS125, HC/HCT125. The KK74ACT125 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. The KK74ACT125 noninverting buffers are designed to be used with 3state memory address drivers, clock drivers, and other bus-oriented systems. The devices have four separate output enables that are active-low. * TTL/NMOS Compatible Input Levels * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 4.5 to 5.5 V * Low Input Current: 1.0 A; 0.1 A @ 25C * Outputs Source/Sink 24 mA
ORDERING INFORMATION KK74ACT125N Plastic KK74ACT125D SOIC TA = -40 to 85 C for all packages
LOGIC DIAGRAM PIN ASSIGNMENT
FUNCTION TABLE
Inputs A H L PIN 14 =VCC PIN 7 = GND X OE L L H Output Y H L Z
X = don't care Z = high impedance
1
KK74ACT125
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Sink/Source Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -0.5 to VCC +0.5 -0.5 to VCC +0.5 20 50 50 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TJ TA IOH IOL tr, tf
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Junction Temperature (PDIP) Operating Temperature, All Package Types Output Current - High Output Current - Low Input Rise and Fall Time (except Schmitt Inputs)
*
Min 4.5 0 -40
Max 5.5 VCC 140 +85 -24 24
Unit V V C C mA mA ns/V
VCC =4.5 V VCC =5.5 V
0 0
10 8.0
VIN from 0.8 V to 2.0 V
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
KK74ACT125
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol VIH VIL VOH Parameter Minimum HighLevel Input Voltage Maximum Low Level Input Voltage Minimum HighLevel Output Voltage Test Conditions VOUT= VCC-0.1 V VOUT=0.1 V IOUT -50 A VIN=VIH IOH=-24 mA IOH=-24 mA VOL Maximum LowLevel Output Voltage IOUT 50 A
* *
Guaranteed Limits 25 C 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.1 -40C to 85C 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1.0 1.5 0.5 5.0 A mA A V Unit V V V
V 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 5.5 5.5 5.5
VIN= VIL IOL=24 mA IOL=24 mA VIN=VCC or GND VIN=VCC - 2.1 V
IIN ICCT IOZ
Maximum Input Leakage Current Additional Max. ICC/Input Maximum ThreeState Leakage Current +Minimum Dynamic Output Current +Minimum Dynamic Output Current Maximum Quiescent Supply Current (per Package)
VIN (OE)= VIH or VIL VIN =VCC or GND VOUT =VCC or GND VOLD=1.65 V Max VOHD=3.85 V Min VIN=VCC or GND
IOLD IOHD ICC
5.5 5.5 5.5 8.0
75 -75 80
mA mA A
*
All outputs loaded; thresholds on input associated with output under test. +Maximum test duration 2.0 ms, one output loaded at a time.
3
KK74ACT125
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ CIN Parameter Propagation Delay, Input A to Output Y (Figure 1) Propagation Delay, Input A to Output Y (Figure 1) Propagation Delay, Output Enable toY (Figure 2) Propagation Delay, Output Enable toY (Figure 2) Propagation Delay, Output Enable toY (Figure 2) Propagation Delay, Output Enable toY (Figure 2) Maximum Input Capacitance 25 C Min 1.0 1.0 1.0 1.0 1.0 1.0 4.5 Max 9.0 9.0 8.5 9.5 9.5 10.0 -40C to 85C Min 1.0 1.0 1.0 1.0 1.0 1.0 4.5 Max 10.0 10.0 9.5 10.5 10.5 10.5 ns ns ns ns ns ns pF Unit
Typical @25C,VCC=5.0 V CPD Power Dissipation Capacitance 45 pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
EXPANDED LOGIC DIAGRAM
(1/4 of the Device)
4
KK74ACT125
N SUFFIX PLASTIC DIP (MS - 001AA)
A 14 8 B 1 7
Dimension, mm Symbol A B C MIN 18.67 6.1 MAX 19.69 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78
F
L
D F
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
G H
H J
M
J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AB) Dimension, mm
8
A 14
Symbol A
MIN 8.55 3.8 1.35 0.33 0.4 1.27 5.27 0 0.1 0.19 5.8 0.25
MAX 8.75 4 1.75 0.51 1.27
H
B
P
B C
1
G
7 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
H
J F M
J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
5


▲Up To Search▲   

 
Price & Availability of KK74ACT125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X