Part Number Hot Search : 
FS782 KBP02M TPD7203F 1106A VP0350 2SD2118S SP8J4 SMCJ75
Product Description
Full Text Search
 

To Download IRG4BC30FD-SPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95970
IRG4BC30FD-SPBF
Fast CoPack IGBT
INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
C
VCES = 600V
G E
Features
Fast: optimized for medium operating frequencies (1-5 kHz in hard switching, >20kHz in resonant mode). Generation 4 IGBT design provides tighter parameter distribution and higher efficiency than Generation 3. IGBT co-packaged with HEXFREDTM ultrafast, ultra-soft recovery anti-parallel diodes for use in bridge configurations. Lead-Free
VCE(on) typ. = 1.59V
@VGE = 15V, IC = 17A
n-channel
Benefits
Generation 4 IGBT's offer highest efficiency available. IGBT's optimized for specific application conditions. HEXFRED diodes optimized for performance with IGBT's. Minimized recovery characteristics require less/no snubbing. Designed to be a "drop-in" replacement for equivalent industry-standard Generation 3 IR IGBT's.
D2Pak
Absolute Maximum Ratings
Parameter
VCES IC @ TC = 25C IC @ TC = 100C ICM ILM IF @ TC = 100C IFM VGE PD @ TC = 25C TJ TSTG Collector-to-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulse Collector Current (Ref.Fig.C.T.5) Clamped Inductive Load current
Max.
600 31 17 120 120 12 120 20 100 42 -55 to +150
Units
V A
d
c
Diode Continuous Forward Current Diode Maximum Forward Current Gate-to-Emitter Voltage Maximum Power Dissipation Operating Junction and Storage Temperature Range
V W C
PD @ TC = 100C Maximum Power Dissipation
Thermal / Mechanical Characteristics
Parameter
RJC RCS RJA Wt Junction-to-Case- IGBT Case-to-Sink, flat, greased surface Junction-to-Ambient (PCB Mounted,steady state)g Weight
Min.
--- --- --- ---
Typ.
--- 0.50 --- 2.0 (0.07)
Max.
1.2 --- 40 ---
Units
C/W
g (oz.)
www.irf.com
1
12/02/04
IRG4BC30FD-SPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
V(BR)CES Collector-to-Emitter Breakdown Voltage V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage VCE(on) VGE(th) VGE(th)/TJ gfe ICES VFM IGES Collector-to-Emitter Voltage Gate Threshold Voltage Threshold Voltage temp. coefficient Forward Transconductance Zero Gate Voltage Collector Current Diode Forward Voltage Drop Gate-to-Emitter Leakage Current
e
Min. Typ. Max. Units
600 -- -- -- -- 3.0 -- 6.1 -- -- -- -- -- -- 0.69 1.59 1.99 1.7 -- -11 10 -- -- 1.4 1.3 -- -- -- 1.8 -- -- 6.0 -- -- 250 2500 1.7 1.6 100 nA V V V
Conditions
VGE = 0V, IC = 250A VGE = 15V See Fig. 2, 5
V/C VGE = 0V, IC = 1mA IC = 17A V IC = 31A IC = 17A, TJ = 150C VCE = VGE, IC = 250A mV/C VCE = VGE, IC = 250A S VCE = 100V, IC = 17A A VGE = 0V, VCE = 600V
f
VGE = 0V, VCE = 600V, TJ = 150C IF = 12A IF = 12A, TJ = 150C VGE = 20V See Fig. 13
Switching Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Ets LE Cies Coes Cres trr Irr Qrr di(rec)M/dt Total Gate Charge (turn-on) Gate-to-Emitter Charge (turn-on) Gate-to-Collector Charge (turn-on) Turn-On delay time Rise time Turn-Off delay time Fall time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Turn-On delay time Rise time Turn-Off delay time Fall time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Diode Reverse Recovery Time Diode Peak Reverse Recovery Current Diode Reverse Recovery Charge Diode Peak Rate of Fall of Recovery During tb
Min. Typ. Max. Units
-- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 51 7.9 19 42 26 230 160 0.63 1.39 2.02 42 27 310 310 3.2 7.5 1100 74 14 42 80 3.5 5.6 80 220 180 120 77 12 28 -- -- 350 230 -- -- 3.9 -- -- -- -- -- -- -- -- -- 60 120 6.0 10 180 600 -- -- nC A ns pF nH ns ns nC IC = 17A VCC = 400V VGE = 15V TJ = 25C
Conditions
See Fig. 8
IC = 17A, VCC = 480V VGE = 15V, RG = 23 Energy losses inlcude "tail" and diode reverse recovery.
mJ See Fig. 9, 10, 11, 18 TJ = 150C See Fig. 9,10,11,18 IC = 17A, VCC = 480V VGE = 15V, RG = 23 Energy losses inlcude "tail" and mJ diode reverse recovery. Measured 5mm from package VGE = 0V VCC = 30V f = 1.0MHz TJ = 25C TJ = 125C TJ = 25C TJ = 125C TJ = 25C TJ = 125C A/s TJ = 25C TJ = 125C See Fig. 14 See Fig. 15 See Fig. 16 See Fig. 17 di/dt 200A/s VR = 200V IF = 12A See Fig. 7
2
www.irf.com
IRG4BC30FD-SPBF
www.irf.com
3
IRG4BC30FD-SPBF
4
www.irf.com
IRG4BC30FD-SPBF
www.irf.com
5
IRG4BC30FD-SPBF
6
www.irf.com
IRG4BC30FD-SPBF
www.irf.com
7
IRG4BC30FD-SPBF
90% Vge +Vge
Same type device as D.U.T.
Vce
80% of Vce
430F D.U.T.
Ic 10% Vce Ic 5% Ic td(off) tf 90% Ic
Fig. 18a - Test Circuit for Measurement of
ILM, Eon, Eoff(diode), trr, Qrr, Irr, td(on), tr, td(off), tf
Eoff =
t1+5S Vce Ic Vce ic dtdt
t1
t1
t2
Fig. 18b - Test Waveforms for Circuit of Fig. 18a, Defining
Eoff, td(off), tf
GATE VOLTAGE D.U.T. 10% +Vg +Vg
trr Ic
Qrr =
trr id dt Ic dt tx
tx 10% Vcc Vce 10% Ic 90% Ic DUT VOLTAGE AND CURRENT Ipk Ic
10% Irr Vcc
Vpk Irr
Vcc
DIODE RECOVERY WAVEFORMS td(on) tr 5% Vce t2 Vce dt Eon = Vce ieIc dt t1 t2 DIODE REVERSE RECOVERY ENERGY t3
t4 Erec = Vd idIc dt Vd dt t3
t1
t4
Fig. 18c - Test Waveforms for Circuit of Fig. 18a,
Defining Eon, td(on), tr
Fig. 18d - Test Waveforms for Circuit of Fig. 18a,
Defining Erec, trr, Qrr, Irr
8
www.irf.com
IRG4BC30FD-SPBF
Vg GATE SIGNAL DEVICE UNDER TEST CURRENT D.U.T.
VOLTAGE IN D.U.T.
CURRENT IN D1
t0
t1
t2
Fig.18e - Macro Waveforms for Figure 18a's Test Circuit
L 1000V 50V 6000F 100V Vc*
D.U.T.
RL= 0 - 480V
480V 4 X IC @25C
Fig. 19 - Clamped Inductive Load Test Circuit
Fig. 20 - Pulsed Collector Current Test Circuit
www.irf.com
9
IRG4BC30FD-SPBF
Dimensions are shown in millimeters (inches)
D2Pak Package Outline
D2Pak Part Marking Information
T HIS IS AN IRF530S WIT H LOT CODE 8024 ASS EMBLED ON WW 02, 2000 IN T HE ASS EMBLY LINE "L" INT ERNAT IONAL RECT IFIER LOGO AS SEMBLY LOT CODE PART NUMBER F530S DAT E CODE YEAR 0 = 2000 WEEK 02 LINE L
OR
INT ERNAT IONAL RECTIFIER LOGO AS S EMBLY LOT CODE PART NUMBER F530S DAT E CODE P = DES IGNAT ES LEAD - FREE PRODUCT (OPTIONAL) YEAR 0 = 2000 WEEK 02 A = AS SEMBLY SIT E CODE
10
www.irf.com
IRG4BC30FD-SPBF
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059) 0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Notes:
Repetitive rating: VGE=20V; pulse width limited by maximum junction temperature (figure 20). VCC=80%(VCES), VGE=20V, L=10H, RG = 23 (figure 19). Pulse width 80s; duty factor 0.1%. Pulse width 5.0s, single shot. When mounted on 1" square PCB (FR-4 or G-10 Material).
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 12/04
www.irf.com
11
Note: For the most current drawings please refer to the IR website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRG4BC30FD-SPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X