Part Number Hot Search : 
60MHZ E332M 01210 AN7025 39SF512 EU2YX MAX70 FMT1080
Product Description
Full Text Search
 

To Download IRF7702PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-96027
IRF7702PBF
HEXFET(R) Power MOSFET
l l l l l l l
Ultra Low On-Resistance -1.8V Rated P-Channel MOSFET Very Small SOIC Package Low Profile ( < 1.1mm) Available in Tape & Reel Lead-Free
VDSS
-12V
RDS(on) max
0.014@VGS = -4.5V 0.019@VGS = -2.5V 0.027@VGS = -1.8V
ID
-8.0A -7.0A -5.8A
9
' & % $ 'A2A9 &A2AT %A2AT $A2A9
Description
HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the ruggedized device design, that International Rectifier is well known for, provides thedesigner
! " # A2A9 !A2AT "A2AT #A2AB
B
T
with an extremely efficient and reliable device for battery and load management.
The TSSOP-8 package has 45% less footprint area than the standard SO-8. This makes the TSSOP-8 an ideal device for applications where printed circuit board space is at a premium. The low profile (<1.1mm) allows it to fit easily into extremely thin environments such as portable electronics and PCMCIA cards.
TSSOP-8
Absolute Maximum Ratings
Parameter
VDS ID @ TC = 25C ID @ TC = 70C IDM PD @TC = 25C PD @TC = 70C VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ -4.5V Continuous Drain Current, VGS @ -4.5V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
-12 8.0 7.0 70 1.5 0.96 0.01 8.0 -55 to + 150
Units
V A W W/C V C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Max.
83
Units
C/W
www.irf.com
1
02/06/06
IRF7702PBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. Typ. Max. Units Conditions -12 --- --- V VGS = 0V, ID = -250A --- -0.007 --- V/C Reference to 25C, I D = -1mA --- --- 0.014 VGS = -4.5V, ID = -8.0A --- 0.019 VGS = -2.5V, ID = -7.0A --- 0.027 VGS = -1.8V, ID = -5.8A -0.45 --- -1.2 V VDS = VGS, ID = -250A 26 --- --- S VDS = -10V, ID = -8.0A --- --- 1.0 VDS = -12V, VGS = 0V A --- --- -25 VDS = -9.6V, VGS = 0V, TJ = 70C --- --- -100 VGS = -8.0V nA --- --- 100 VGS = 8.0V --- 54 81 ID = -8.0A --- 7.8 12 nC VDS = -9.6V --- 15 23 VGS = -4.5V --- 16 --- VDD = -6.0V ns --- 21 --- ID = -1.0A --- 320 --- RD = 6.0 --- 250 --- RG = 6.0 --- 3470 --- VGS = 0V --- 1040 --- pF VDS = -10V --- 670 --- = 1.0MHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge
Min. Typ. Max. Units --- --- --- --- 58 41 -1.5 A -70 -1.2 87 62 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -1.5A, VGS = 0V TJ = 25C, IF = -1.5A di/dt = 100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
When mounted on 1 inch square copper board, t<10 sec
Pulse width 300s; duty cycle 2%.
2
www.irf.com
IRF7702PBF
1000
VGS -7.50V -5.00V -4.00V -3.50V -3.00V -2.50V -2.00V BOTTOM -1.50V TOP
1000
-I D , Drain-to-Source Current (A)
-I D , Drain-to-Source Current (A)
VGS -7.50V -5.00V -4.00V -3.50V -3.00V -2.50V -2.00V BOTTOM -1.50V TOP
100
100
-1.50V
10
10
-1.50V
1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
100.00 T J = 25C
-I SD, Reverse Drain Current (A)
-I D , Drain-to-Source Current (A)
T J = 150C
100
10.00
TJ = 150 C
TJ = 25 C
V DS = -15V 20s PULSE WIDTH 2.0 2.5 3.0 3.5
VGS = 0V 1.00 0.0 1.0 2.0 3.0 4.0 5.0 6.0 -V SD, Source-toDrain Voltage (V)
10 1.5
-VGS , Gate-to-Source Voltage (V)
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Source-Drain Diode Forward Voltage
www.irf.com
3
IRF7702PBF
5000
4000
-VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
10
ID = -8.0A VDS =-9.6V
8
C, Capacitance (pF)
Ciss
3000
6
2000
4
1000
Coss Crss
1 10 100
2
0
0
0
20
40
60
80
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
0.80
1000
OPERATION IN THIS AREA LIMITED BY RDS(on)
-V GS(th) , Variace ( V )
0.60
-ID , Drain Current (A) I
ID = -250A
100
100us
0.40
10
1ms
0.20 -75 -50 -25 0 25 50 75 100 125 150
1 0.1
TA = 25 C TJ = 150 C Single Pulse
1 10
10ms
100
T J , Temperature ( C )
-VDS , Drain-to-Source Voltage (V)
Fig 7. Threshold Voltage Vs. Temperature
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7702PBF
8.0
40
-ID , Drain Current (A)
6.0
30
4.0
Power (W)
25 50 75 100 125 150
20
2.0
10
0.0
0 0.01 0.10 1.00 10.00 100.00
TC , Case Temperature ( C)
Time (sec)
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10. Typical Power Vs. Time
100 D = 0.50
Thermal Response (Z thJA )
0.20 10 0.10 0.05 0.02 1 0.01
PDM t1 t2 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 0.01 0.1 1 10 100
0.1 0.00001
0.0001
0.001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Typical Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7702PBF
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = -8.0A
RDS (on) , Drain-to-Source On Resistance ()
2.0
0.20
0.16
1.5
0.12
1.0
0.08
VGS = -2.5V VGS = -4.5V
0.5
0.04
0.0 -60 -40 -20
VGS = -4.5V
0 20 40 60 80 100 120 140 160
0.00 0 20 40 60 80 100 -I D , Drain Current (A)
TJ , Junction Temperature ( C)
Fig 12. Normalized On-Resistance Vs. Temperature
Fig 13. Typical On-Resistance Vs. Drain Current
RDS(on) , Drain-to -Source On Resistance ()
0.020
ID = -8.0A
0.015
0.010 1.5 2.5 3.5
-V GS, Gate -to -Source Voltage (V)
Fig 14. Typical On-Resistance Vs. Gate Voltage
6
www.irf.com
IRF7702PBF
TSSOP8 Package Outline
Dimensions are shown in millimeters (inches)
% !Y
@!
9
$ 7PUCATD9@T %
@ @ qqq 867
DI9@Y H6SF
"Y
r
7
$
T H 7 P G 6 6 6! i p 9 @ @ r G G hhh iii ppp qqq
HP $"66A9DH@ITDPIT
DI8C@T HDGGDH@U@ST HDI IPH H6Y HDI IPH ! $ $ ! ' $ "! "( ( " &$ ( ! "% !( " " $ ' %#A7T8 !$ A7T8 #" ## #$ & &" !$% %$A7T8 #$ % &$ &' !"% !$A7T8 A7T8 ' $ ! "( "( ( &' H6Y #&! $( # ' &' !! && !( '
r! 6 8 'YAi iii hhh 8 6
ppp 6!
#
C
'YAp G
867
'ATVSA
&
'YAG
G@69A6TTDBIH@IUT 9 T T B ' & % $ 9 T T 9 9 T T B ' & % $ 9! T! T! B! IPU@T AA9DH@ITDPIDIBA6I9AUPG@S6I8DIBAQ@SA6TH@A #$H ((# !AA9DH@ITDPITA6S@ATCPXIADIAHDGGDH@U@STA6I9ADI8C@T "AA8PIUSPGGDIBA9DH@ITDPI)AHDGGDH@U@S #AAA96UVHAQG6I@ACADTAGP86U@9A6TATCPXI $AAA96UVHA6A6I9A7AUPA7@A9@U@SHDI@9A6UA96UVHAQG6I@AC %AAA9DH@ITDPITA9A6I9A@ A6S@AH@6TVS@9A6UA96UVHAQG6I@AC &AAA9DH@ITDPIAGADTAUC@AG@69AG@IBUCAAPSATPG9@SDIBAUPA6ATV7TUS6U@ 'AAPVUGDI@A8PIAPSHTAUPAE@9@8APVUGDI@AH $"66
! " #
TDIBG@ 9D@
! " #
9V6G 9D@
www.irf.com
7
IRF7702PBF
TSSOP8 Part Marking Information
@Y6HQG@) UCDTADTA6IADSA&&!
96U@A8P9@AXX
;;;;; <::"3
Q6SUAIVH7@S GPUA8P9@ QAvhyA2AAGrhqArrA 6TT@H7GATDU@A8P9@
TSSOP-8 Tape and Reel Information
%A
A "A
% 'A A@@9A9DS@8UDPI IPU@T) AAU6Q@AEAS@@GAPVUGDI@A8PIAPSHTAUPA@D6#' AEA@D6$#
Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 02/06
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7702PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X