Part Number Hot Search : 
SMBJ300A 1N5275 BST84 DTA113T AP01C AP01C 72906 C4082
Product Description
Full Text Search
 

To Download IRF3704LPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95527
SMPS MOSFET
l
Applications High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use l High Frequency Buck Converters for Computer Processor Power l Lead-Free
IRF3704PbF IRF3704SPbF IRF3704LPBF
HEXFET(R) Power MOSFET
VDSS
20V
RDS(on) max
9.0m
ID
77A
Benefits l Ultra-Low Gate Impedance
l l
Very Low RDS(on) Fully Characterized Avalanche Voltage and Current
TO-220AB IRF3704 D2Pak IRF3704S TO-262 IRF3704L
Absolute Maximum Ratings
Symbol
VDS VGS ID @ TC = 25C ID @ TC = 70C IDM PD @TC = 25C PD @TC = 70C TJ , TSTG
Parameter
Drain-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Junction and Storage Temperature Range
Max.
20 20 77 64 308 87 61 0.59 -55 to + 175
Units
V V A W W mW/C C
Thermal Resistance
Parameter
RJC RCS RJA RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient Junction-to-Ambient (PCB mount)*
Typ.
--- 0.50 --- ---
Max.
1.73 --- 62 40
Units
C/W
* When mounted on 1" square PCB (FR-4 or G-10 Material) . For recommended footprint and soldering techniques refer to application note #AN-994
Notes through are on page 10
www.irf.com
1
7/20/04
IRF3704/S/LPbF
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient V(BR)DSS RDS(on) VGS(th) IDSS IGSS Min. 20 --- --- Static Drain-to-Source On-Resistance --- Gate Threshold Voltage 1.0 --- Drain-to-Source Leakage Current --- Gate-to-Source Forward Leakage --- Gate-to-Source Reverse Leakage --- Typ. --- 0.021 6.3 9.8 --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 9.0 VGS = 10V, ID = 15A m 13.5 VGS = 4.5V, ID = 12A 3.0 V VDS = VGS, ID = 250A 20 VDS = 16V, VGS = 0V A 100 VDS = 16V, VGS = 0V, TJ = 125C 200 VGS = 16V nA -200 VGS = -16V
Dynamic @ TJ = 25C (unless otherwise specified)
Symbol
gfs Qg Qgs Qgd Qoss td(on) tr td(off) tf Ciss Coss Crss Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Output Gate Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 42 --- --- --- --- --- --- --- --- --- --- --- Typ. --- 19 8.1 6.4 16 8.4 98 12 5.0 1996 1085 155 Max. Units Conditions --- S VDS = 10V, ID = 57A --- ID = 28.4A --- nC VDS = 10V --- VGS = 4.5V 24 VGS = 0V, VDS = 10V --- VDD = 10V --- ID = 28.4A ns --- RG = 1.8 --- VGS = 4.5V --- VGS = 0V --- VDS = 10V --- pF = 1.0MHz
Avalanche Characteristics
Symbol
EAS IAR
Parameter
Single Pulse Avalanche Energy Avalanche Current
Typ.
--- ---
Max.
216 71
Units
mJ A
Diode Characteristics
Symbol
IS
ISM
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Reverse Reverse Reverse Recovery Recovery Recovery Recovery Time Charge Time Charge
Min. Typ. Max. Units --- --- --- --- 77 308 1.3 --- 57 68 62 75 V ns nC ns nC A
VSD trr Qrr trr Qrr
--- 0.88 --- 0.82 --- 38 --- 45 --- 41 --- 50
Conditions D MOSFET symbol showing the G integral reverse p-n junction diode. S TJ = 25C, IS = 35.5A, VGS = 0V TJ = 125C, IS = 35.5A, VGS = 0V TJ = 25C, IF = 35.5A, VR=20V di/dt = 100A/s TJ = 125C, IF = 35.5A, VR=20V di/dt = 100A/s
2
www.irf.com
IRF3704/S/LPbF
1000
VGS TOP 10.0V 9.0V 8.0V 7.0V 6.0V 5.0V 4.5V BOTTOM 3.5V
1000
VGS 10.0V 9.00V 8.0V 7.0V 6.0V 5.0V 4.5V BOTTOM 3.5V TOP
ID, Drain-to-Source Current (A)
ID, Drain-to-Source Current (A)
100
100
3.5V
10
3.5V
10
20s PULSE WIDTH Tj = 25C
1 0.1 1 10 100
20s PULSE WIDTH Tj = 175C
1 0.1 1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.0
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 77A
I D , Drain-to-Source Current (A)
TJ = 25 C TJ = 175 C
100
1.5
1.0
0.5
10 3.0
V DS = 15V 20s PULSE WIDTH 4.0 5.0 6.0 7.0 8.0
0.0 -60 -40 -20 0
VGS = 10V
20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF3704/S/LPbF
3000
2500
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
10
ID = 28.4A
VDS = 10V
8
C, Capacitance (pF)
2000
Ciss
6
1500
Coss
1000
4
500
2
Crss
0 1 10 100
0 0 10 20 30 40
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10us
TJ = 175 C
I D , Drain Current (A)
100
100 100us
10
TJ = 25 C
1ms 10 10ms
1
0.1 0.2
V GS = 0 V
0.5 0.8 1.1 1.4 1.7 2.0
1 0.1
TC = 25 C TJ = 175 C Single Pulse
1 10 100
VSD ,Source-to-Drain Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF3704/S/LPbF
90
VDS
LIMITED BY PACKAGE
RD
75
VGS RG 10V
D.U.T.
+
ID , Drain Current (A)
-VDD
60
Pulse Width 1 s Duty Factor 0.1 %
45
30
Fig 10a. Switching Time Test Circuit
VDS 90%
15
0
25
50
TC , Case Temperature ( C)
75
100
125
150
175
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.05 0.1 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF3704/S/LPbF
RDS ( on ) , Drain-to-Source On Resistance ( )
VGS = 4.5V 0.015
RDS(on) , Drain-to -Source On Resistance ( )
0.020
0.010
0.009
0.008
ID = 35.5A
0.007
0.010 VGS = 10V
0.005 0 50 100 150 200 250 300 ID , Drain Current ( A )
0.006 4.0 5.0 6.0 7.0 8.0 9.0 10.0
VGS, Gate -to -Source Voltage (V)
Fig 12. On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
Fig 13. On-Resistance Vs. Gate Voltage
50K 12V .2F .3F
VGS
QGS
D.U.T. + V - DS
QG QGD
EAS , Single Pulse Avalanche Energy (mJ)
VG
600
VGS
3mA
Charge
IG ID
500
ID 11.6A 23.8A BOTTOM 28.4A TOP
Current Sampling Resistors
Fig 14a&b. Basic Gate Charge Test circuit and Waveforms
400
300
200
15V
V(BR)DSS tp
VDS L
DRIVER
100
RG
20V
D.U.T
IAS tp
+ - VDD
0
A
25
I AS
0.01
Starting TJ , Junction Temperature ( C)
50
75
100
125
150
175
Fig 15a&b. Unclamped Inductive Test circuit and Waveforms
Fig 15c. Maximum Avalanche Energy Vs. Drain Current
6
www.irf.com
IRF3704/S/LPbF
TO-220AB Package Outline
10.54 (.415) 10.29 (.405) 3.78 (.149) 3.54 (.139) -A6.47 (.255) 6.10 (.240)
Dimensions are shown in millimeters (inches)
-B4.69 (.185) 4.20 (.165) 1.32 (.052) 1.22 (.048)
2.87 (.113) 2.62 (.103)
4 15.24 (.600) 14.84 (.584)
1.15 (.045) MIN 1 2 3
LEAD ASSIGNMENTS IGBTs, CoPACK 1 - GATE 2 1- GATE- DRAIN 1- GATE 32- DRAINSOURCE 2- COLLECTOR 3- SOURCE 3- EMITTER 4 - DRAIN
LEAD ASSIGNMENTS
HEXFET
14.09 (.555) 13.47 (.530)
4- DRAIN
4.06 (.160) 3.55 (.140)
4- COLLECTOR
3X 3X 1.40 (.055) 1.15 (.045)
0.93 (.037) 0.69 (.027) M BAM
3X
0.55 (.022) 0.46 (.018)
0.36 (.014)
2.54 (.100) 2X NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH
2.92 (.115) 2.64 (.104)
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
TO-220AB Part Marking Information
E XAMPL E : T HIS IS AN IR F 1010 L OT CODE 1789 AS S E MB L E D ON WW 19, 1997 IN T H E AS S E MB L Y L INE "C" INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE PAR T NU MB E R
Note: "P" in assembly line position indicates "Lead-Free"
DAT E CODE YE AR 7 = 1997 WE E K 19 L INE C
www.irf.com
7
IRF3704/S/LPbF
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information (Lead-Free)
T H IS IS AN IR F 5 3 0 S W IT H L O T CO D E 8 0 2 4 AS S E M B L E D O N W W 0 2 , 2 0 0 0 IN T H E AS S E M B L Y L IN E "L " N ote: "P " in as s em bly lin e po s i tion in dicates "L ead-F r ee" IN T E R N AT IO N AL R E CT IF IE R L O GO AS S E M B L Y L O T CO D E P AR T N U M B E R F 53 0 S D AT E CO D E Y E AR 0 = 2 0 0 0 W E E K 02 L IN E L
OR
IN T E R N AT IO N AL R E C T IF IE R L O GO AS S E M B L Y L OT COD E P AR T N U M B E R F 530S D AT E CO D E P = D E S IG N AT E S L E AD -F R E E P R O D U C T (O P T IO N AL ) Y E AR 0 = 2 0 0 0 W E E K 02 A = AS S E M B L Y S IT E CO D E
8
www.irf.com
IRF3704/S/LPbF
TO-262 Package Outline
IGBT 1- GATE 2- COLLECTOR 3- EMITTER
TO-262 Part Marking Information
EXAMPLE: T HIS IS AN IRL3103L LOT CODE 1789 AS SEMBLED ON WW 19, 1997 IN T HE ASS EMBLY LINE "C" Note: "P" in as s embly line pos ition indicates "Lead-Free" INT ERNAT IONAL RECT IFIER LOGO ASS EMBLY LOT CODE PART NUMBER
DAT E CODE YEAR 7 = 1997 WEEK 19 LINE C
OR
INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER DAT E CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPTIONAL) YEAR 7 = 1997 WEEK 19 A = AS S EMBLY S ITE CODE
www.irf.com
9
IRF3704/S/LPbF
D2Pak Tape & Reel Infomation
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059)
0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. RG = 25, IAS = 28.4 A.
Pulse width 300s; duty cycle 2%. This is only applied to TO-220AB package Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
Starting TJ = 25C, L = 0.5 mH
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/04
10
www.irf.com
Note: For the most current drawings please refer to the IR website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRF3704LPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X