|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SMT Power Inductor HAH1340 Type Features Low profile (4.0mm max. height) SMD type. Magnetically shielded,suitable for high density mounting. High energy storage and low DCR. Provided with embossed carrier tape packing. Ideal for power source circuits, DC-DC converter, DC-AC inverters inductor application. In addition to the standard versions shown here, customized inductors are available to meet your exact requirements. Mechanical Dimension: B D C RECOMMENDED PAD 14.50 F 4.90 A 5.0 UNIT : mm / inch A = 13.0 0.5 / 0.512 0.020 B = 12.7 0.4 / 0.500 0.016 C = 2.4 / 0.094 D = 4.0 / 0.157 Max. E = 0.03 / 0.001 F = 3.0 / 0.118 E 4.8 Electrical Characteristics: PART NO. HAH1340-0R2 SPL133-0R2 HAH1340-0R6 SPL133-0R5 HAH1340-1R2 SPL133-1R0 HAH1340-1R8 SPL134-0R2 HAH1340-2R7 SPL134-0R6 At 25oC: 100KHz, 1V Lo (uH) Typ. 0.25 0.22 0.60 0.50 1.20 1.00 1.80 0.25 2.70 0.60 Li 1 (uH) 20% 0.20 0.50 0.47 1.00 0.90 1.60 0.20 2.40 0.50 DCR (m ) MAX 0.80 1.50 2.50 3.45 10.00 12.00 0.80 14.00 2.50 Isat (Amperes) 40 25 30 22 22 12 12 40 10 30 1. Li is the inductance at Isat 2. Operating temperature: -20oC to 105oC (including self-temperature rise) DELTA ELECTRONICS, INC. (TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C. TEL: 886-3-3591968; FAX: 886-3-3591991 http://www.deltaww.com 84 |
Price & Availability of HAH1340-1R2 |