Part Number Hot Search : 
PQ205A1 AON7230 NRLMW C2053 E1427 27C4096 LTC1705 VVJ80
Product Description
Full Text Search
 

To Download GP1A05A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP1A05A2
GP1A05A2
s Features
1. Uses 3-pin connector terminal 2. High sensing accuracy (Slit width : 0.5mm) 3. Wide gap between light emitter and detector (5mm)
OPIC Photointerrupter with Connector
s Outline Dimensions
30.1 Depth2.0 2
(Unit : mm)
.2
. 4
0 2
s Applications
1. Copiers, Printers 2. Facsimiles
1 2 3
3.5
05
7 15 55 10.5 3.5 Slit width0.50.1 Protrusion of connector from holder : Max.1.0
s Absolute Maximum Ratings
Parameter Suppl voltagey *1 Output voltage *2 Low level output current *3 Operating temperature *3 Storage temperature Symbol VCC VOUT IOL Topr Tstg
(Ta=25C) Rating Unit V -0.5 to +8 -0.5 to +28 V 50 mA -20 to +75 C C -40 to +85
7.5
C0.5
Connector made by J.S.T. MFG. CO., LTD. B3P-SHF-1AA 34.0 9.21
*1 Collector-emitter voltage of output transistor. *2 Collector current of output transistor. *3 The connector should be plugged in/out at normal temperature.
3.0
4
+0 0.1 -
3.5
110.1 120.1
g Unspecified tolerances shall be as follows Dimensions (d) d<4.0 4.0<=d<16.0 16.0<=d Tolerance 0.2 0.3 0.5
5.51
1 2
Voltage regulator
Amp.
11
B A
QZ
D 89X E
QA QB
YZ1 234
* "OPIC" (Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of a light-detecting element and signal-processing circuit integrated onto a single chip.
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Internet Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/
567
96
QD
1 3 2 3
VCC GND VO
GP1A05A2 s Electro-optical Characteristics
Parameter Operating supply voltage Low level supply current Low level output voltage High level supply current High level output voltage *4 Response frequency
*4 Refer to Fig.1
(Unless otherwise specified, VCC=5V, Ta=25C) Unit TYP. MAX. MIN. Symbol Conditions V - 4.5 5.5 VCC mA - - 30 ICCL Light beam uninterrupted V - - 0.35 VOL Light beam uninterrupted, IOL=16mA mA - - 30 Light beam interrupted ICCH V - - Light beam interrupted, RL=47k VCCx0.9 VOH No DC output is allowed, RL=47k Hz - 3 000 - f
Fig.1 Response Frequency
Disk
Response frequency is measured with the disk shown below being rotated. (Unit : mm)
Fig.2 Low Level Output Current vs. Ambient Temperature
60 Low level output current IOL (mA) 50 40
Fig.3 Low Level Output Voltage vs. Low Level Output Current
1.0 0.5 VCC=5V Ta=25C
2.0
Low level output voltage VOL (V)
0.5
0.5
0.2 0.1 0.05
30 20 16.6 10 0 -20
0.02 0.01
0
25
50
75
100
1
2
5
10
20
50
100
Ambient temperature Ta (C)
Low level output current IOL (mA)
GP1A05A2 Fig.4 Low Level Output Voltage vs. Ambient Temperature
0.6 VCC=5V Low level output voltage VOL (V) 0.5
Fig.5 Supply Current vs. Supply Voltage
30
Supply current ICC (mA)
0.4 IOL=30mA
20 Ta=-20C +25C +75C Ta=-20C, +25C, +75C
0.3
0.2
16mA
ICCL 10 ICCH
0.1
5mA 0
0 25 50 75 100 Ambient temperature Ta (C)
0 -25
4.5
5.0 Supply voltage VCC (V)
5.5
Fig.6 Detecting Position Characteristics (1)
VCC=5V Ta=25C RL=47k d Shield Output OFF
Fig.7 Detecting Position Characteristics (2)
VCC=5V Ta=25C RL=47k Shield Output OFF
h
Output ON 0 1 2 3 4 5 6 Shield distance d (mm) Detecting position d=3.50.3mm 7 0 1 2 3 4 5 6 Shield distance h (mm) +2.0 Detecting position h=3.0 -1.5mm 7
Output ON
GP1A05A2 s Recommended Connectors on the Inserted Side x JAPAN SOLDERLESS TERMINAL MFG. CO., LTD. made
Housing Model No. AWG size Special terminal Model. No. AWG 28 to 22 AWG 30 to 28 H3P-SHF-AA Material Brass Copper phosphide Brass Copper phosphide Model No. SHF-001T-0.8SS SHF-001T-0.8BS SHF-002T-0.8SS SHF-002T-0.8BS AWG size AWG 27 to 22 AWG 30 to 28 Material Brass Copper phosphide Brass Copper phosphide
(Natural color * bulk)
S3P-SHF-1 Model No. SHF-001T-0.8P - SHF-002T-0.8P -
s Precautions for Use
1. It is recommended that a by-pass capacitor of more than 0.01F be added between VCC and GND near the device in order to stabilize power supply line. 2. Please don't carry out immersion cleaning or ultrasonic cleaning to avoid keeping solvent inside case of this device. 3. Remove dust or stains, using an air blower or a soft cloth moistened in cleaning solvent. However, do not perform the above cleaning using a soft cloth with cleaning solvent in the marking portion. In this case, use only the following type of cleaning solvent used for wiping off : Ethyl alcohol, Methyl alcohol, Isopropyl alcohol, When the cleaning solvents except for specified materials are used, please consult us. 4. As for other general cautions, refer to the chapter "Precautions for Use. "
Application Circuits
NOTICE
qThe circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design or license any intellectual property rights. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of SHARP's devices. qContact SHARP in order to obtain the latest device specification sheets before using any SHARP device. SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. Manufacturing locations are also subject to change without notice. qObserve the following points when using any devices in this publication. SHARP takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) The devices in this publication are designed for use in general electronic equipment designs such as: --- Personal computers --- Office automation equipment --- Telecommunication equipment [terminal] --- Test and measurement equipment --- Industrial control --- Audio visual equipment --- Consumer electronics (ii)Measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when SHARP devices are used for or in connection with equipment that requires higher reliability such as: --- Transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- Traffic signals --- Gas leakage sensor breakers --- Alarm equipment --- Various safety devices, etc. (iii)SHARP devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- Space applications --- Telecommunication equipment [trunk lines] --- Nuclear power control equipment --- Medical and other life support equipment (e.g., scuba). qContact a SHARP representative in advance when intending to use SHARP devices for any "specific" applications other than those recommended by SHARP or when it is unclear which category mentioned above controls the intended use. qIf the SHARP devices listed in this publication fall within the scope of strategic products described in the Foreign Exchange and Foreign Trade Control Law of Japan, it is necessary to obtain approval to export such SHARP devices. qThis publication is the proprietary product of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. qContact and consult with a SHARP representative if there are any questions about the contents of this publication.
115


▲Up To Search▲   

 
Price & Availability of GP1A05A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X