Part Number Hot Search : 
2302M JT22C 40N03 R3060 SF2020C 3045C N2064 TSM3441
Product Description
Full Text Search
 

To Download GBPC25-005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 25A Glass Passivated Bridge Rectifier GBPC25-005 - GBPC25-10
25A Glass Passivated Bridge Rectifier
Features
* Glass passivated chip junction * Integrally molded heatsink provides very low thermal Resistance for Maximm heat dissipation * Universal 3-way terminals; snap-on, wire wrap-around Or P.C.B mounting * Typical IR less than 0.3A * High forward surge current capability * High temperature soldering guaranteed: 260C/10 seconds at 5lbs.(2.3kg) tension * This series is UL recognized under component index, File number E194718 * RoHS Compliant
GBPC35
Mechanical Data
Case: Epoxy: Terminals: Polarity: Mounting Position Mounting Torque Weight: GBPC35, Molded plastic with heatsink integrally mounted in the bridge encapsulation Plastic package has UL flammability classification 94V-0 Plated 0.25" (6.35mm) faston lugs Polarity symbols molded on body See note 2 20in.-lb.Max 21 grams
Maximum Ratings And Electrical Characteristics (Tamb=25C)
Symbol Description Max. Repetitive Peak Reverse Voltage Max. RMS Voltage Max. DC blocking voltage GBPC 25-005 50 35 50 GBPC 25-01 100 70 100 GBPC 25-02 200 140 200 GBPC 25-04 400 280 400 GBPC 25-06 600 420 600 GBPC 25-08 800 560 800 GBPC 25-10 1000 700 1000 Unit V V V Conditions
VRRM VRMS VDC
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Rev. A/DX 2007-05-06 Page 1 of 4
25A Glass Passivated Bridge Rectifier GBPC25-005 - GBPC25-10
IF(AV)
Max. Average Forward Rectified Output Current Peak Forward Surge Current Max. Instantaneous Forward Voltage drop per leg Max. Reverse DC Current At Rated DC Blocking Voltage per leg Rating for Fusing (1msSee Fig.1
8.3ms single half sine-wave superimposed on rated load (JEDEC method)
IFSM
300
A
VF
1.1 5.0 500 375 300 1.9
V A A As pF
IF(AV)=12.5A
TC = 25C TC = 125C
IR It CJ RthJC
f=1MHz VR= 4V
,
C / W Note 1
TJ,TSTG Storage Temperature
Range
-65 to +150
C
Note: 1. Thermal Resistance from junction to Case per leg.
2. Bolt down on Heatsink with Silicone Thermal Compound Between and Mounting Surface for Maximum Heat Transfer with #10 Screw.
Typical Characteristics Curves
Fig.1-Max. Output Rectified Current IF, Average Forward Current (A)
40 35 30 25 20 15 10 5 0 0 60 Hz Resistive or Inductive Load 25 50 75 100 125 150 175 200 5 x 6 x 4.9" AL. Finned Plate
IFSM, Peak Forward Surge Current (A)
Fig.2-Max. Non-repetitive Peak Forward Surge Current Per Leg
Case Temperature (C)
Number of Cycles at 60Hz
Rev. A/DX 2007-05-06 www.taitroncomponents.com Page 2 of 4
25A Glass Passivated Bridge Rectifier GBPC25-005 - GBPC25-10
Fig.3-Typical Instantaneous Forward Characteristic Per Leg IR, Instantaneous Reverse current (A) IF, Instantaneous Forward Current (A) Fig.4-Typical Reverse Characteristics Per Leg
VF, Instantaneous forward voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.5-Typical Junction Capacitance Per Leg CJ, Junction Capacitance (pF)
Reverse Voltage (V)
Rev. A/DX 2007-05-06 www.taitroncomponents.com Page 3 of 4
25A Glass Passivated Bridge Rectifier GBPC25-005 - GBPC25-10
Dimensions in inch (mm)
How to contact us
GBPC35
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/DX 2007-05-06 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of GBPC25-005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X