Part Number Hot Search : 
MX150RS 28000 TA115 10030 MB352G V225N M628032 HT48R10A
Product Description
Full Text Search
 

To Download FST120100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
FST12020 THRU FST120100
SCHOTTKY DIODES MODULE TYPE 120A
Features
High Surge Capability
Types Up to 100V VRRM
120Amp Rectifier 20-100 Volts POWER MOD TO-249AB
A N
Maximum Ratings
Operating Temperature: -40 C to +125 Storage Temperature: -40 C to +175 Part Number Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
C
E
1 2 3
Maximum RMS Voltage 14V 21V 25V 28V 32V 42V 56V 70V
FST12020 FST12030 FST12035 FST12040 FST12045 FST12060 FST12080 FST120100
L M
B
R Q
D
F P G J K H
Electrical Characteristics @ 25
Average Forward (Per Pkg) Current Peak Forward Surge (Per leg) Current Maximum (Per leg) Instantaneous NOTE (1) Forward Voltage NOTE (1) Maximum Instantaneous Reverse Current At Rated DC Blocking Voltage (Per leg) IF(AV) IFSM VF
Unless Otherwise Specified
120A 1200A
0.65V 0.75V 0.84V
TC =135
8.3ms , half sine
(FST12020~FST12045) (FST12060) (FST12080~FST120100) I FM =60A; T j = 25
PIN 1 PIN 2 and Plate PIN 2
DIMENSIONS INCHES MIN MAX 1/4 1.995 2.005 .300 .325 .495 .505 .192 .182 .990 1.010 2.410 2.390 1.495 1.525 .114 .122 0.420 ----.240 .260 .510 .490 .350 .330 .175 .195 .035 .045 .445 .455 .890 .910 MM MIN 50.67 7.62 12.57 4.62 25.15 60.71 37.90 2.90 ----6.10 12.45 8.38 4.45 0.89 11.30 22.61 MAX
50.93 8.26 12.83 4.88 26.65 61.21 38.70 3.10 10.67 6.60 12.95 8.90 4.95 1.14 11.56 23.11
IR
2 mA 600 mA
TJ = 25 TJ = 125
Maximum Thermal Resistance Junction (Per leg) To Case
R jc
1.0 C/W
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
DIM A B C D E F G H J K L M N P R Q
NOTE
FST12020 THRU FST120100
Figure .1-Typical Forward Characteristics
Figure .2-Forward Derating Curve 60
AvErage ForwArd Rectified Current - AmPeres
1000 600
50
I nStantaneous Forward Current - Amperes Per leg Amps
T =25 J
400 200 100 60 40 20 10 6.0 4.0 2.0 1.0 FST12080~ FST12010 FST12060 FST12020~ FST12040
Per leg
40
Amps
30
20
10
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 30 60 90 120 150 180
0
Case Te mperature -
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
1000 600 400 200
Figure .4-Typical Reverse Characteristics
Instantaneous Forward Voltage - Volts
Tj =150 C
Instantaneous Reverse Leakage Current - Mill Amperes
100 60 40 20 10 Tj =125 C
1200
Figure .3- Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
Peak Forward Surge Current -Amperes Amps Per leg
m Amps
1000 800 600 400 200 0
6 4 2 1 .6 .4 .2 .1 .06 .04 .02 T =25 J T =75 J
1
2
4
6
8 10 20 Cycles
40
60 80 100
Number Of Cycles At 60Hz - Cycles
.01
0
10
20
30
40
50
60
70
80
90
100
Volts Reverse Voltage - Volts


▲Up To Search▲   

 
Price & Availability of FST120100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X