Part Number Hot Search : 
NJU25006 05121 SN8P2610 FARM2CN1 1N662004 SC425 BZT52C36 212Z21H3
Product Description
Full Text Search
 

To Download FMMT449 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
NPN Silicon Planar Medium Power Transistor
FEATURES
Low equivalent on-resistance,RCE(sat): 250m at 1A. Complementary To FMMT549.
Production specification
FMMT449
Pb
Lead-free
APPLICATIONS
NPN silicon planar medium power transistor.
ORDERING INFORMATION
Type No. FMMT449 Marking 449
SOT-23
Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO VCEO VEBO ICM IC IB
B
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Collector Current -Continuous Base Current Power Dissipation Junction and Storage Temperature
Value 50 30 5 2 1 200 500 -55~150
Units V V V A A mA mW
Ptot TjTstg
Document number: BL/SSSTC051 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
NPN Silicon Planar Medium Power Transistor
Production specification
FMMT449
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO Test conditions IC=1mA,IE=0 IC=10mA,IB=0
B
MIN 50 30 5
TYP
MAX
UNIT V V V
IE=-100A,IC=0 VCB=40V,IE=0 VCB=40V,IE=0Tamb=100 VEB=4V,IC=0 VCE=2V,IC=50mA VCE=2V,IC=500mA
0.1 10 0.1 70 100 80 40 0.5 1.0 1.25 1.0 150 300
A A
DC current gain
hFE VCE=2V,IC=1A VCE=2V,IC=2A
Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter turn-on voltage Transition frequency
VCE(sat) VBE(sat) VBE(on) fT Cobo
IC=1A, IB= 100mA IC=2A, IB= 200mA
B B
V V V MHz
IC=1A, IB= 100mA
B
IC=1A,VCE=2V VCE=10V, IC= 50mA f=100MHz VCB=10V,f=1MHz
Output capacitance
15
pF
Document number: BL/SSSTC051 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
NPN Silicon Planar Medium Power Transistor
Production specification
FMMT449
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSTC051 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
NPN Silicon Planar Medium Power Transistor
PACKAGE OUTLINE
Plastic surface mounted package
A E
Production specification
FMMT449
SOT-23
SOT-23
Dim A B C D Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35 Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
J
E G H
H C
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE
Device FMMT449
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSSTC051 Rev.A
www.galaxycn.com 4


▲Up To Search▲   

 
Price & Availability of FMMT449

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X