Part Number Hot Search : 
ZM2BG94W ZM2BG94W D2587P18 HMC52809 BCM56 RF24981 D2522 M66250
Product Description
Full Text Search
 

To Download FCP1210C563J-G2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type FCP Surface Mount Film Capacitors
Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
The Type FCP's combination of high capacitance density and excellent high frequency response makes it a great choice for wireless and instrumentation applications.
Highlights

Type FCP stacked metallized polyphenelene sulfide (PPS) film capacitors offer high capacitance per unit volume, stable capacitance and DF over a wide temperature range, and excellent high frequency performance. Type FCP capacitors conform to standard EIA 0603, 0805, 1206, 1210, 1913 & 2416 surface mount case sizes and are packaged on tape and reel.

Stacked metallized polyphenylene sulfide (PPS) film. High operating temperature to +125 C High capacitance per unit volume Excellent high frequency performance Capacitance change from -55 C to 105 C 1.5% Stable cap and DF over wide temperature range
Specifications
Nominal Capacitance Range: Capacitance Tolerance: Rated Voltage: Dissipation Factor (Tan d): Operating Temperature Range: Dielectric Strength: Insulation Resistance: Construction: Life Test: 100 pF to 0.22 F (1kHz at 5 Vrms) 5% (J) Standard, 2% (G) Optional 16 Vdc and 50 Vdc 0.6% Max. (1 kHz at 5 Vrms) -55 C to +125 C (See Voltage derating chart for 0.12 - 0.22 F above 105 C) 175% of rated Vdc for 5 seconds 3000 M Min. at 20 C, after 60 seconds (16 Vdc rated, test 10 Vdc; 50 Vdc rated, test 50 Vdc) Stacked metallized polyphenylene sulfide (PPS) film Capacitors subjected to 1000 hours of maximum rated temperature and 125% of the rated voltage will not have any significant visual damage, thecapacitance will be within 2% of the initial measured value, DF will be a maximum of 0.66%, and IR will be a minimum of 1000 Megohms. Capacitors subjected to a 260 C reflow soldering for 5 seconds will not have any significant visual damage, dielectric strength will be as specified, the capacitance will be within 3% of the initial measured value, DF will be a maximum of .66%, and IR will be a minimum of 1000 Megohms. Capacitors subjected to 1000 hours at 40 C and 90% to 95% RH and rated voltage will not have any significant visual damage, will withstand 1.3 times the rated voltage for one minute, the capacitance will be within 2% of the initial measured value, DF will be a maximum of 0.9%, and IR will be a minimum of 1000 Megohms.
Resistance to Soldering Heat:
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
Moisture Resistance:
Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type FCP Surface Mount Film Capacitors
Ratings
Capacitance (F) .00010 .00012 .00015 .00018 .00022 .00027 .00033 .00039 .00047 .00056 .00068 .00082 .0010 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .010 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .100 .12 .15 .18 .22 (nF) .010 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 1.00 1.20 1.50 1.80 2.20 2.70 3.30 3.90 4.70 5.60 6.80 8.20 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 (pF) 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 39000 47000 56000 68000 82000 100000 120000 150000 180000 220000 16 Vdc Catalog Part Number FCP0603C101J-K1 FCP0603C121J-K1 FCP0603C151J-K1 FCP0603C181J-K1 FCP0603C221J-K1 FCP0603C271J-K1 FCP0603C331J-K1 FCP0603C391J-K1 FCP0603C471J-K1 FCP0603C561J-K1 FCP0603C681J-K1 FCP0603C821J-K1 FCP0603C102J-K1 FCP0603C122J-K1 FCP0603C152J-K1 FCP0603C182J-K1 FCP0603C222J-K1 FCP0603C272J-K1 FCP0805C332J-J1 FCP0805C392J-J1 FCP0805C472J-J1 FCP0805C562J-J1 FCP0805C682J-J1 FCP0805C822J-J2 FCP0805C103J-J2 FCP1206C123J-H1 FCP1206C153J-H1 FCP1206C183J-H1 FCP1206C223J-H1 FCP1206C273J-H2 FCP1206C333J-H2 FCP1206C393J-H3 FCP1206C473J-H3 FCP1210C563J-G2 FCP1210C683J-G2 FCP1210C823J-G3 FCP1210C104J-G3 Case Code 50 Vdc Catalog Part Number FCP0805H101J-J1 FCP0805H121J-J1 FCP0805H151J-J1 FCP0805H181J-J1 FCP0805H221J-J1 FCP0805H271J-J1 FCP0805H331J-J1 FCP0805H391J-J1 FCP0805H471J-J1 FCP0805H561J-J1 FCP0805H681J-J1 FCP0805H821J-J1 FCP0805H102J-J1 FCP0805H122J-J1 FCP0805H152J-J1 FCP0805H182J-J1 FCP0805H222J-J1 FCP0805H272J-J1 FCP1206H332J-H1 FCP1206H392J-H1 FCP1206H472J-H1 FCP1206H562J-H1 FCP1206H682J-H1 FCP1206H822J-H2 FCP1206H103J-H2 FCP1210H123J-G1 FCP1210H153J-G1 FCP1210H183J-G2 FCP1210H223J-G2 FCP1210H273J-G2 FCP1210H333J-G3 FCP1210H393J-G3 FCP1913H473J-E1 FCP1913H563J-E2 FCP1913H683J-E2 FCP1913H823J-E4 FCP1913H104J-E3 FCP2416H124J-D1 FCP2416H154J-D3 FCP2416H184J-D4 FCP2416H224J-D5 2416 Case Code
0603
0805
805
1206
1206
1210
1210
1913
Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type FCP Surface Mount Film Capacitors
Typical Temperature Characteristics Typical Frequency Characteristics
Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type FCP Surface Mount Film Capacitors
Outline Dimensions
Case Code
0603 0805 1206
Outline Dimensions (in.) L0.008 0.063 0.079 0.126 W 0.049 0.008 0.063 0.008 T 0.008 0.035 0.043 0.035 0.043 0.059 0.043 0.026 0.012 t 0.018 0.010 0.032 0.006 0.028 0.006 0.014 0.008
Case Size (metric) 1608 2012 3216 1.6 2 3.2
Outline Dimensions (mm) L 0.2 W 1.25 0.2 1.6 0.2 T 0.2 0.9 1.1 0.9 1.1 1.5 1.1 0.65 0.3 t 0.45 0.25 0.80 0.15 0.7 0.15 0.35 0.2
Packaging Code K1 J1 J2 H1 H2 H3 G1
1210
0.126
0.098 0.008
0.059 0.083 0.055
0.026 0.012
3225
3.2
2.5 0.2
1.5 2.1 1.4
0.65 0.3
G2 G3 F1
1913
0.189
0.130 0.012
0.076 0.110 0.094 0.071
0.014 0.008
4833
4.8
3.3 0.3
2.0 2.8 2.4 1.8
0.35 0.2
E2 E3 E4 D1
2416
0.236
0.161 0.012
0.094 0.110 0.126
0.014 0.008
6041
6
4.1 0.3
2.4 2.8 3.2
0.35 0.2
D3 D4 D5
Pulse Handling Capability
Cap (F) .00010 .00012 .00015 .00018 .00022 .00027 .00033 .00039 .00047 .00056 .00068 .00082 .0010 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 Voltage (Vdc) 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 dV/dt (V/s) 420 390 350 325 295 270 245 225 205 193 175 160 150 135 123 115 105 95 86 80 74 68 62 58 Cap (F) .010 .012 .015 .018 .022 .027 .033 .039 .047 .056 .068 .082 .100 .00010 .00012 .00015 .00018 .00022 .00027 .00033 .00039 .00047 .00056 .00068 Voltage (Vdc) 16 16 16 16 16 16 16 16 16 16 16 16 16 50 50 50 50 50 50 50 50 50 50 50 dV/dt (V/s) 52 48 43 40 37 33 31 28 26 24 22 20 19 1100 1050 940 890 800 730 690 610 580 520 480 Cap (F) .00082 .0010 .0012 .0015 .0018 .0022 .0027 .0033 .0039 .0047 .0056 .0068 .0082 .010 .012 .015 .018 .022 .027 .033 .039 .047 - .10 .12 - .22 Voltage (Vdc) 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 dV/dt (V/s) 440 400 370 340 310 270 260 240 220 200 190 170 160 145 135 120 110 100 94 86 78 180 130
Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type FCP Surface Mount Film Capacitors
Vrms vs. Frequency
Typical Applications
Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type FCP Surface Mount Film Capacitors
Typical Applications
In PLL circuit applications, FCP SMT film capacitor advantages are tight tolerance on the capacitance value, stable capacitance with temperature, faster lock-up times, and no noise due to piezoelectric effects.
Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of FCP1210C563J-G2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X