Part Number Hot Search : 
L6382D5 0399400 ERC04F GL782 G2204 G2204 225M0 01190
Product Description
Full Text Search
 

To Download FCA1206C474M-H3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type FCA Acrylic Surface Mount Film Capacitors
Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
Type FCA acrylic film chips are non-inductive stacked metallized film capacitors which feature large capacitance values in standard surface mount case sizes.
Highlights
* * * * * Smallest film chips No piezoelectric effect Non-polarized, non-magnetic Low ESR 1.0 F/10V in 1206 case
Filtering * Decoupling * Noise Attenuation * Distortion Free Audio
Type FCA acrylic film capacitors offer high capacitance values in standard surface mount case sizes. They excel in attenuating DC power bus noise, and as ripple filters in dc to dc power conversion circuits. As coupling capacitors in audio circuits, they yield distortion free sound and better high frequency filtering. The 1.0 F 10 Vdc rating offers a film capacitor that is a direct replacement for tantalum "A" case capacitors. The nonpolar FCA capacitor has lower ESR and lower DCL than an equivalent tantalum capacitor, and in high frequency applications it takes a tantalum capacitor with ten times the capacitance to perform as well as the FCA capacitor. The capacitor is constructed of noninductive stacked layers of metallized acrylic resin film with lead free solder (Sn/Ag/Cu) plated copper alloy terminals.
Specifications
Capacitance Range: Capacitance Tolerance: Rated Voltage: AC Voltage Rating: Operating Temperature Range: Dissipation Factor: Dielectric Strength: Insulation Resistance (IR):
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
0.10 F to 1.0 F 20% @ 1 kHz and +20 C 16 Vdc [1.0 F in 1206 case, 10 Vdc] 12 Vrms -40 C to +85 C 0.015 @ 1 kHz and +20 C 175% of rated voltage for 5 seconds After 1 minute @10 Vdc; +20 C IR >1000 M (C 0.33 F) IR > 300 M*F (C >0.33 F) Resistance to Soldering: The capacitor can withstand being heated in an oven at 235 C for 200 seconds
Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type FCA Acrylic Surface Mount Film Capacitors
Specifications
Moisture Resistance:
After 500 hours with rated voltage applied at +40 C and 90 to 95% RH, the capacitor will meet the following limits: C = +20/-3% of the initial measured value DF 2.25% (at 1 kHz) IR > 100M (C 0.33 F) IR > 30M*F(C > 0.33 F) Dielectric Strength: Capacitor will withstand 130% of the rated voltage for 1 minute.
Life Test:
Apply 125% of the rated DC working voltage at 85 C for 1000 hours, and then stabilize them to +20 C. Capacitors will meet the following limits: C = +7%/-20% of the initial measured value DF 1.65% (at 1 kHz) IR > 300M (C 0.33 F) IR > 100M*F(C > 0.33 F)
Ratings
Catalog Part Capacitance (F) 1.00 .10 .15 .22 .33 .47 .68 1.00 FCA1206A105M-H3 FCA0805C104M-J2 FCA1206C154M-H1 FCA1206C224M-H1 FCA1206C334M-H2 FCA1206C474M-H3 FCA1206C684M-H3 FCA1210C105M-G2 Number dv/dt 10kHz 20kHz (Arms) 10 Vdc 3 19 15 13 10 7 5 3 0.60 0.15 0.21 0.25 0.35 0.39 0.48 0.60 0.76 16 Vdc 0.21 0.28 0.33 0.45 0.52 0.625 0.78 0.3 0.37 0.45 0.61 0.71 0.85 1.05 0.375 0.450 0.550 0.740 0.860 1.040 1.250 0.46 0.54 0.66 0.84 1.00 1.19 1.38 0.58 0.62 0.76 0.94 1.10 1.31 1.46 0.65 0.68 0.84 1.00 1.17 1.34 1.46 1.05 1.220 1.35 1.43 1.43 (V/s) (Arms) Maximum Current 50kHz (Arms) 100kHz (Arms) 200kHz (Arms) 500kHz (Arms) 1MHz (Arms)
Outline Drawing
Outline Dimensions
Part Number Suffix J2 H1 H2 H3 G2 Case Code 0805 1206 1206 1206 1210 L 0.079 0.126 0.126 0.126 0.126 W 0.049 0.063 0.063 0.063 0.098 Inches H 0.039 0.032 0.039 0.055 0.055 S 0.018 0.026 0.026 0.026 0.026 L 2.0 3.2 3.2 3.2 3.2 Millmeters W 1.25 1.60 1.60 1.60 2.50 H 1.0 0.8 1.0 1.4 1.4 S 0.45 0.65 0.65 0.65 0.65 (.008in.) (.008in.) (.008in.) (.012in.) (0.2mm) (0.2mm) (0.2mm) (0.3mm)
Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type FCA Acrylic Surface Mount Film Capacitors
Temperature Characteristics Frequency Characteristics
Capacitance Change
Capacitance Change
(Typical)
10 8
0.1 uF 0.33 uF
Capacitance Change (%)
10 8
6 4 2 0 -2 -4 -6 -8 -10
1.0 uF
Capacitance Change (%)
6 4 2 0 -2 -4 -6 -8 -10 -60 -40 -20 0 20 40 60 80 100
1
10
100
1,000
10,000
Temperature (C)
Frequency (kHz)
Dissipation Factor
Dissipation Factor
(Typical)
10 9 8 7 6
0.1uF .33 uF 1.0 uF
2
DF (%)
5 4 3 2 1
1
0 -60 -40 -20 0 20 40 60 80 100
0 1 10 100 1,000 10,000
Temperature (C)
Frequency (kHz)
Impedance
10000.00
Insulation Resistance
1000
0.1 uF 0.33 uF 1.0 uF 0.1 uF
1000.00
.33 uF 1.0 uF
100
Impedance (ohms)
100.00
10.00
1.00
10
0.10
1 -60 -40 -20 0 20 40 60 80 100
0.01 1 10 100 1,000 10,000
Temperature (C)
Frequency (kHz)
Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type FCA Acrylic Surface Mount Film Capacitors
Typical Applications Coupling Capacitor for Audio:
+ _
Sound Signal
FCA
+ _
Total Harmonic Distortion
0.08
ESR vs. Frequency Comparison
100
Aluminum Electrolytic 0.1 F @ 16 Vdc
Distortion (%)
0.06
10 ESR (Ohms)
Tantalum 0.1 F @ 16 Vdc
0.04
1
0.02
0.1
FCA 0.1 F @ 16 Vdc
0
FCA 0.47 F
MCLL 0.47 F
Tantalum 0.47 F
0.01 1 10 100 Frequency (kHz) 1000 10000
Using FCA capacitors in audio circuits can result in lower sound distortion. The low ESR, the absence of piezoelectric effects, and the non polar nature of the capacitor will eliminate sources of distortion in your audio circuits.
PLL Circuit: Cellular phone, Blue Tooth, Data Communication Card
Phase Lock Loop Filter Charge Pump VCO Lock-up time
(.33 F)
MLCC X7R Tantalum
FCA
FCA
FCA
0 1 2 3 4 5 6
Time (ms)
FCA surface mount film capacitors have advantages over tantalum and ceramic capacitors in PLL circuits. There are no piezoelectric effects to create noise, they are not polarized, and they result in faster signal lock-up time.
Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type FCA Acrylic Surface Mount Film Capacitors
Typical Applications Filtering Performance:
10 Vdc
Switching Power Supply 200 kHz
FCA Oscilloscope
In the above circuit, one 1 F FCA capacitor results in the same ripple reduction performance as a 10 F tantalum capacitor at 200 kHz. With a 1 F tantalum capacitor in the circuit the measured ripple voltage was 70 mVpp, and with a 10 F tantalum or a 1 F FCA capacitor the ripple voltage was 8 mVpp.
Impedance vs. Frequency Comparison
Capacitance Change (%)
1000
30 20 10 0 -10 -20 -30
Capacitance Change vs. Temperature
Impedance (Ohms )
100 10 1 0.1 0.01 1 10 100
Tantalum 1.0 F MLCC 1.0 F
Tantalum 1.0 F
FCA 1.0 F 1000 10000
FCA Acrylic Film 1.0 F -60 -40 -20 0 20 40
MLCC X7R 1.0 F
60
80
100
Frequency (kHz)
Temperature (C)
Type FCA capacitors have very low ESR and stable capacitance vs. temperature.
Design Kits
See the Capacitor Kits section at the end of this catalog for design Kits containing various ratings of FCA, FCN and FCP surface mount film capacitors as well as kits for alluminum electrolytic, polymer aluminum, and mica surface mount capacitors
Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of FCA1206C474M-H3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X