Part Number Hot Search : 
FU024 1313TC 835KM C2012X7 F4606 NLAS6234 FR104 G936T82T
Product Description
Full Text Search
 

To Download F64G-2AD-AD1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Back to Selector Page
F64G
Olympian Plus General Purpose Filter 1/4", 3/8", 1/2", 3/4" Port Sizes q Olympian Plus plug in design q High efficiency water and particle removal q Quick release bayonet bowl q High visibility prismatic sight glass* q Optional service indicator
* UK and other patents pending
Technical Data
Fluid: Compressed air Maximum pressure: Guarded transparent bowl: 10 bar (150 psig) Metal bowl: 17 bar (250 psig) Operating temperature*: Guarded transparent bowl: -20 to +50C (0 to +125F) Metal bowl: -20 to +80C (0 to +175F)
* Air supply must be dry enough to avoid ice formation at temperatures below +2C (+35F).
Partical removal: 5 m, 25 m or 40 m. Within ISO 8573-1, Class 3 and Class 5 Typical flow at 6,3 bar (90 psig) inlet pressure and 0,5 bar (7 psig) pressure drop: 5 m element: 55 dm3/s (116 scfm) 40 m element: 70 dm3/s (148 scfm) Automatic drain connection: 1/8" Automatic drain operating conditions: Minimum pressure: 0,7 bar (10 psig). Drain opens when bowl pressure drops below 0,2 bar (3 psig). Minimum air flow: 1 dm3/s (2 scfm) required to close drain. Nominal bowl size: 0,2 litre (7 fluid ounce)
Materials: Body: Zinc Yoke: Zinc Metal bowl: Aluminium Standard metal bowl prismatic liquid level indicator lens: Grilamid Optional metal bowl sight glass: Pyrex Optional transparent bowl: Polycarbonate Element: Sintered plastic Elastomers: Synthetic rubber Optional service life indicator: Body: Transparent nylon. Internal parts: Acetal Spring: Stainless steel Elastomers: Nitrile
Ordering Information
See Ordering Information on the following pages.
ISO Symbols
Automatic Drain
Manual Drain
7/97
Our policy is one of continuous research and development. We reserve the right to amend, without notice, the specifications given in this document.
N/AL.8.240.100.01
F64G
Typical Performance Characteristics
FLOW CHARACTERISTICS bar g 0,8 1 PRESSURE DROP 0,6 8 psig PORT SIZE: 1/2" 40 m ELEMENT
INLET PRESSURE - bar g (psig) 2,5 (36) 4,0 (58) 6,3 (91) 8,0 10,0 (116) (150)
6
0,4
4 0,2 2
0
0 0 0 20 40 40 80 60 120 AIR FLOW 80 160 100 200 dm3/s 240 scfm
Ordering Information. Models listed include ISO G threads, automatic drain, metal bowl, 40 m element. Models do not include the
service life indicator.
Port Size G1/4 G3/8 G1/2 G3/4
Model F64G-2GN-AD3 F64G-3GN-AD3 F64G-4GN-AD3 F64G-6GN-AD3
Flow dm3/s (scfm) 33 (70) 66 (140) 70 (148) N.A.
Weight kg (lb) 1,42 (3.13) 1,42 (3.13) 1,32 (2.91) 1,72 (3.79)
Typical flow with a 40 m element at 6,3 bar (90 psig) inlet pressure and a 0,5 bar (7 psig) pressure drop. For replacement Filter (without yoke) substitute `N' at the 5th and 6th digits eg: F64G-NNN-AD3.
Alternative Models
Port Size 1/4" 3/8" 1/2" 3/4" Threads PTF ISO Rc taper ISO G parallel Service Life Indicator With Without Substitute 2 3 4 6 Substitute A B G Substitute D N
F6 4 G-555-555
Element 5 m 25 m 40 m Substitute 1 2 3
Bowl Metal with liquid level indicator Transparent with guard Closed bowl* Drain Manual Auto drain * For vacuum use.
Substitute D P E Substitute M A
Accessories
Wall Mounting Bracket 74504-50
Service Indicator Factory fit option only See alternative models table
N/AL.8.240.100.02
Our policy is one of continuous research and development. We reserve the right to amend, without notice, the specifications given in this document.
7/97
F64G
Dimensions mm (inches)
105 (4.13)* 37 (1.46)
37 (1.46)
74 (2.91)
217 (8.54)
201 (7.91)
Minimum clearance required to remove bowl. * 157 mm (6.18") for G3/4 models
Bracket Mounting
Use 8 mm (5/16") screws to mount bracket to wall.
Bracket Kit Reference
Item Wall Bracket Part Number 74504-50
85 (3.35)
8,2 (0.32)
143 (5.63) 114 (4.49)
30,5 (1.20)
48 (1.89)
11 (0.43)
14,5 (0.57)
Service Kits
Item Service kit Elements Service Life Indicator Liquid level lens kit Replacement drains Prismatic Pyrex Automatic Manual Type Seal and gasket 5 m 25 m 40 m Part Number 4380-200 4338-01 4338-99 4338-02 5797-50 4380-040 4380-041 3000-97 684-84
Service kit includes port seals, louvre o-ring, bowl o-ring and drain gasket.
7/97
Our policy is one of continuous research and development. We reserve the right to amend, without notice, the specifications given in this document.
110 (4.33)
93 (3.66)
224 (8.82)
208 (8.19)
N/AL.8.240.100.03
F64G
Warning
These products are intended for use in industrial compressed air systems only. Do not use these products where pressures and temperatures can exceed those listed under `Technical Data'. Before using these products with fluids other than those specified, for non-industrial applications, life-support systems, or other applications not within published specifications, consult NORGREN. Through misuse, age, or malfunction, components used in fluid power systems can fail in various modes. The system designer is warned to consider the failure modes of all component parts used in fluid power systems and to provide adequate safeguards to prevent personal injury or damage to equipment in the event of such failure. System designers must provide a warning to end users in the system instructional manual if protection against a failure mode cannot be adequately provided. System designers and end users are cautioned to review specific warnings found in instruction sheets packed and shipped with these products. Water vapor will pass through these units and will condense into liquid if air temperature drops in the downstream system. Install an air dryer if water condensation could have a detrimental effect on the application.
N/SH.8.240.100.04
Issue No.1 Revision 0
Our policy is one of continuous research and development. We reserve the right to amend, without notice, the specifications given in this document.
7/97


▲Up To Search▲   

 
Price & Availability of F64G-2AD-AD1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X