Part Number Hot Search : 
SSTX4930 SX52BD N5401 MC120 0N03L TD3161 TC531001 SSTX4930
Product Description
Full Text Search
 

To Download EUY2785M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
EUY2785M
8.89mmx19.05mm LED LIGHT BAR
Features
UNIFORM LIGHT EMITTING AREA. LOW CURRENT OPERATION. EASILY MOUNTED ON P.C. BOARDS. FLUSH MOUNTABLE. EXCELLENT ON/OFF CONTRAST. CAN BE USED WITH PANELS AND LEGEND MOUNTS. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg UY (GaAsP/GaP) 5 30 140 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=20mA) mcd min. EUY2785M Yellow 14,2008 GaAsP/GaP White Diffused V4 10 typ. 49 Checked : Shin Chi 590 P.1/4 VF VF IR UY Unit (GaAsP/GaP) 2.1 2.5 10 V V uA
P
590
nm
D
588
nm
260C For 3~5 Seconds
35
nm
C
20
pF
Part Number
Emitting Color
Emitting Material
Lens -color
Wavelength nm P
Published Date : MAR
Drawing No : SDSA3891
www.SunLED.com
Part Number:
EUY2785M
8.89mmx19.05mm LED LIGHT BAR
UY
Published Date : MAR
14,2008
Drawing No : SDSA3891
V4
Checked : Shin Chi
P.2/4
www.SunLED.com
Part Number:
EUY2785M
8.89mmx19.05mm LED LIGHT BAR
EUY2785M
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR
14,2008
Drawing No : SDSA3891
V4
Checked : Shin Chi
P.3/4
www.SunLED.com
Part Number:
EUY2785M
8.89mmx19.05mm LED LIGHT BAR
PACKING & LABEL SPECIFICATIONS
EUY2785M
Published Date : MAR
14,2008
Drawing No : SDSA3891
V4
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of EUY2785M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X