Part Number Hot Search : 
TDA1519C MP7686KN YD7738 1485ETQ PM536D 3100L PM536D 100000
Product Description
Full Text Search
 

To Download ESRE221M04XR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type ESRE Solid Polymer Aluminum SMT Capacitors
Capacitance Tripled
Type ESRE polymer aluminum capacitors are low voltage polarized electrolytic capacitors, with extremely low equivalent series resistance at high frequency. This yields capacitors with very low high frequency impedance and higher ripple current capability than aluminum electrolytic or tantalum capacitors. One type ESRE capacitor can replace three or more tantalum or aluminum electrolytic capacitors. The solid electrolyte of the polymer aluminum capacitor gives it a long life that is ignition free.
Highlights
Type ESRE capacitors triple the capacitance found in CDE's type ESRD capacitors. * Lowest ESR: <10 m at 100 kHZ * 3.5 A ripple current at 100 kHz * "D" case footprint: 7.3 (l) x 4.3 (w) * Ignition Free
Applications
Motherboard By-Pass Switching Supply Input/Output Filters Power Supply Decoupling High Frequency Noise Reduction Laptop LCD Displays Automotive Digital Equipment Portable Electronic Equipment
Markings
Capacitance ("R" = Decimal Point) Polarity Stripe (Anode) + W.V. Code
D = 2.0V E = 2.5V G = 4.0V J = 6.3V K = 8.0V
Lot Code
Ordering Information
ESRE 101 M 08 R
Packaging Code CDE Type Capacitance Code 101 = 100 F Capacitance Tolerance M = 20% WVDC Code 02 =2.0 Vdc 0E =2.5 Vdc 04 =4.0 Vdc 06 = 6.3 Vdc 08 = 8.0 Vdc R = Tape & Reel 2000 pcs/reel
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type ESRE Solid Polymer Aluminum SMT Capacitors
Surface Mount, High Capacitance Outline Drawing
Ratings
Maximum Catalog E.S.R. Part Number 100 kHz/20 C () 2.0 Vdc
ESRE271M02R ESRE331M02R ESRE391M02XR 0.012 0.012 0.010
Capacitance (F)
270 330 390 220 270 330 180 220 150 180 100
Maximum Ripple Current 100 kHz/105 C (Amps)
3.3 3.3 3.5 3.3 3.3 3.5 3.3 3.5 3.3 3.5 3.3
2.5 Vdc
ESRE221M0ER ESRE271M0ER ESRE331M0EXR 0.012 0.012 0.010
4.0 Vdc
ESRE181M04R ESRE221M04XR 0.012 0.010
6.3 Vdc
ESRE151M06R ESRE181M06XR 0.012 0.010
8.0 Vdc
ESRE101M08R 0.012
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type ESRE Solid Polymer Aluminum SMT Capacitors Specifications
Operating Temperature Range: -55 C to +105 C, at 100% rated voltage Surge Voltage: 125% of the rated working Vdc Capacitance Range: 100 F to 390 F Capacitance Tolerance: 20% at 120 Hz and +20 C DC Leakage Current (DCL): After a two minute application of the rated working voltage at +20 C: 2V -- 4V: I 0.06CV 6.3V -- 8V: I 0.04CV or 3 A Moisture Resistance: After 500 hours storage at +60 C and 90% to 95% RH without load, the capacitor will meet the following limits: C = +70%/-20% of the initial measured value (2.0 Vdc, 2.5 Vdc), +60%/-20% of the initial measured value (4.0 Vdc), +50%/-20% of the initial measured value (6.3 Vdc), +40%/-20% of the initial measured value (all other voltages) DF two times the initial specified value DCL the initial specified value Life Test: Apply rated DC working voltage at 105 C for 1000 hours, and then stabilize them to +20 C. Capacitors will meet the following limits: C = 10% of the initial measured value DF the initial specified value DCL the initial specified value Shelf Life Test: Shelf life is typically 5 to 10 years. Accelerated test: after 500 hours at 105 C, capacitors will meet the following limits after stabilization at 20 C: C = 10% of the initial measured value DF the initial specified value DCL the initial specified value Shear Test: No damage shall be visible after subjecting a mounted capacitor to a side force of 5 N for 10 seconds.
(whichever greater)
Dissipation Factor (DF): The ratio of the capacitor's equivalent series resistance to its reactance at 120Hz and +20 C ESRE: DF is 0.10 Max. Resistance to Soldering Heat: Heat the capacitors at 235 C in an oven for 200 seconds. The capacitors will meet the following limits after stabilizing at 20 C: C = 10% of the initial measured value DF the initial specified value DCL the initial specified value Vibration: No abnormal change shall occur to capacitors that have been soldered (and attached) to a board when subjected to a vibration of 1.5 mm amplitude that is varied from 10 Hz to 2000 Hz in 20 min. cycles. The test duration is 2 hours for each right angle direction (total 6 hours). Capacitance is monitored during the last cycle of the test for stablilty.
For more information on this product please see the Solid Polymer Aluminum Capacitors Application Guide
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of ESRE221M04XR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X