Part Number Hot Search : 
M18SP6DL EM01Z BT150 3FB31ZNI BD7962 78DL10 28F640P3 2SC1456
Product Description
Full Text Search
 

To Download ESDALC6V1M3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ESDALC6V1W5
Quad TRANSILTM array for data protection
Main applications
Where transient overvoltage protection in ESD sensitive equipment is required, such as :

Computers Printers Communication systems Cellular phones and accessories Wireline and wireless telephone sets Set top boxes
SOT323-5L Order codes
Part Number ESDALC6V1W5 Marking C61
Features

ESDALC6V1W5 Functional diagram
4 Unidirectional Transil functions Breakdown voltage: VBR = 6.1 V minimum Low leakage current: < 1 A Low capacitance: 7.5 pF at 3 V Very small PCB area < 4.2 mm2 typically
GND I/02 I/03 I/01 I/04
Description
The ESDALCxxxWx are monolithic suppressors designed to protect components connected to data and transmission lines against ESD. These devices clamp the voltage just above the logic level supply for positive transients, and to a diode drop below ground for negative transients.
Complies with the following standards
IEC61000-4-2 Level 4 15 kV (air discharge) 8 kV(contact discharge)
Benefits

MIL STD 883E - Method 3015-7 Class 3 25 kV HBM (Human Body Model)
High ESD protection level: up to 25 kV High integration
TM: TRANSIL is a trademark of STMicroelectronics
Rev 5 1/7
www.st.com 7
January 2006
1 Characteristics
ESDALC6V1W5
1
Characteristics
Table 1.
Symbol PPP Tj Tstg TL Top Peak pulse power (8/20 s) Junction temperature Storage temperature range Maximum lead temperature for soldering during 10s Operating temperature range(1)
Absolute Ratings (Tamb = 25C)
Parameter Value 25 150 -55 to +150 260 -40 to +150 Unit W C C C C
1. The values of the operating parameters versus temperature are given through curves and T parameter.
1.1
Electrical Characteristics (Tamb = 25C)
Symbol VRM VBR VCL IRM IPP IR IF T VF C Rd Parameter Stand-off voltage Breakdown voltage Clamping voltage Leakage current Peak pulse current Reverse leakage current Forward current Voltage temperature coefficient Forward voltage drop Capacitance Dynamic resistance VBR@ IR Part Numbers min. V ESDALC6V1W5 6.1 max. V 7.2 mA 1 IRM @ VRM max. A 1 V 3 Rd typ.(1) 1.1 T max.(2) 10-4/C 6 C typ. 3V bias pF 7.5
I IF
VF VCL VBR VRM IRM V
Slope: 1/Rd
IPP
1. Square pulse lpp = 15 A, tp = 2.5 s 2. VBR = aT* (Tamb - 25 C) * VBR (25 C)
2/7
ESDALC6V1W5
Figure 1. Peak power dissipation versus initial junction temperature Figure 2.
1 Characteristics
Peak pulse power versus exponential pulse duration (Tj initial = 25C)
Tj initial = 25C
1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0
Ppp[Tj initial] / Ppp [Tj initial = 25C]
100
Ppp(W)
Tj(C)
10
0 25 50 75 100 125 150 175
tp(s)
1 10 100
Figure 3.
Clamping voltage versus peak pulse Figure 4. current (Tj initial = 25C, rectangular waveform, tp = 2.5 s)
C(pF)
14 13 12 11 10 9 8 7 6
Capacitance versus reverse applied voltage (typical values)
Ipp(A)
100.0
F=1MHz Vosc=30mVRMS Tj=25C
10.0
1.0
5 4 3 2
Vcl(V)
0.1 0 10 20 30 40
tp=2.5s Tj initial =25C
1 0
VR(V)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
50
60
Figure 5.
Relative variation of leakage current Figure 6. versus junction temperature (typical values)
I FM (A)
1.E+00
Peak forward voltage drop versus peak forward current (typical values)
IR [Tj] / IR [Tj=25C]
100
1.E-01
10
1.E-02
1 25 50 75
Tj(C)
100 125 150
VFM(V) 1.E-03 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
3/7
2 Ordering information scheme
ESDALC6V1W5
Figure 7.
ESD response to IEC61000-4-2 (air discharge 15 kV, positive surge)
2
Ordering information scheme
ESDA
ESD Array Low capacitance Breakdown Voltage 6V1 = 6.1 Volts min Package W5 = SOT323-5L
LC
6V1 W5
4/7
ESDALC6V1W5
3 Package mechanical data
3
3.1
Package mechanical data
SOT323-5L package
DIMENSIONS
A E
REF.
Millimeters Min. Max. 1.1 0.1 1 0.3 0.18 2.2 1.35
Inches Min. 0.031 0 0.031 0.006 0.004 0.071 0.045 Max. 0.043 0.004 0.039 0.012 0.007 0.086 0.053
A
e b e
D
0.8 0 0.8 0.15 0.1 1.8 1.15
A1 A2 b
A1 A2
Q1
c D E
c HE
e HE Q1
0.65 Typ. 1.8 0.1 2.4 0.4
0.025 Typ. 0.071 0.004 0.094 0.016
Figure 8.
Footprint dimensions
0.3
1.0
2.9
1.0
0.35
Dimensions in mm
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
5/7
4 Ordering information
ESDALC6V1W5
4
Ordering information
Part Number ESDALC6V1W5 Marking C61 Package SOT323-5L Weight 5.4 mg Base qty 3000 Delivery mode Tape & reel
5
Revision history
Date Jun-2002 Revision 4A Previous issue Reformatted to current template. Figure 5: Range of Tj extended to 150 C. Figure 6: Peak forward voltage drop versus peak forward current (typical values) added. Changes
10-Jan-2006
5
6/7
ESDALC6V1W5
5 Revision history
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of ESDALC6V1M3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X