Part Number Hot Search : 
GPS40B12 BE002 EQW025 0ETTTS B3572 200BG KSA1220 BA7358
Product Description
Full Text Search
 

To Download EGP60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6.0A Sintered Glass Passivated Super Fast Recovery Rectifier EGP60A - EGP60G
6.0A Sintered Glass Passivated Super Fast Recovery Rectifier
Features
* * * * Sintered glass passivated (SGP) rectifier chip Low forward voltage, high current capability Low leakage current, high surge current capability High temperature soldering guaranteed 260C/10 seconds /.0375" (9.5mm) lead length, 5lbs (2.3kg) tension * RoHS Compliance
DO-201AD
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: JEDEC DO-201AD molded plastic body Plastic package has UL flammability classification 94V-0 Plated axial leads, solderable per MIL-STD-750, Method 2026 Color band denotes cathode end 0.04ounces, 1.12 grams
Maximum Ratings and Electrical Characteristics (T A=25C unless noted otherwise)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current EGP60A 50 35 50 EGP60B 100 70 100 6.0 EGP60D 200 140 200 EGP60G 400 280 400 Unit V V V A 0.375" (9.5mm) lead length(Fig.1) 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Conditions
VRRM VRMS VDC IF(AV)
IFSM
Peak Forward Surge Current
200
A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: Fax: (800)-TAITRON (800)-824-8766 (800)-TAITFAX (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/AH 2007-10-16 Page 1 of 4
6.0A Sintered Glass Passivated Super Fast Recovery Rectifier EGP60A - EGP60G
Symbol Description Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Reverse Recovery Time Typical Junction Capacitance Operating Temperature range Storage Temperature Range EGP60A 0.95 EGP60B 0.95 5.0 120 35 35 -55 to +175 C -55 to +175 EGP60D 0.95 EGP60G 1.25 Unit V A Conditions
VF IR
IF=6.0A TA=25 C TA=125 C IF=0.5A, IR=1A, Irr=0.25A VR=4V, f=1MHz
Trr
CJ TJ TSTG
nS pF
Note: Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B mounted.
Typical Characteristics Curves
Fig.1-Max. Forward Current Derating Curve Fig.2-Max. Non-Repetitive Forward Surge Current Peak Forward Surge Current (A) Ambient Temperature Ta (C)
Average Forward Rectified Current
(A)
Number of Cycles at 60Hz
Rev. A/AH 2007-10-16 www.taitroncomponents.com Page 2 of 4
6.0A Sintered Glass Passivated Super Fast Recovery Rectifier EGP60A - EGP60G
Fig.3- Typical Forward Characteristics IR, Instantaneous Reverse current (A) Fig.4-Typical Reverse Characteristics
Instantaneous Forward Current
(A)
Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.5- Typical Junction Capacitance
Junction Capacitance (pF)
Reverse Voltage (V)
Rev. A/AH 2007-10-16 www.taitroncomponents.com Page 3 of 4
6.0A Sintered Glass Passivated Super Fast Recovery Rectifier EGP60A - EGP60G
Dimensions in inches (mm)
DO-201AD
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/AH 2007-10-16 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of EGP60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X