Part Number Hot Search : 
D7G83 16TTS12 KTC3199M A1209 MZT3326 LBS06004 APM3007N 2N6079
Product Description
Full Text Search
 

To Download EFM107L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
FEATURES
* * * * * *
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
EFM101L THRU EFM107L
Glass passivated device Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.057 gram
SMAL
MECHANICAL DATA
* Epoxy : Device has UL flammability classification 94V-0
0.067 (1.70 ) 0.051 (1.29 ) 0.110 ( 2.79 ) 0.086 ( 2.18 )
0.180 ( 4.57 ) 0.160 ( 4.06 )
0.012 ( 0.305 ) 0.006 ( 0.152 ) 0.067 ( 1.70 ) 0.063 ( 1.60 )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.059 ( 1.50 ) 0.035 ( 0.89 )
0.008 ( 0.203 ) 0.004 ( 0.102 )
0.209 ( 5.31 ) 0.185 ( 4.70 )
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 55oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 4) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) NOTES : 1. Reverse Re covery Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts 3. "Fully ROHS compliant", "100% Sn plating (Pb-free)". 4. Thermal Resistance : Mounted on PCB. @TA = 25oC @TA = 100oC SYMBOL VF IR trr 35
EFM101L EFM102L EFM103L EFM104L EFM105L EFM106L EFM107L
SYMBOL VRRM VRMS VDC IO IFSM RqJA RqJL CJ T J, TSTG
EFM101L EFM102L EFM103L EFM104L EFM105L EFM106L EFM107L
UNITS Volts Volts Volts Amps Amps
0
50 35 50
100 70 100
150 105 150
200 140 200 1.0 30 85 35
300 210 300
400 280 400
600 420 600
C/W pF
0
15 -55 to + 150
10
C
UNITS Volts mAmps
0.95 5.0 100
1.25
1.50
50
nSec 2006-12
RATING AND CHARACTERISTICS CURVES ( EFM101L THRU EFM107L )
50 W NONINDUCTIVE 10 W NONINDUCTIVE +0.5A
trr
(+) 25 Vdc (approx) (-)
D.U.T
(-)
PULSE GENERATOR (NOTE 2)
0 -0.25A
1 NONINDUCTIVE
OSCILLOSCOPE (NOTE 1)
(+)
NOTES: 1 Rise Time = 7ns max. Input Impedance = 1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedance = 50 ohms.
-1.0A
1cm
SET TIME BASE FOR 14/1 ns/cm
FIG.1 TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
1.25
AVERAGE FORWARD CURRENT, (A)
INSTANTANEOUS REVERSE CURRENT, (uA)
1000
1.00 0.75 0.50 0.25 0
Single Phase Half Wave 60Hz Resistive or Inductive Load
100
TA = 100 OC TA = 75 OC
10
TA = 25 OC
1.0
0
25
50
75
100
125
150
175
0.1 0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE, (OC)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG.2 TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3 TYPICAL REVERSE CHARACTERISTICS
RATING AND CHARACTERISTICS CURVES ( EFM101L THRU EFM107L )
INSTANTANEOUS FORWARD CURRENT, (A)
PEAK FORWARD SURGE CURRENT, (A)
20 10 3.0 1.0 0.3 0.1 0.03 0.01 0
200 100
TJ = 25 OC EFM107L EFM105L~EFM106L
8.3ms Single Half Sine-Wave (JEDED Method)
50 30 20 10
EFM101L~EFM104L
Pulse Width=300uS 1% Duty Cycle
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
5
10
50
100
INSTANTANEOUS FORWARD VOLTAGE, (V)
NUMBER OF CYCLES AT 60Hz
FIG.4 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
200
JUNCTION CAPACITANCE, (pF)
FIG.5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
100 60 40 20 10 6 4 2 1 0.1 0.2 0.4 1.0 2 4 10
EFM105L~EFM107L
TJ = 25 OC
EFM101L~EFM104L
20
40
100
REVERSE VOLTAGE, (V)
FIG.6 TYPICAL JUNCTION CAPACITANCE
Mounting Pad Layout
0.094 MAX. (2.38 MAX.)
0.060MIN. (1.52 MIN.)
0.052 MIN. (1.32 MIN.) 0.220
(5.58) REF
Dimensions in inches and (millimeters)
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of EFM107L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X