Part Number Hot Search : 
D2203 2SD2104 MIC5164 2SB1168 C1005CH1 BZX97C20 2SD2104 CR22M
Product Description
Full Text Search
 

To Download EC27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EC27 Series
* RoHS Compliant (Pb-Free) * LVHCMOS output * 2.5V Supply Voltage * Ceramic SMD package * Stability to 20ppm * Standby Function * Available on Tape and Reel
EC27
H 1.6 L 7.0 W 5.0
OSCILLATOR
ELECTRICAL SPECIFICATIONS
Frequency Range (FO) Operating Temperature Range (OTR) Storage Temperature Range (STR) Supply Voltage (VDD) Input Current (IDD) 1.544MHz to 125.000MHz, 125.009MHz, 125.00937MHz, 125.010MHz, 127.000MHz, 128.000MHz, 130.000MHz, 132.000MHz, 133.000MHz, 133.333MHz, 137.472MHz, 142.850MHz, and 150.000MHz 0C to 70C or -40C to 85C -55C to 125C 2.5VDC 5% 1.544MHz to 9.999MHz 3mA Maximum 10.000MHz to 24.999MHz 5mA Maximum 25.000MHz to 34.999MHz 8mA Maximum 35.000MHz to 49.999MHz 15mA Maximum 50.000MHz to 69.999MHz 20mA Maximum 70.000MHz to 110.000MHz 25mA Maximum 110.001MHz to 125.000MHz 35mA Maximum 125.001MHz to 150.000MHz 45mA Maximum Inclusive of all conditions: Calibration Tolerance at 25C, 100ppm, 50ppm, 25ppm, Frequency Stability over the Operating Temperature Range, or 20ppm Supply Voltage Change, Output Load Change, First Year Aging at 25C, Shock, and Vibration 90% of VDD Minimum IOH=-8mA 10% of VDD Maximum IOL=+8mA 20% to 80% of Waveform, 1.544MHz to 24MHz 6 nSeconds Maximum 20% to 80% of Waveform, 24.001MHz to 110MHz 4 nSeconds Maximum 20% to 80% of Waveform, 110.001MHz to 150MHz 2 nSeconds Maximum 50% of Waveform 50 10(%) (Standard) 50% of Waveform (at 25C, at Vdd=2.5Vdc over >125MHz) 50 5(%) (Optional) 15pF HCMOS Load Maximum No Connection Enables Output VIH: >90% of VDD Enables Output Disables Output: High Impedance VIL: <10% of VDD 10A Maximum Disabled Output: High Impedance 5ppm /year Maximum 10 mSeconds Maximum 1pSeconds Maximum 12kHz to 20MHz offset frequency
SERIES PACKAGE VOLTAGE CLASS REV.DATE
Frequency Tolerance/Stability
Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Rise Time / Fall Time (TR/TF)
Duty Cycle (SYM) Load Drive Capability (CLOAD) Tri-State Input Voltage
Standby Current Aging (at 25C) Start Up Time (TS) RMS Phase Jitter
MANUFACTURER CATEGORY
ECLIPTEK CORP.
OSCILLATOR
EC27
CERAMIC
2.5V
OS52
11/06
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PART NUMBERING GUIDE EC27 00 ET T TS - 30.000M TR
FREQUENCY TOLERANCE / STABILITY 00=100ppm Maximum (Standard) 45=50ppm Maximum, 25=25ppm Maximum 20=20ppm Maximum OPERATING TEMPERATURE RANGE Blank=0C to 70C (Standard) ET=-40C to 85C PACKAGING OPTIONS Blank=Bulk (Standard) TR=Tape and Reel FREQUENCY DUTY CYCLE Blank=50 10(%) (Standard) T=50 5(%)
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
1: Tri-State Pin 2: Case Ground
Pin
Pin 3: Output Pin 4: Supply Voltage
Tolerances= +0.1
TAPE
A
16.3-.1
B
7.5.1
C
6.75.1
D
4 .1
E
2.1
F
REEL
M
1.5 MIN
N
50 MIN
O
20.2 MIN
P
13.2
Q
40 MIN QTY/REEL 1,000
F
8.1
G
B0*
H
1.5 +.1-0
J
A0*
K
.3 .05
L
K0*
R
2.5 MIN
S
10 MIN
T
22.4 MAX
U
360 MAX
V
16.4+2-0
*Compliant to EIA 481A
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MARKING SPECIFICATIONS Line 1: ECLIPTEK
Characteristic Fine Leak Test Gross Leak Test Mechanical Shock Vibration Solderability Temperature Cycling Resistance to Soldering Heat Resistance to Solvents
Specification MIL-STD-883, Method 1014, Condition A MIL-STD-883, Method 1014, Condition C MIL-STD-202, Method 213, Condition C MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-202, Method 210 MIL-STD-202, Method 215 Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ Week of Year Last Digit of Year Ecliptek Manufacturing Identifier
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EC27
CERAMIC
2.5V
OS52
11/06
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
- Lower Cost, Quicker Delivery Alternative! The EMOTM family of oscillators offers exceptional performance, shorter delivery and significant cost advantages by utilizing a revolutionary new MEMS resonator technology. This important innovation enables Ecliptek to offer the ultimate in flexibility with delivery of 2 days for samples and 5 to 10 days for quantities up to 10,000 pieces on tape and reel.
Ecliptek MEMS Oscillators
Supply Voltage (VDC) 1.8 2.5 3.3
Package Dimensions (all dimensions in millimeters) 5x7 EMK11 EMK12 EMK13 3.2 x 5 EMK21 EMK22 EMK23 2.5 x 3.2 EMK31 EMK32 EMK33 2 x 2.5 EMK41 EMK42 EMK43
Would you like to request EMOTM samples or a quotation now? Click Here Want to learn more about the Ecliptek EMOTM family of MEMS oscillators? Click Here Product Features:
* * * * * * * * *
Improved frequency stability through the use of a MEMS resonator 1.8VDC, 2.5VDC, or 3.3VDC supply voltages Frequency range of 1MHz to 125MHz, HCMOS output Frequency stability to 50ppm, -40C to +85C operation Tri-state or power down functions RoHS compliant High temperature +260C reflow capability EIA compliant tape and reel packaging Four SMD package sizes
If you have any questions or would like additional information regarding the Ecliptek EMOTM family of oscillators, please contact our Sales Department.


▲Up To Search▲   

 
Price & Availability of EC27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X