Part Number Hot Search : 
D2021UK 101KL 2SC3127 SD4652 2SD60 CMBT4124 FM4933W EP8322
Product Description
Full Text Search
 

To Download E15D8D2F-155520M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E15D8 Series
* RoHS Compliant (Pb-Free) * LVPECL Output Oscillators * 2.5V Supply Voltage * Ceramic 6-pad SMD Package * Stability to 25ppm * Tri-State Output * Complementary Output * Available on Tape and Reel * Wide Range of Available Frequencies
H L W
E15D8
2.0 7.0 5.0
OSCILLATOR
ELECTRICAL SPECIFICATIONS
Nominal Frequency Operating Temperature Range Storage Temperature Range Supply Voltage (VCC) Input Current Frequency Tolerance / Stability 75MHz, 77.76MHz, 80MHz, 100MHz, 106.25MHz, 125MHz, 150MHz, 155.52MHz, 156.25MHz, 159.375MHz, 187.5MHz, 212.5MHz, 250MHz, 311.04MHz, 312.5MHz 0C to 70C, or -40C to +85C -55C to 125C 2.5VDC 5% With Load 75mA Maximum Inclusive of All Conditions: Calibration Tolerance at 25C, 50ppm Maximum, or 25ppm Maximum Frequency Stability over the Operating Temperature Range, Supply Voltage Change, Output Load Change, 1st Year Aging at 25C, Shock, and Vibration VCC -1.4VDC Minimum, VCC -1.2VDC Typical, VCC -0.9VDC Maximum VCC -1.7VDC Minimum, VCC -1.85VDC Typical, VCC -2.0VDC Maximum 600mVdc Minimum, 800mVdc Typical, 1000mVdc Maximum 300pSec Typical, 600pSec Maximum 50 5(%) 50 Ohms into VCC-2.0VDC Tri-State and Complementary Output Enables Output Enables Output Disables Output: High Impedance 600A Maximum 10 mSeconds Maximum 0.7pSec Typical, 1 pSec Maximum -60dBc/Hz at 10Hz Offset -90dBc/Hz at 100Hz Offset -115dBc/Hz at 1kHz Offset -129dBc/Hz at 10kHz Offset -130dBc/Hz at 100kHz Offset -131dBc/Hz at 1MHz Offset -148dBc/Hz at 10MHz Offset
VOLTAGE CLASS REV.DATE
Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Peak to Peak Output Voltage Swing Rise Time / Fall Time Duty Cycle Load Drive Capability Logic Control / Additional Output Tri-State Input Voltage
20% to 80% of waveform at 50% of waveform
Standby Current Start Up Time RMS Phase Jitter Typical Phase Noise
VIH of 70% of VCC Minimum No Connection VIL of 30% of VCC Maximum Disabled Output, High Impedance, Without Load FJ = 12kHz to 20MHz Fo=156.250MHz
MANUFACTURER
CATEGORY
SERIES
PACKAGE
ECLIPTEK CORP.
OSCILLATOR
E15D8
CERAMIC
2.5V
OS4P
10/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PART NUMBERING GUIDE E15D8 D 2 F - 155.520M TR
FREQUENCY TOLERANCE & STABILITY/ OPERATING TEMPERATURE RANGE C=25ppm Maximum over 0C to +70C D=50ppm Maximum over 0C to +70C G=25ppm Maximum over -40C to +85C D=50ppm Maximum over -40C to +85C AVAILABLE OPTIONS Blank=Tubes TR=Tape and Reel (Standard) FREQUENCY LOGIC CONTROL/ADDITIONAL OUTPUT F=Tri-State and Complementary Output DUTY CYCLE 2=50 5(%)
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Pin 1: Tri-State Pin 2: No Connect Pin 3: Case Ground
Pin 4: Output Pin 5: Complementary Output Pin 6: Supply Voltage
Tolerances= +0.1
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
TAPE
A
16.3-.1
B
7.5.1
C
6.75.1
D
4 .1
E
2.1
F
REEL
M
1.5 MIN
N
50 MIN
O
20.2 MIN
P
13.2
Q
40 MIN QTY/REEL 1,000
F
8.1
G
B0*
H
1.5 +.1-0
J
A0*
K
.3 .05
L
K0*
R
2.5 MIN
S
10 MIN
T
22.4 MAX
U
360 MAX
V
16.4+2-0
*Compliant to EIA 481A
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MARKING SPECIFICATIONS
Line 1: ECLIPTEK Characteristic Fine Leak Test Gross Leak Test Mechanical Shock Vibration Solderability Temperature Cycling Resistance to Soldering Heat Resistance to Solvents Specification MIL-STD-883, Method 1014, Condition A MIL-STD-883, Method 1014, Condition C MIL-STD-202, Method 213, Condition C MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-202, Method 210 MIL-STD-202, Method 215 Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year Last Digit of Year Ecliptek Manufacturing Identifier
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
E15D8
CERAMIC
2.5V
OS4P
10/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of E15D8D2F-155520M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X