|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
E15C7 Series * RoHS Compliant (Pb-Free) * LVPECL output oscillators * 2.5V supply voltage * Ceramic 6-pad SMD package * Stability to 25ppm * Tri-State output * Complementary output * Available on tape and reel * Wide range of available frequencies H L W E15C7 2.0 7.0 5.0 OSCILLATOR ELECTRICAL SPECIFICATIONS Nominal Frequency (MHz) 77.760M, 78.125M, 80M, 80.157M, 85M, 87.125M, 90M, 100M, 106.25M, 110M, 119M, 120M, 122.888M, 124.4M, 125M, 127M, 128M, 133M, 133.333M, 137.472M, 150M, 155.52M, 156.25M, 159.375M, 161.1328M, 162.5M , 166M, 170M, 175M, 176.83816M, 187.5M, 187.509375M, 200M, or 212.5MHz 0C to 70C, or -40C to +85C -55C to 125C 2.5VDC 5% 75mA Maximum 100ppm, 50ppm, or 25ppm Maximum Operating Temperature Range Storage Temperature Range Supply Voltage (VCC) Input Current Frequency Tolerance / Stability Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Rise Time / Fall Time Duty Cycle Load Drive Capability Logic Control / Additional Output Tri-State Input Voltage Inclusive of All Conditions: Calibration Tolerance at 25C, Frequency Stability over the Operating Temperature Range, Supply Voltage Change, Output Load Change, 1st Year Aging at 25C, Shock, and Vibration 0C to 85C -40C to 0C 0C to 85C -40C to 0C 20% to 80% of waveform at 50% of waveform Standby Current Start Up Time RMS Phase Jitter Typical Phase Noise VIH of 70% of VCC Minimum No Connection VIL of 30% of VCC Maximum Without Load FJ = 12kHz to 20MHz Fo=156.250MHz VCC-1.025VDC Minimum VCC-1.085VDC Minimum VCC-1.405VDC Maximum VCC-1.305VDC Maximum 300pSec Typical, 700pSec Maximum 50 5(%) 50 Ohms into VCC-2.0VDC Complementary Output and Tri-State Enables Output Enables Output Disables Output: High Impedance 30A Maximum 10 mSeconds Maximum 0.4pSec Typical, 1 pSec Maximum -60dBc/Hz at 10Hz Offset -95dBc/Hz at 100Hz Offset -125dBc/Hz at 1kHz Offset -143dBc/Hz at 10kHz Offset -145dBc/Hz at 100kHz Offset -145dBc/Hz at 1MHz Offset -146dBc/Hz at 10MHz Offset CLASS REV.DATE MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE ECLIPTEK CORP. OSCILLATOR E15C7 CERAMIC 2.5V OS1C 01/07 800-ECLIPTEK www.ecliptek.com for latest revision Specifications subject to change without notice. PART NUMBERING GUIDE E15C7 E 2 F - 155.520M TR FREQUENCY TOLERANCE & STABILITY/ OPERATING TEMPERATURE RANGE C=100ppm Maximum over 0C to +70C D=50ppm Maximum over 0C to +70C E=25ppm Maximum over 0C to +70C G=100ppm Maximum over -40C to +85C H=50ppm Maximum over -40C to +85C J=25ppm Maximum over -40C to +85C (*) AVAILABLE OPTIONS Blank=Tubes TR=Tape and Reel (Standard) FREQUENCY LOGIC CONTROL/ADDITIONAL OUTPUT F=Complementary Output and Tri-State DUTY CYCLE 2=50 5(%) SUGGESTED SOLDER PAD LAYOUT ALL DIMENSIONS IN MILLIMETERS (*) Not available over Nominal Frequency range of 176.83816MHz to 212.500MHz MECHANICAL DIMENSIONS ALL DIMENSIONS IN MILLIMETERS 2.00 MAX 5.00 0.20 MARKINING ORIENTATION 2.60 +0.40/-0.60 1.2 +0.3/ -0.2 7.00 +0.70/ 5.08 -0.15 0.20 2.54 0.10 6 5 4 1 2 3 1.4 0.2 TAPE AND REEL DIMENSIONS ALL DIMENSIONS IN MILLIMETERS Pin 1: Tri-State Pin 2: No Connect Pin 3: Case Ground Pin 4: Output Pin 5: Complementary Output Pin 6: Supply Voltage Tolerances= +0.1 TAPE A 16.3-.1 B 7.5.1 C 6.75.1 D 4 .1 E 2.1 F REEL M 1.5 MIN N 50 MIN O 20.2 MIN P 13.2 Q 40 MIN QTY/REEL 1,000 F 8.1 G B0* H 1.5 +.1-0 J A0* K .3 .05 L K0* R 2.5 MIN S 10 MIN T 22.4 MAX U 360 MAX V 16.4+2-0 *Compliant to EIA 481A ENVIRONMENTAL/MECHANICAL SPECIFICATIONS MARKING SPECIFICATIONS Characteristic Fine Leak Test Gross Leak Test Mechanical Shock Vibration Solderability Temperature Cycling Resistance to Soldering Heat Resistance to Solvents Specification MIL-STD-883, Method 1014, Condition A MIL-STD-883, Method 1014, Condition C MIL-STD-202, Method 213, Condition C MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-202, Method 210 MIL-STD-202, Method 215 Line 1: ECLIPTEK Line 2: XX.XXX M Frequency in MHz (5 Digits Maximum + Decimal) Line 3: XX Y ZZ Week of Year Last Digit of Year Ecliptek Manufacturing Identifier MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV.DATE ECLIPTEK CORP. OSCILLATOR E15C7 CERAMIC 2.5V OS1C 01/07 800-ECLIPTEK www.ecliptek.com for latest revision Specifications subject to change without notice. |
Price & Availability of E15C7D2F-155520M |