Part Number Hot Search : 
MAX1682 S1033 90000 S1608 MC12015 2SK22 GR3GB E222M
Product Description
Full Text Search
 

To Download CYS3A41A-20000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Profile HC49S Leaded Crystal Frequency Range: Calibration Tolerance: (Option) Frequency Stability: (Option) Temperature Range: (Option) (Option) Storage: Shunt Capacitance: Drive Level: ESR:
CYSxx Model
ee Fr ad HS t Le o an R pli m Co
Quartz Crystal
3.180MHz to 40MHz (fund) 27MHz to 86MHz (3rd O/T) 50ppm (Standard p/n) 10ppm to 100ppm 100ppm (Standard p/n) 10ppm to 100ppm 0C to 70C (Standard p/n) -20C to 70C -40C to 85C -55C to 120C 7.0pF Max 100uW Typical see table 1 **Custom Designs Available
Standard part numbers
Part number CY3DMS CY3JS CY3JMS CY3JNS CY3AS CY3APS CY4ES CY4DS CY7AS CY7APS CY5BS CY6BS CY6BPS CY8GS CY8GPS CY9BS CY12AS CY11BS CY11BPS CY12BS CY12BPS CY14AS CY14ACS CY14APS CY14BS CY14BPS CY15AS CY16BS CY16BPS CY19AS CY19BS CY19BPS CY20AS CY20APS CY22AS CY22APS CY24AS CY24APS CY25AS Freq. (MHz) 3.579545 3.686400 3.686400 3.686400 4.000 4.000 4.194304 4.915200 5.000 5.000 5.0688 6.000 6.000 8.000 8.000 9.830400 10.000 11.059200 11.059200 12.000 12.000 14.318180 14.318180 14.318180 14.745600 14.745600 15.000 16.000 16.000 18.000 18.432 18.432 19.660800 19.660800 20.000 20.000 24.000 24.000 25.000
CL 18pF series 18pF 20pF series 20pF 12pF series series 20pF series series 20pF series 20pF series series series 20pF series 20pF series 18pF 20pF series 20pF series series 20pF series series 20pF series 20pF series 20pF series 20pF series
Max ESR 150 150 150 150 150 150 120 120 100 100 100 90 90 90 90 90 90 90 90 70 70 70 70 70 70 70 50 50 50 50 50 50 50 50 50 50 50 50 50
Aging:
See Options 0.150 (3.81) 0.019 (0.48) 0.183 (4.65)
<3ppm 1st/yr Max
Resistance at series resonance
Freq. (MHz) 3.18 - 3.4 3.5 - 4.0 4.1 - 4.9 5.0 - 5.9 6.0 - 11.9 12.0 - 14.9 15.0 - 30.0 30.1 - 86.0 Max ESR 190 150 120 100 90 70 50 100
0.400 (10.16)
0.440 (11.18)
0.192 0.005 (4.88 0.13)
Table 1
Dimensions inches (mm) All dimensions are Max unless otherwise specified.
Build Your Own P/N
Frequency Tolerance at 25C
1 2 3 4 5 6 7 10 ppm 15 ppm 20 ppm 25 ppm 30 ppm 50 ppm 100 ppm A B C D E F G H I
CYS X X X X X - Freq
Frequency Stability over Temp Range Load Capacitance
(-20 to 70C) (-20 to 70C) (-20 to 70C) (-40 to 85C) (-40 to 85C) (-40 to 85C) (-40 to 85C) (-40 to 85C) 1 2 3 4 5 6 7 8 Series 14 pF 16 pF 18 pF 20 pF 22 pF 25 pF 32 pF A AS B BS C CS
Options
Can Height (Max) 2.5mm 2.5mm w/ spacer 4.0mm 4.0mm w/ spacer 5.0mm 5.0mm w/ spacer
10 ppm (0 to 70C) 15 ppm (0 to 70C) 20 ppm (0 to 70C) 25 ppm (0 to 70C) 30 ppm (0 to 70C) 50 ppm (0 to 70C) 100 ppm (0 to 70C) 15 ppm (-20 to 70C) 20 ppm (-20 to 70C)
J K L M N O P Q
30ppm 50 ppm 100 ppm 20 ppm 25 ppm 30 ppm 50 ppm 100 ppm
Example:
CYS4F51CS-20.000 = 25ppm at 25C, 50ppm 0 to 70C, 20pF Load Cap, Fundamental, 5.0mm with Spacer, 20.000MHz
Mode
1 Fundamental 3.18-40 MHz 3 3rd Overtone 27-86 MHz
Specifications subject to change without notice.
TD-021005 Rev. C 39


▲Up To Search▲   

 
Price & Availability of CYS3A41A-20000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X