|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
M I C of Crystek Corporation ROWAVE A Division PERFORMANCE SPECIFICATION Lower Frequency: Upper Frequency: Tuning Voltage: Supply Voltage: Output Power: Supply Current: Harmonic Suppression (2 Harmonic): Pushing: Pulling, all Phases: Tuning Sensitivity: Phase Noise @ 10kHz offset: Phase Noise @ 100kHz offset: Load Impedance: Input Capacitance: Operating Temperature Range: Storage Temperature Range: -40 -45 150 -95 -120 50 30 +85 +90 pF C C nd MIN 1500 0.5 2.85 0 TYP MAX 1000 4.5 UNITS MHz MHz VDC VDC dBm mA dBc 3.0 +3.0 10 -15 3.15 +6.0 6.0 4.0 MHz/V MHz pk-pk MHz/V dBc/Hz dBc/Hz Phase Noise (1 Hz BW, Typical) Tuning Curve (Typical) Page 1 of 2 CRYSTEK CORPORATION 12730 Commonwealth Drive * Fort Myers, Florida 33913 Phone: 239-561-3311 * 800-237-3061 Fax: 239-561-1025 * www.crystek.com M I C of Crystek Corporation ROWAVE A Division BOTTOM VIEW [RF] Gold Finish Solder Mask [Vcc] 0.030 (0.76) SIDE VIEW 0.465 SQ (11.81 SQ) [Vt] 0.025 (0.64) 0.040 (1.02) 0.080 0.180 0.280 0.380 TOP VIEW 0.500 (12.70) BOTTOM ORIENTATION MARK 0.500 0.415 13 14 15 16 0.150 (3.81) 0.052 (1.32) 0.100 (2.54) 12 11 10 9 8 7 Pad 0.405 0.305 0.205 0.105 2 10 14 Others Connection Vt RF-OUTPUT Vcc GROUND CRYSTEK CVCO55CW 1000-1500 YYWW 0.500 (12.70) 0.315 0.215 0.115 0.000 PAD LOCATION 6 5 1 2 3 4 0.000 0.115 0.215 0.315 0.415 TAPE AND REEL 0.059 O TYP (1.50 O) TYP 0.1570.004 (4.000.10) 0.9450.012 (24.000.30) DIRECTION OF FEED 0.6300.004 (16.000.10) 0.500 TOP ORIENTATION MARK Unless otherwise specified, Dimensions are in: IN (mm) Pad Location Dimensions are in: Inches Drawing not to scale Product Control: Crystek Part Number: Revision Level: CVCO55CW-1000-1500 C Release Date: Responsible: 19-March-08 C. Vales Specification is subject to change without notice Page 2 of 2 CRYSTEK CORPORATION 12730 Commonwealth Drive * Fort Myers, Florida 33913 Phone: 239-561-3311 * 800-237-3061 Fax: 239-561-1025 * www.crystek.com |
Price & Availability of CVCO55CW-1000-1500 |