Part Number Hot Search : 
QVA21314 ZTB947E 40002 2NC81A22 BAS70W 1N519 BSTL4960 TA0245A
Product Description
Full Text Search
 

To Download CHE1270-QAG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHE1270-QAG
RoHS COMPLIANT
12-40GHz Wide Band Detector
GaAs Monolithic Microwave IC in SMD leadless package
Description
The CHE1270-QAG is a detector that integrates a matched detector diode (Vdet) and a reference diode (Vref). It is designed for a wide range of applications where an accurate transmitted power control is required, typically commercial communication systems. The circuit is manufactured with a Schottky diode MMIC process, 1m gate length, via holes through the substrate and air bridges. It is available in leadless SMD package.
Vdet DC Vref
UMS E1270 YYWW
RF IN
CHE1270
Matching
Main Features
Wide frequency range: 12-40GHz 30dB dynamic range
Vdetect= Vref-Vdet (mV)
Transmitted power detection (mV)
10000
12 GHz 32GHz
1000
17GHz 37GHz
22GHz 40GHz
27GHz
ESD protected 16L-QFN3x3 SMD package
100
10
Main Characteristics
Tamb = +25 VDC = +4.5V C, Symbol F Dr RL Parameter Frequency range Dynamic range Return Loss
1 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 8 10 12 14 16
Input power (dBm)
Min 12
Typ
Max 40
Unit GHz dB dB
30 -10
ESD Protection: Electrostatic discharge sensitive device. Observe handling precautions!
Ref. : DSCHE1270-QAG8205 - 25 Jun 08 1/8
United Monolithic Semiconductors S.A.S.
Route Departementale 128 - B.P.46 - 91401 Orsay Cedex France Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
CHE1270-QAG
Electrical Characteristics (1)
Tamb = +25 VDC = +4.5V C, Symbol F Dr IPd Frequency range Dynamic range (for Input Power detection) Input Power detection Parameter
12-40GHz Detector
Min 12
Typ
Max 40
Unit GHz dB
30 -15 10 to 2000 -10 -8 4.5 70 15
dBm mV
Vdetect Voltage detection Vref - Vdet from IPd_min to IPd_max RL Return Loss (12 - 36GHz) Return Loss (36 - 40GHz) VDC IDC Bias Voltage Bias Current
dB dB V A
(1) These values are representative of onboard measurements as defined on the drawing 96272-B (page 8) with 27k resistor in parallel on Vdet and Vref pads.
Absolute Maximum Ratings (1)
Tamb = +25 C Symbol VDC P_max Top Tstg Bias voltage Maximum Power Operating temperature range Storage temperature range Parameter Values 6 18 -40 to +85 -55 to +125 Unit V dBm C C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
Ref. : DSCHE1270-QAG8205 - 25 Jun 08
2/8
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
12-40GHz Detector
Typical Measured Performance
CHE1270-QAG
Tamb = +25 Vdc = +4.5V, 27k resistor in parallel on Vdet and Vref pads (see notes, C, page 7). - Return Loss measurement in the package access plans (refer to the "definition of the Sij reference planes" section below).
Return Loss versus frequency
0 -2 -4 -6 -8 Return Loss (dB) -10 -12 -14 -16 -18 -20 -22 -24 -26 -28 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 Freq (GHz)
- Power measurements in the plan of the connectors, using the proposed land pattern & board 96272-B (see page 8).
Transmitted power detection versus Input power 10000 12 GHz 32GHz Vdetect= Vref-Vdet (mV) 1000 17GHz 37GHz 22GHz 40GHz 27GHz
100
10
1 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 8 10 12 14 16 Input power (dBm)
Ref. : DSCHE1270-QAG8205 - 25 Jun 08
3/8
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
CHE1270-QAG
12-40GHz Detector
40 35 30 25 20 15 10 5 0 12 14
Transmitted power detection versus frequency @ -15dBm Input power
Vdetect= Vref-Vdet (mV)
16
18
20
22
24
26
28
30
32
34
36
38
40
Freq (GHz)
2000 1900 1800 Vdetect= Vref-Vdet (mV) 1700 1600 1500 1400 1300 1200 1100 1000 12
Transmitted power detection versus frequency @ +15dBm Input power
14
16
18
20
22
24
26
28
30
32
34
36
38
40
Freq (GHz)
Ref. : DSCHE1270-QAG8205 - 25 Jun 08
4/8
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
12-40GHz Detector
Package outline (1):
CHE1270-QAG
E1270
Matt Free Units
tin,
Lead
(Green) mm JEDEC MO-220 (VEED)
12345678-
Nc Gnd RF IN Gnd VDET DC VREF Nc
910111213141516-
Gnd Nc Gnd Nc Nc Nc Nc Nc
From the standard
17- GND
(1)
The package outline drawing included to this data-sheet is given for indication. Refere to the application note AN0017 available at http://www.ums-gaas.com for exact package dimensions.
Ref. : DSCHE1270-QAG8205 - 25 Jun 08
5/8
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
CHE1270-QAG
Definition of the Sij reference planes
12-40GHz Detector
The reference planes used for Sij measurements given above are symmetrical from the symmetrical axis of the package (see drawing beside). The input and output reference planes are located at 2.65mm offset (input wise and output wise respectively) from this axis. Then, the given Sij parameters incorporate the land pattern of the evaluation motherboard recommended at the page 8.
Recommanded package footprint
Refere to the application note AN0017 available at http://www.ums-gaas.com for package foot print recommandations.
SMD mounting procedure
The SMD leadless package has been designed for high volume surface mount PCB assembly process. The dimensions and footprint required for the PCB (motherboard) are given in the drawings above. For the mounting process standard techniques involving solder paste and a suitable reflow process can be used. For further details, see application note AN0017.
Ref. : DSCHE1270-QAG8205 - 25 Jun 08
6/8
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
12-40GHz Detector
Notes
CHE1270-QAG
RF IN
CHE1270
Matching
27k
Vdet DC
27k
Vref
Recommended external resistors assembly
27k resistors in parallel with Vdet and Vref pads are recommended to provide the best behaviour in the whole operating temperature range.
As the voltage detection is the difference between Vref and Vdet, the external resistor value should be identical on these two ports. For information, a variation of 3% leads around 1mV variation of detected voltage.
Due to ESD protection circuits on RF input, an external capacitance might be requested to isolate the product from external voltage that could be present on the RF access. ESD protections are also implemented on Vdet and Vref accesses.
The DC connection (on DC pad) does not include any decoupling capacitor in package, therefore it is mandatory to provide a good external DC decoupling on the PC board, as close as possible to the package.
Ref. : DSCHE1270-QAG8205 - 25 Jun 08
7/8
Specifications subject to change without notice
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
CHE1270-QAG
Evaluation mother board:
Compatible with the proposed footprint. Based on typically Ro4003 / 8mils or equivalent.
12-40GHz Detector
Using a microstrip to coplanar transition to access the package. Recommended for the implementation of this product on a module board. Decoupling capacitors of 10nF 10% are recommended for all DC accesses. (See application note AN0017 for details).
(Not used)
Capacitor 10nF Resistor 27k
DC
Ordering Information
QFN 3x3 RoHS compliant package: CHE1270-QAG/XY Stick: XY = 20 Tape & reel: XY = 21
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use as critical components in life support devices or systems without express written approval from United Monolithic Semiconductors S.A.S
Ref. : DSCHE1270-QAG8205 - 25 Jun 08 8/8
Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Vdet
Vref


▲Up To Search▲   

 
Price & Availability of CHE1270-QAG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X