Part Number Hot Search : 
ASF22RGS 11101 9115B R1114 YB18T5 244GN SW6N90 C68HC711
Product Description
Full Text Search
 

To Download CDRH124B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDRH124B
Product Description
12.3x12.3mm Max.(LxW), 4.7mm Max. Height. Reference Inductance:6.8H; rated current: 5.0A In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements.
Feature
Magnetically shielded construction. 4 Terminal pins' type gives a flexible design as inductors or transformers(SEPIC,ZETA circuit,etc). Ideally used in power supplies' module and portable devices such as Notebook PC,DSC/DVC,PDA, etc as DC-DC Converter inductors or Transformers. RoHS Compliance. 5 .0 1 .0 0.2
Dimensions (mm)
12.00.3
12.00.2
100kHz At 20 At 20
12.00.3 MAX.4.7
ELECTRODE
Land Pattern (mm)
5.60.2 5.40.1 1.00.1
Schematics (Bottom)
12.80.2
13.00.2
S2
7.00.2
1
DIMENSION OF CDRH124B
PART OF SILK SCREEN
""is winding start.
Specification
Measuring conditions Inductance D.C.R. D.C.R. Rated current Rated current (2-4) (3-1) (2-4) (2-4) (3-1) 6.8H20% Within Max.733m (TYP.587m) Max.26m (TYP.21m) 5.0A 0.65A
This indicates the DC current at which the inductance decreases to 75% of its nominal value or D.C. current at which t40, whichever is lower.(Ta=20)
Please refer to the sales offices on our website for a representative near you
www.sumida.com
7.60.2
4
3S
1/1


▲Up To Search▲   

 
Price & Availability of CDRH124B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X