Part Number Hot Search : 
232264 D4102 SDT101B 232264 MC7824 TP60N06 BA651 TLR363T
Product Description
Full Text Search
 

To Download CDEC100DPYM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7\SH&05 +LJK5HOLDELOLW\0LFD&DSDFLWRUV
+LJK5HOLDELOLW\'LSSHG&DSDFLWRUV0,/35)
4YPE #-2 MEETS REQUIREMENT OF -), 02&
4YPE #-2 HIGH RELIABILITY DIPPED SILVERED MICA CAPACITORS ARE IDEAL FOR HIGH GRADE GROUND AIR BORNE AND SPACEBORNE DEVICES SUCH AS COMPUTERS JETCRAFT AND MISSILES
6SHFLFDWLRQV
9ROWDJH5DQJH9GFWR9GF &DSDFLWDQFH5DQJHS)WRS) &DSDFLWDQFH7ROHUDQFHoS)' ) * - 7HPSHUDWXUH5DQJH&WR&2 &WR&3 3WHPSHUDWXUHUDQJHDYDLODEOHRQO\IRU &05&05&05&05&05 2ELIABILITY0HHWV5HTXLUHPHQWVRI0,/35) (VWDEOLVKHGUHOLDELOLW\WRKRXUVIDLOXUHUDWH
5DWLQJVDQG'LPHQVLRQV
&DS &DWDORJ S) 3DUW1XPEHU &05('2<5 &05('2<5 &05(-2<5 &05(-2<5 &05(-2<5 &05(-2<5 &05(-2<5 &05(-2<5 &05(-2<5 &05(-2<5 &05(-2<5 &05(-2<5 &05(-2<5 &05(-2<5 &05(-2<5 &05)-2<5 &05)-2<5 &05)-2<5 &05)-2<5 &05)-2<5 / LQPP + LQPP 9GF 7 LQPP 6 LQPP G LQPP &DS &DWDORJ S) 3DUW1XPEHU &05)-2<5 &05)-2<5 &05)-2<5 &05)-2<5 &05)-2<5 &05)-2<5 &05)-2<5 &05)-2<5 &05)-2<5 &05)-2<5 &05)-2<5 &05)-2<5 &05&'2$5 &05&'2$5 &05('2$5 &05('2$5 &05('2$5 &05(-2$5 &05(-2$5 &05(-2$5 / LQPP + LQPP 9GF 7 LQPP 6 LQPP G LQPP
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02744*Ph: (508)996-8561*Fax: (508)996-3830* www.cde.com
7\SH&05 +LJK5HOLDELOLW\0LFD&DSDFLWRUV
&DS &DWDORJ S) 3DUW1XPEHU
&05(-2$5 &05(-2$5 &05(-2$5 &05(-2$5 &05(-2$5 &05(-2$5 &05(-2$5 &05(-2$5 &05(-2$5 &05(-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05)-2$5 &05&5'2&5 &05&5'2&5 &05&5'2&5 &05&5'2&5 &05&5'2&5 &05&5'2&5 &05&5'2&5 &05&5'2&5 &05&5'2&5 &05&5'2&5 &05&5'2&5 &05&5'2&5 &05&5'2&5 &05&'2&5 &05&'2&5 &05&'2&5 &05&'2&5 &05&'2&5 &05('2&5 &05('2&5 &05('2&5 &05(-2&5 &05(-2&5 &05(-2&5 &05(-2&5 &05(-2&5 &05(-2&5 &05(-2&5 &05(-2&5 &05(-2&5
/ LQPP

+ LQPP
7 LQPP
6 LQPP

G LQPP

&DS &DWDORJ S) 3DUW1XPEHU
&05(-2&5 &05(-2&5 &05(-2&5 &05(-2&5 &05)-2&5 &05)-2&5 &05)-2&5 &05)-2&5 &05)-2&5 &05)-2&5 &05)-2&5 &05)-2&5 &05)-2&5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&5'2'5 &05&'2'5 &05&'2'5 &05&'2'5 &05&'2'5 &05&-2'5 &05&-2'5 &05&-2'5 &05&-2'5 &05&-2'5 &05&-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-'5 &05(-2'5 &05(-2'5 &05(-2'5
/ LQPP

+ LQPP
7 LQPP
6 LQPP

G LQPP

9GF
9GF
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02744*Ph: (508)996-8561*Fax: (508)996-3830* www.cde.com
7\SH&05 +LJK5HOLDELOLW\ 0LFD&DSDFLWRUV
/ &DS &DWDORJ LQPP S) 3DUW1XPEHU
&05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05(-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5
+ LQPP

7 LQPP

6 LQPP

G LQPP

&DS &DWDORJ S) 3DUW1XPEHU &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5 &05)-2'5
/ LQPP

+ LQPP
7 LQPP
6 LQPP

G LQPP


CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02744*Ph: (508)996-8561*Fax: (508)996-3830* www.cde.com
7\SH&05+LJK5HOLDELOLW\0LFD&DSDFLWRUV
Specifications
Capacitance
is within tolerance when measured at these frequencies: 1-1000 pF @ 1 MHz > 1000 pF @ 1 kHz capacitors' capacitance at 25 C, -55 C, 25 C, 125 C (or 150 C) and at 25 C af ter stabilizing at each temperature. The capacitance will meet the limits of the Characteristic table shown in Ordering Information. every 2,000 hours. There will be no visual damage and the capacitors will meet the after-test limits on the following page.
Dissipation Factor limits are be
low. Measure dissipation factor at 1 MHz when the capacitance is 1 pF to 1,000 pF, and at 1 kHz when the ca pacitance is greater than 1,000 pF. Dis sipation factor is equal to DF = 2fRC, where f is the test frequency, R is the equivalent series resistance, and C is the capacitance. For other capacitance values, see Figure 1.
Failure Rate: Type CMR capacitors
have specified failure rate levels rang ing from 0.01% to 1.0% per 1,000 hours. The failure rate level is estab lished at a 90% confidence level and is referred to operational life at full-rated voltage at maximum-rated tempera ture.
Capacitance
100-1000 pF 1100-3300 pF 3600-9100 pF 10,000 pF
Dissipation Factor
0.00075 max at 1 MHz 0.0014 max at 1 kHz 0.0013 max at 1 kHz 0.0012 max at 1 kHz
Quality Factor (Q) is the re
ciprocal of dissipation factor.
High-Voltage Stabilization: We subject capacitors with Failure Levels M, P, and R to a burn-in at twice-rated voltage, at rated temperature, for a minimum of 48 hours. Capacitors that show damage, arcing, breakdown, or low IR are removed. We reject the lot if more than 8% of the capacitors fail. Solderability: After an 8-hour
steam aging, coat leads with a rosin flux (R) and immerse in molten 245 C 5 C 60/40 tin/lead solder. Solder coverage will be no less than 95% when examined at 10X magnification.
Resistance to Solvents: Subject the capacitors to three cycles of 3 minute immersion in solvent, 10 strokes with bristle brush and, where appli cable, 1/2 minute in vapor, per MIL-STD 202, Method 215. Repeat the three cycles for three solvent mixtures: Iso propyl alcohol mixture (Solvent 1), azeotrope mixture (Solvent 3), and water/propylene-glycol mixture (Sol vent 4). The marking will not rub off or smear and there will be no visible dam age to the capacitor body. Refer to MIL STD-202 for details. Resistance to Soldering Heat:
Capacitors will meet the requirements of MIL-STD-202, Method 210 Test Con dition G. Immerse capacitor leads to within .250 inches (6.4 mm) of the body in molten tin/lead solder (260 C5 C) for 102 seconds. Allow to cool. Capaci tors will meet the after-test limits on the following page.
Insulation Resistance for ca
pacitances up to 10,000 pF is greater than 100 G at 25 C, greater than 10 G at 125 C, and greater than 5 G at 150 C. For other capacitance values and temperatures, see Figure 2.
Marking of capacitors conforms to
method I of MIL-STD-1285, and in cludes the type designation, "JAN," brand, trademark, source code, date code, rated voltage, capacitance, ca pacitance tolerance, and highest rated temperature. Small capacitors are marked with the letter "J."
Withstanding Voltage is two
times the rated voltage, and can be ap plied up to 5 seconds without damage.
Temperature Coefficient and Capacitance Drift: Measure the
Life Test: Subject the capacitors to maximum operating temperature (+125 C or +150 C) with 1.5 times rated voltage applied for 10,000 hours. Take readings and make visual observations
INSULATION RESISTANCE (MEGOHMS)
.10
100,000
+25C
DISSIPATION FACTOR
+85C +125C
.01
10,000
+150C
.001 Maximum dissipation factor at 1 MHz for capacitance values of 1,000 pF or less .0001 Maximum dissipation factor at 1 kHz for capacitance values greater than 1,000 pF
1,000
1
10
100
1,000
10,000
100,000
100
5 10
100
1,000
10,000
62,000
CAPACITANCE (pF)
CAPACITANCE (pF)
Figure 1. DF vs. Capacitance
Figure 2. IR vs. Capacitance
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02744*Ph: (508)996-8561*Fax: (508)996-3830* www.cde.com
7\SH&05 +LJK5HOLDELOLW\0LFD&DSDFLWRUV
0RLVWXUH5HVLVWDQFH&DSDFLWRUV
ZLOOPHHWWKHUHTXLUHPHQWVRI 0,/67'0HWKRG)DVRXWOLQHG KHUHDQGGLDJUDPPHGRQWKH ULJKW$SSO\9RUWKHUDWHGYROWDJH ZKLFKHYHULVOHVV WRKDOIRIWKH FDSDFLWRUV'RQWDSSO\YROWDJHWR WKHRWKHUKDOI5HIHUWR0,/67' IRUGHWDLOV 'U\FDSDFLWRUVIRUKRXUVLQD &RYHQDQGWKHQDOORZWR VWDELOL]HDWURRPWHPSHUDWXUH 6XEMHFWWKHFDSDFLWRUVWR KRXUFRQWLQXRXVF\FOHVZLWK UHODWLYHKXPLGLW\DQGWHPSHUDWXUH DVVKRZQ WRKRXUVDIWHUFRPSOHWLRQRI WKHODVWF\FOHWKHFDSDFLWRUVZLOO VKRZQRYLVXDOGDPDJHDQGZLOO PHHWWKHDIWHUWHVWOLPLWVEHORZ
65 2 C
90-98 RH
1-4
8 3
25 2 C 90-98 RH
21/2 3 21/2 hours 21/2 3 21/2
-10 2 C Uncontrolled Humidity
$IWHU7HVW/LPLWV
7HVW 0RLVWXUH5HVLVWDQFH /LIH7HVW 6ROGHU+HDW ,/ ,QLWLDO/LPLW :LWKVWDQG 9ROWDJH ,/ ,/ ,/ ,QVXODWLRQ 5HVLVWDQFH * ,/ ,/ &DSDFLWDQFH&KDQJH ZKLFKHYHULVJUHDWHU 19RUS) 19RUS) ,9RUS) ,/ [,/ ,/ [,/ ,/ ,/ ') 4
19 1RPLQDO9DOXH ,9 ,QLWLDO9DOXH
2UGHULQJ,QIRUPDWLRQ
2UGHUE\FRPSOHWHSDUWQXPEHUDVEHORZ )RURWKHURSWLRQVZULWH\RXUUHTXLUHPHQWVRQ\RXUTXRWHUHTXHVW
3DUW1XPEHULQJ6\VWHP
&05& - 3 ' 5
&'( &DSDFLWDQFH&DSDFLWDQFH7HPSHUDWXUH5DQJH 9ROWDJH )DLOXUH5DWH 7\SH 5 S)7ROHUDQFH 2 &WR& < 9GF S)' SI3 &WR& $ 9GF0 KUV S)) & 9GF3 KUV * ' 9GF5 KUV &KDUDFWHULVWLF -
Temp. Coeff. Capacitance Drift ppm/C -200 to +200 (0.5% +0.1pF) -20 to +100 (0.1% +0.1pF) -200 to + 70 (0.05% +0.1pF) Standard Cap. Range 1 - 18 pF 20 - 82 pF 91 pF and up
C E F
3WHPSHUDWXUHUDQJHDYDLODEOHIRU&05&05&05&05&05
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02744*Ph: (508)996-8561*Fax: (508)996-3830* www.cde.com


▲Up To Search▲   

 
Price & Availability of CDEC100DPYM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X