Part Number Hot Search : 
FM93C66E ATMEGA64 Q6270 D7N60C3 FIN1017 45TTR SB206 A5800732
Product Description
Full Text Search
 

To Download CCPD-920-50-100000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9X14 mm SMD, 3.3V, LVPECL
Frequency Range: Frequency Stability:
CCPD-920 Model
ree dF ea oHS nt L R plia m Co
50MHz to 150MHz 20, 25, 50ppm (0C to 70C) 25, 50ppm (-40C to 85C) Temperature Range: 0C to 70C (Option X) -40C to 85C Storage: -55C to 120C Input Voltage: 3.3V 0.3V Input Current: 88mA Max Output: Differential LVPECL Symmetry: 45/55% Max @ 50% Vdd Rise/Fall Time: 1ns Max @ 20% to 80% Vdd Linearity: 10% Max Logic: Terminated to Vdd-2V into 50 ohms Logic "0" "0" = Vcc-1.85V Min, Vcc-1.62V Max Logic "1" "1" = Vcc-1.02V Min, Vcc-0.81V Max Disable Time 200ns Max Start-up Time 1ms Typ., 2ms Max Phase Jitter: 12KHz to 80MHz 0.5psec Typ., 1psec RMS Max Phase Noise: 10Hz -65dBc/Hz Typical 100Hz -98dBc/Hz Typical 1KHz -125dBc/Hz Typical 10KHz -140dBc/Hz Typical 100KHz - 100MHz -145dBc/Hz Typical
Differential LVPECL Clock Oscillator
Designed to meet today's requirements for 3.3V Differential LVPECL applications. The CCPD920 is produced using our cost saving FR5 PCB and UM-1 overtone crystal technology. This design offers considerable cost savings over other HFF XO's products. Also available in 14 pin dip fully hermetic package.
Aging:
<3ppm 1st/yr, <1ppm every year thereafter SUGGESTED PAD LAYOUT
0.560 (14.2)
Bottom View
0.560 (14.2) 0.210 (5.3)
0.050 (1.27)
0.360 (9.14)
CRYSTEK P/N Frequency Date Code
1 6
0.100 (2.54)
2 5
3 4
0.040 (1.01) 0.070 (1.77) 0.090 (2.28) 0.280 (7.11)
0.200 (5.08)
RECOMMENDED REFLOW SOLDERING PROFILE TEMPERATURE
260C 217C 200C 150C
Ramp-Up 3C/Sec Max. Critical Temperature Zone Ramp-Down 6C/Sec.
Crystek Part Number Guide CCPD-920 X - 25 - 100.000
#1 #2 #3 #4 #5
Stability Indicator:
#1 Crystek 9x14 SMD PECL OSC #2 Model 920 #3 Temp. Range: Blank = 0/70C, X=-40/85C #4 Stability: (see Table 1) #5 Frequency in MHz: 3 or 6 decimal places 20 = 0/70C(20ppm) 25 = 0/70C (25ppm) 50 = 0/70C (50ppm) 25 = -40/85C (25ppm) 50 = -40/85C (50ppm)
Preheat 180 Secs. Max. 8 Minutes Max.
90 Secs. Max.
260C for 10 Secs. Max. NOTE: Reflow Profile with 240C peak also acceptable.
Table 1
Example: CCPD-920X-25-100.000 = 3.3V, 45/55, -40/85C, 25ppm, 100.000 MHz
Enable/Disable Function Pin 2 Output Pin Open Active "0" level Vcc-1.620V Max Active "1" level Vcc-1.025V Min Disabled Disabled State: Pin 4 will assume a fixed level of logic "0" Pin 5 will assume a fixed level of logic "1"
Pad 1 2 3 4 5 6
Connection N/C E/D GND OUT COUT Vdd Specifications subject to change without notice.
TD-051101 Rev. B


▲Up To Search▲   

 
Price & Availability of CCPD-920-50-100000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X