Part Number Hot Search : 
KTC2875 BZY91C56 2SC3947 MPS650 P6KE350 220DR TA7237 05EVAL
Product Description
Full Text Search
 

To Download CCLD-034 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CCLD-034 5x7mm SMD LVDS Clock Oscillator
3.3 Volts
Model CCLD-034 is a 162.000Mhz to 312.500MHz LVDS Clock Oscillator operating at 3.3Volts. The oscillator utlizes a High Q Third Overtone crystal design providing very low Jitter and Phase Noise. No Sub-Harmonics are present in the Output Signal.
5x7mm SMD
Applications:
Digital Video SONET/SDH/DWDM Storage Area Networks Broadband Access Ethernet, Gigabit Ethernet
Rev.: E Date: 10-10-07
CCLD-034 5x7mm SMD LVDS Clock Oscillator
Frequency Range:
Frequency Stability Options(ppm): Temperature Range: (standard) (Option M) (Option X) Storage: Input Voltage: Input Current: Output: Symmetry: Rise/Fall Time: Load: 100 Ohms Logic: Output Voltage Levels Differential Output Voltage: Disable Time Enable Time Phase Jitter: Phase Noise: Sub-harmonics: Aging:
12KHz~80MHz (See Plot Below)
162.000Mhz to 312.500Mhz
20, 25, 50, 100 0C to +70C -20C to +70C -40C to +85C -55C to 120C 3.3V 0.3V 45mA Typ., 66mA Max Differential LVDS 45/55% Max @ 50%Vdd 1nsec Max @ 20% to 80% Vdd Connected between OUT and COUT "0"=0.90 Min., 1.10 Typ. "1"=1.43 Typ., 1.60 Max 247mV Min., 454mV Max 200nSec Max 2mSec Max 0.5psec Typ., 1psec RMS Max
None <3ppm 1st/yr, <1ppm every year thereafter
Actual CCLD-034-50-250.000MHz Plot
Rev.: E Date: 10-10-07
CCLD-034 5x7mm SMD LVDS Clock Oscillator
PART NUMBER GUIDE CCLD - 034 X - 50 - 311.040
#1 #2 #3 #4 #5 #1 Crystek LVDS Osc. #2 Model 034 #3 Temp. Range (Blank=0/70C)(M=-20/70C)(X=-40/85C) #4 Stability: (see Table 1) #5 Frequency in MHz: 3 or 6 decimal places
Blank(std) 50 25 20
Stability Indicator
100ppm 50ppm 25ppm 20ppm
Standard Values
(50ppm, 0/70C) 200.000MHz 212.500MHz 250.000MHz 311.040MHz 312.500MHz
Example: CCLD-034X-50-311.040 3.3V, -40/85C, 50ppm, 311.0400 MHz
Table 1
Thermal Shock: MIL-STD-883, Method 1011, Condition A Moisture Resistance: MIL-STD-883, Method 1004
Environmental:
TEMPERATURE
Shock: Solderability: Vibration: Solvent Resistance: Resistance to Soldering Heat:
Mechanical:
MIL-STD-883, Method 2002, Condition B MIL-STD-883, Method 2003 MIL-STD-883, Method 2007, Condition A MIL-STD-202, Method 215 MIL-STD-202, Method 210, Condition I or J
RECOMMENDED REFLOW SOLDERING PROFILE
260C 217C 200C 150C
Ramp-Up 3C/Sec Max. Critical Temperature Zone Ramp-Down 6C/Sec.
Preheat 180 Secs. Max. 8 Minutes Max.
90 Secs. Max. 260C for 10 Secs. Max.
NOTE: Reflow Profile with 240C peak also acceptable.
0.274 0.007 (6.96 0.18)
Tri-State Function
0.193 0.007 (4.90 0.18) 0.045 0.008 (1.14 0.20)
Part Number Frequency DC Lot Code
SUGGESTED PAD LAYOUT
Open or N/C
Pin #1 State
Denotes pad 1
0.055 Typ (1.40 Typ) 0.045 0.008 (1.14 0.20) #1 #6 #2 #5 #3 #4
"1" level 0.7*Vcc Min "0"level 0.3*Vcc Max
Active
Active High Z
Output State
via to ground 0.01F 6 5
0.050 (1.27)
4 0.154 (3.91)
Pad
1 2 3 4 5 6
Connection
N/C GND Out Comp. Out VCC
Enable/Disable
0.071 (1.80)
1
2
3
0.100 (2.54) 0.200 (5.08)
0.100 (2.54) 0.200 (5.08)
Rev.: E Date: 10-10-07


▲Up To Search▲   

 
Price & Availability of CCLD-034

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X