Part Number Hot Search : 
SSI80C60 ZVN4424G SDA2085 ICS8735 SC530 IRF740 AN4221 AM252
Product Description
Full Text Search
 

To Download CAR0603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAR Series
ThinFilmPrecisionionChipResistor
* * * * *
Resistances from 1 Ohm to 2MOhms Power Rating 0.06 to 0.5 Watt Resistance Tolerances to 0.01% TCR's to 5 ppm/K Sizes: 0402 / 0603 / 0805 / 1206 / 2010 / 2512
SPECIFICATIONS
Type Power Rating (W) at 70C special high power rating Resistance Range (W) Tolerances (depending on value) Temperature Coefficient (depending on value) Dimensions (LxW) mm [inches] Packaging (pcs) Tape and Reel 1.00x0.50 [0.04x0.02] 10,000 1.60x0.80 [0.06x0.03] 2.00x1.25 [0.08x0.05] 5,000 CAR0402 0.0625 CAR0603 0.0625 0.1 2to400k CAR0805 0.1 0.125 1to1M 0.01%/0.05%/0.1%/0.25%/0.5%/1% 5to50 3.10x1.55 [0.12x0.06] 5.00x2.50 [0.20x0.10] 4,000 6.30x3.10 [0.25x0.12] CAR1206 0.125 0.25 CAR2010 0.25 CAR2512 0.5
50to100k
1to2M
Pow er Derating Curve 100 80 Power (%) 60 40 20 0 0 20 40 60 70 80 100 120 140 155 Am bient Tem perature (C)
Ordering Information
PartNumber-Resistance-Tolerance-TCR-Packaging Example:CAR040250Ohms0.05%25ppm
(Note: if no TCR is specified: The highest value will be supplied)
Riedon Inc.
300CypressAvenue
AlhambraCA91801 www.riedon.com
(626)284-9901
(626)284-1704 Page1
rev.03/2006A


▲Up To Search▲   

 
Price & Availability of CAR0603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X