Part Number Hot Search : 
MDSF1 40014 M2560 MBRB2 7139A T2001 18F6622 185N55
Product Description
Full Text Search
 

To Download BYT01-400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BYT01-400
HIGH EFFICIENCY ULTRAFAST DIODE
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) trr (max) 1A 400 V 150C 1.4 V 25 ns
FEATURES AND BENEFITS Very low conduction losses Negligible switching losses Low forward & reverse recovery times
s s s
DO-15 BYT01-400
DESCRIPTION The BYT01-400 which is using ST's 400V planar technology, is specially suited for switching mode base drive & transistor circuits. The device, which is available in axial (DO-15) package, is also intended for use as a free wheeling diode in power supplies and other power switching applications. ABSOLUTE RATINGS (limiting values) Symbol VRRM IF (AV) IFSM Tstg Tj Parameter Repetive peak reverse voltage Average forward current Surge non repetitive forward current Storage temperature range Maximum operating junction temperature TI = 80C = 0.5 Value 400 1 30 - 65 to +150 150 Unit V A A C C
tp = 10ms Sinusoidal
October 2001 - Ed: 2A
1/5
BYT01-400
THERMAL PARAMETERS Symbol Rth(j-a) Junction to ambient* Parameter Value 45 Unit C/W
* On infinite heatsink with 10mm lead length.
STATIC ELECTRICAL CHARACTERISTICS Symbol IR* Parameters Reverse leakage current Test Conditions Tj = 25C Tj = 100C VF** Forward voltage drop Tj = 25C Tj = 100C Pulse test: * tp = 5ms, < 2% ** tp = 380s, < 2% To evaluate the maximum conduction losses use the following equation: P = 1.1 x IF(AV) + 0.25 IF2(RMS) IF = 1A 1.0 VR = VRRM 0.1 Min. Typ. Max. 20 0.5 1.5 1.4 Unit A mA V
DYNAMIC ELECTRICAL CHARACTERISTICS Symbol trr Parameter Reverse recovery time Tj = 25C Test Conditions IF = 0.5A IR = 1A Irr = 0.25A IF = 1A dIF/dt = - 15A/s VR = 30V tfr Forward recovery time Forward recovery voltage Tj = 25C IF = 1A dIF/dt = 50A/s VFR = 1.1 x VFmax IF = 1A dIF/dt = 50A/s 60 Min. Typ. 16 Max. 25 Unit ns
55
ns
VFP
Tj = 25C
9.5
V
2/5
BYT01-400
Fig. 1: Average forward power dissipation versus average forward current.
PF(av)(W)
1.8 1.6 1.4 1.2 1.0
=1 = 0.05 = 0.1 = 0.2 = 0.5
Fig. 2: Average forward current versus ambient temperature ( = 0.5)
IF(av)(A)
1.2
Rth(j-a)=Rth(j-l)
1.0 0.8 0.6
0.8 0.6 0.4 0.2 0.0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
T
Rth(j-a)=100C/W
0.4 0.2
IF(av)(A)
=tp/T
Tamb(C)
tp
0.0 0 25 50 75 100 125 150
Fig. 3: Thermal resistance versus lead length.
Fig. 4: Relative variation of thermal impedance junction ambient versus pulse duration (printed circuit board epoxy FR4, Lleads = 10mm).
Zth(j-a)/Rth(j-a)
1.0
Rth(C/W)
110
Rth(j-a)
100 90 80 70 60 50 40 30 20 10 0 5 10 15 20 25
0.9 0.8 0.7 0.6
Rth(j-l)
= 0.5
0.5 0.4 0.3 0.2
= 0.2 = 0.1 Single pulse
T
Lleads(mm)
0.1 0.0
tp(s)
1.E+00 1.E+01
=tp/T
1.E+02
tp
1.E-01
1.E+03
Fig. 5: Forward voltage drop versus forward current.
Fig. 6: Junction capacitance versus reverse voltage applied (typical values).
C(pF)
10 9
F=1MHz Vosc=30mV Tj=25C
IFM(A)
100.0
Tj=100C (Typical values)
8 7
10.0
Tj=100C (Maximum values)
6 5 4
1.0
Tj=25C (Maximum values)
3 2 1 0
VFM(V)
0.1 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VR(V)
1 10 100 1000
3/5
BYT01-400
Fig. 7: Forward recovery time versus dIF/dt (90% confidence).
tfr(ns)
100
IF=1A Tj=100C
Fig. 8. Transient peak forward voltage versus dIF/dt (90% confidence).
VFP(V)
15.0
IF=1A Tj=100C
80
12.5
10.0
60
7.5
40
5.0
20
2.5
dIF/dt(A/s)
0 0 10 20 30 40 50 60 70 80 90 100
dIF/dt(A/s)
0.0 0 10 20 30 40 50 60 70 80 90 100
Fig. 9: Peak reverse recovery current versus dIF/dt (90% confidence).
IRM(A)
2.5
IF=1A VR=200V
Fig. 10: Dynamic parameters versus junction temperature.
%
300
IF=1A dIF/dt=-50A/s VR=30V Qrr
2.0
250
1.5
Tj=100C
trr
200
IRM
1.0
150
0.5
Tj=25C
dIF/dt(A/s)
0.0 1 10 100
Tj(C)
100 25 50 75 100 125 150
Fig. 11: Non repetitive surge peak current versus number of cycles.
IFSM(A)
35
Tj initial=25C
30 25 20 15 10 5
Number of cycles
0 1 10 100 1000
4/5
BYT01-400
PACKAGE MECHANICAL DATA DO-15
C
A
C
D
B
DIMENSIONS REF. Millimeters Min.
A B C D 6.05 2.95 26 0.71
Inches Min.
0.238 0.116 1.024 0.028
Max.
6.75 3.53 31 0.88
Max.
0.266 0.139 1.220 0.035
Ordering code BYT01-400 BYT01-400RL
s
Marking BYT01-400 BYT01-400
Package DO-15 DO-15
Weight 0.4 g 0.4 g
Base qty 1000 6000
Delivery mode Ammopack Tape & Reel
s
s
Cooling method: by conduction (method A) Epoxy meets UL 94,V0 Bending method: Application note AN1471
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia -Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of BYT01-400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X