Part Number Hot Search : 
C2500 KSC1815O AN5891K KF450BV LT1721 B3925 90160 YM3802
Product Description
Full Text Search
 

To Download BY396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
3.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
Mechanical Dimensions
JEDEC D0-201AD
.190 .210 .285 .375 1.00 Min.
BY396 . . . 399 Series
Description
.050 typ.
Features
n FAST SWITCHING FOR HIGH EFFICIENCY n HIGH SURGE CAPABILITY n 3.0 AMP OPERATION @ TA = 50C, WITH NO THERMAL RUNAWAY n MEETS UL SPECIFICATION 94V-0
BY396 . . . 399 Series Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) TA = 50C Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Current & Temp Operating & Storage Temperature Range...TJ, TSTRG Electrical Characteristics Maximum Forward Voltage @ 3.0A...VF Maximum DC Reverse Current...IR @ Rated DC Blocking Voltage Maximum Thermal Resistance...RJC Maximum Reverse Recovery Time...tRR @ IF = 10mA, IR = 10mA, IRR = 1mA Page 4-12 ............................................. 1.3 ............................................... BY396 100 70 100 BY397 200 140 200 BY398 400 280 400 BY399 800 560 800
Units
Volts Volts Volts Amps
............................................. 3.0 ...............................................
............................................. 100 ...............................................
Amps
........................................ -50 to 150 .........................................
C
Volts
............................................. 1 0 ............................................... Amps ............................................. 3 0 ............................................... ............................................. 500 ............................................... C / W ns
Data Sheet
3.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
Thermal Resistance Junction & Ambient Thermal Resistance (C / W) 90 80 60 40 20 0 10 20 30 Lead Length (mm) Typical Junction Capacitance 35
Typ. Max.
Forward Current Derating Curve Average Forward Current (A) 1.5 R Load LL = 10mm
1.0
.5
C Load
0
25 50 75 100 125 150 175 Ambient Temperature (C)
Instantaneous Forward Characteristics 1000 500 Forward Current (A) 100 10 1 .1 .01 .001 0 .2 .4 .6 .8 1.0 1.2 1.4 Forward Voltage (V)
Max.
15 Junction Capacitance (pF)
Typ.
10
TJ = 25C
5
F = 1 MHz
0
1
10
100
1000
Reverse Voltage (V)
Non-Inductive (+) 25 VDC (-) 50 D.U.T 1 NonInductive 10 (-)
Pulse Generator Note 2
+.5A
Reverse Recovery Characteristics tRR
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 Hz Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Oscilliscope Note 1
(+)
0A -.25A
Notes: 1 . Rise Time = 7 ns Max. Impedance = 1 megohm, 22 pF 2 . Rise Time = 10 ns Max. Source Impedance = 50 Ohms
-1.0A
1 cm Time Base Set @ 50/100ns/cm
NOTES: 1. Measured @ 1 MHz and applied reverse voltage of 4.0V. 2. Thermal Resistance Junction to Case, Jedec Method.
Page 4-13
BY396 . . . 399 Series


▲Up To Search▲   

 
Price & Availability of BY396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X