Part Number Hot Search : 
001456 630D101 2N2221AX 2000411 000WD SS110L SK74150 2N2221AX
Product Description
Full Text Search
 

To Download BAW56W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Surface mount switching diode
FEATURES
For high-speed switching Applications. Common anode
Production specification
BAW56W
Pb
Lead-free
APPLICATIONS
High speed switching application. SOT-323
ORDERING INFORMATION
Type No. BAW56W Marking KJC Package Code SOT-323
MAXIMUM RATING @ Ta=25 unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working peak reverse voltage DC Reverse Voltage Forward Continuous Current Surge forward Current Power Dissipation Operating Junction Temperature Range Storage Temperature Range Symbol VRRM VRWM VR IF IFS Pd Tj TSTG 200 4.5 250 150 -55 to +150 mA A mW 70 V Limits Unit
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Characteristic Reverse Breakdown Voltage Symbol V(BR)R Min 70 MAX 715 855 1000 1250 2.5 2 6 UNIT V Test Condition IR= 100A IF=1mA IF=10mA IF=50mA IF=150mA VR=70V VR=0V,f=1MHz IF=IR=10mA f=1MHz
Forward Voltage
VF
-
V
Reverse Leakage Current Diode Capacitance Reverse Recovery Time
IR CD trr
-
A pF ns
Document number: BL/SSSDF009 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Surface mount switching diode
Production specification
BAW56W
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSDF009 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Surface mount switching diode
PACKAGE OUTLINE
Plastic surface mounted package
Production specification
BAW56W
SOT-323
SOT-323
Dim A B C D E G H J K Min 1.8 1.15 0.15 0.25 1.2 0.02 2.1 Max 2.2 1.35 0.35 0.40 1.4 0.1 2.3
1.0Typical
0.1Typical
All Dimensions in mm
PACKAGE INFORMATION
Device BAW56W Package SOT-323 Shipping 3000/Tape&Reel
Document number: BL/SSSDF009 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of BAW56W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X